Part Number Hot Search : 
HD74C 150MC 00N04 Z844108P TD200A APW70 00130 MR18R
Product Description
Full Text Search
 

To Download BR301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating - 50 amperes peak low forward voltage drop small size; simple installation tinned copper leads mounting position: any mounting:thru hole for #6 screw maximum ratings and electrical characteristics characteristics symbol br3005 BR301 br302 br304 br306 br308 br310 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 30 70 140 280 420 560 700 v maximum average tc=50 (note1) forward rectified output t c =100 (note1) current at t a =50 (note2) peak forward surage current 8.3ms single half sine-wave super imposed on rated load maximum forward voltage drop per bridge element at 1.5a peak maximum reverse current at rated t a =25 ua dc blocking voltage per element t a =100 ma operating temperature range t j storage temperature range t stg ~ 341 ~ for capacitive load, derate current by 20% 2.0 single phase, half wave ,60hz, resistive or inductive load. v 1.1 50 i r 10.0 rating at 25 ambient temperature unless otherwise specified. -55 to +125 2. unit mounted on p.c. board notes:1.unit mounted on metal chassis -55 to +125 1.0 v f i fsm a br3005 thru br310 a silicon bridge rectifiers i (av) 3.0 2.0 reverse voltage - 50 to 1000 volts forward current - 3.0 amperes dimensions in inches and (milimeters) br3 no.6 screw hole for .374(9.50) .413(10.50) .580(14.96) .620(15.71) .413(10.50) .374(9.50) .028(0.71) .032(0.81) (19.0) .750 min. .268(6.8) .228(5.8) .580(14.96) .620(15.71)
rating and charactertic curves br3005 thru br310 ~ 342 ~ temperature. flg.2-derating curve output rectified current a v e r a g e f o r w a r d o u t p u t c u r r n t a m p e r e s 5 4 3 2 1 0 0 50 100 150 flg.3-typical forward characteristics instantaneous forward voltage,volts i n s t a n t a n e o u s f o r w a r d c u n r r e n t , a m p e r e s 0.4 10 1.0 0.1 0.01 0.8 1.0 1.2 1.4 1.6 0.6 t j =25 number of cycles at 60h z p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s fig.1-maximum forward surge current 0 10 20 30 40 50 60 10 1 100 t a =25 fig.4-typical reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s 10 0.1 0 20 40 60 80 100 120 140 1.0 t j =25


▲Up To Search▲   

 
Price & Availability of BR301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X