Part Number Hot Search : 
AD741 RF160A FST4040 30M25 MC146818 C3052 12N120 30M25
Product Description
Full Text Search
 

To Download AT25128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 8-lead soic 1 2 3 4 8 7 6 5 cs so wp gnd vcc hold sck si features ? serial peripheral interface (spi) compatible  supports spi modes 0 (0,0) and 3 (1,1)  low-voltage and standard-voltage operation ? 2.7 (v cc = 2.7v to 5.5v) ? 1.8 (v cc = 1.8v to 5.5v)  3 mhz clock rate  64-byte page mode and byte write operation  block write protection ? protect 1/4, 1/2, or entire array  write protect (wp ) pin and write disable instructions for both hardware and software data protection  self-timed write cycle (5 ms typical)  high-reliability ? endurance: 100,000 write cycles ? data retention: >200 years  automotive grade, extended temperature and lead-free devices available  8-lead pdip, 8-lead eiaj soic, 8-lead and 16-lead jedec soic, 14-lead and 20-lead tssop, 8-lead leadless array and 8-ball dbga ? packages description the AT25128/256 provides 131,072/262,144 bits of serial electrically-erasable pro- grammable read only memory (eeprom) organized as 16,384/32,768 words of 8 bits each. the device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. the devices are available in space saving 8-lead pdip (AT25128/256), 8-lead eiaj soic (AT25128/256), 8-lead r e v . 0 8 72 n ? s e e p r ? 7 / 0 3 *note: pins 3, 4 and 17, 18 are internally connected for 14-lead tssop socket compatibility. spi serial eeproms 128k (16,384 x 8) 256k (32,768 x 8) AT25128 at25256 pin configurations pin name function cs chip select sck serial data clock si serial data input so serial data output gnd ground vcc power supply wp write protect hold suspends serial input nc no connect dc don't connect 20-lead tssop* 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 nc cs so so nc nc wp gnd dc nc nc vcc hold hold nc nc sck si dc nc 8-lead pdip 1 2 3 4 8 7 6 5 cs so wp gnd vcc hold sck si 16-lead soic 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 cs so nc nc nc nc wp gnd vcc hold nc nc nc nc sck si 14-lead tssop 1 2 3 4 5 6 7 14 13 12 11 10 9 8 cs so nc nc nc wp gnd vcc hold nc nc nc sck si 8-lead leadless array bottom view 1 2 3 4 8 7 6 5 vcc hold sck si cs so wp gnd 8-ball dbga bottom view vcc hold sck si cs so wp gnd 1 2 3 4 8 7 6 5
2 AT25128/256 0872n?seepr?7/03 and 16-lead jedec soic (AT25128), 14-lead tssop (AT25128), 20-lead tssop (AT25128/256), 8-lead leadless array (at25256), and 8-ball dbga packages. in addition, the entire family is available in 2.7v (2.7v to 5.5v) and 1.8v (1.8v to 5.5v) versions. the AT25128/256 is enabled through the chip select pin (cs ) and accessed via a 3-wire interface consisting of serial data input (si), serial data output (so), and serial clock (sck ). all programming cycles are comp letely self-timed, and no sep- arate erase cycle is required before write. block write protection is enabled by programming the status r egister with top ?, top ? or entire array of write protec- tion. separate program enable and program disable instructions are provided for additional data protection. hardware data protection is provided via the wp pin to protect against inadvertent write attempts to the status register. the hold pin may be used to suspend any serial communication without resetting the serial sequence. block diagram absolute maximum ratings* operating temperature . ................................. -55 c to +125 c *notice: stresses beyond those listed under ?absolute maxi- mum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi- tions beyond those indicated in the operational sec- tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65 c to +150 c voltage on any pin with respect to ground .....................................-1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma 16384/32768 x 8
3 AT25128/256 0872n?seepr?7/03 note: 1. this parameter is characterized and is not 100% tested. note: 1. v il and v ih max are reference only and are not tested. pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted). symbol test conditions max units conditions c out output capacitance (so) 8 pf v out = 0v c in input capacitance (cs , sck, si, wp , hold )6pfv in = 0v dc characteristics applicable over recommended operating range from t ai = -40c to +85c, v cc = +1.8v to +5.5v, t ae = -40 c to +125 c, v cc = +1.8v to +5.5v(unless otherwise noted). symbol parameter test condition min typ max units v cc1 supply voltage 1.8 5.5 v v cc2 supply voltage 2.7 5.5 v v cc3 supply voltage 4.5 5.5 v i cc1 supply current v cc = 5.0v at 1 mhz, so = open, read 2.0 3.0 ma i cc2 supply current v cc = 5.0v at 2 mhz, so = open, read, write 3.0 5 .0 ma i sb1 standby current v cc = 1.8v, cs = v cc 0.1 2 .0 a i sb2 standby current v cc = 2.7v, cs = v cc 0.2 2 .0 a i sb3 standby current v cc = 5.0v, cs = v cc 2.0 5 .0 a i il input leakage v in = 0v to v cc -3.0 3.0 a i ol output leakage v in = 0v to v cc , t ac = 0 c to 70 c -3.0 3.0 a v il (1) input low-voltage -1.0 v cc x 0.3 v v ih (1) input high-voltage v cc x 0.7 v cc + 0.5 v v ol1 output low-voltage 4.5 v cc 5.5v i ol = 3.0 ma 0.4 v v oh1 output high-voltage i oh = -1.6 ma v cc - 0.8 v v ol2 output low-voltage 1.8v v cc 3.6v i ol = 0.15 ma 0.2 v v oh2 output high-voltage i oh = -100 a v cc - 0.2 v
4 AT25128/256 0872n?seepr?7/03 ac characteristics applicable over recommended operating range from t ai = -40 c to + 85 c, t ae = -40 c to +125 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter voltage min max units f sck sck clock frequency 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 0 0 0 3.0 2.1 0.5 mhz t ri input rise time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 2 2 2 s t fi input fall time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 2 2 2 s t wh sck high time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 150 200 800 ns t wl sck low time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 150 200 800 ns t cs cs high time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 250 250 1000 ns t css cs setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 100 250 1000 ns t csh cs hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 150 250 1000 ns t su data in setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 30 50 100 ns t h data in hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 50 50 100 ns t hd hold setup time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 100 100 400 ns t cd hold hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 200 300 400 ns t v output valid 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 0 0 0 150 200 800 ns t ho output hold time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 0 0 0 ns t lz hold to output low z 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 0 0 0 100 200 300 ns
5 AT25128/256 0872n?seepr?7/03 note: 1. this parameter is characterized and is not 100% tested. contact atmel for further information. serial interface description master: the device that generates the serial clock. slave: because the serial clock pin (sck) is always an input, the AT25128/256 always operates as a slave. transmitter/receiver: the AT25128/256 has seperate pins designated for data transmission (so) and reception (si). msb: the most significant bit (msb) is the first bit transmitted and received. serial op-code: after the device is selected with cs going low, the first byte will be received. this byte contains the op-code that defines the operations to be performed. invalid op-code: if an invalid op-code is received, no data will be shifted into the AT25128/256, and the serial output pin (so) w ill remain in a high impedance state until the falling edge of cs is detected again. this will reinitialize the serial communication. chip select: the AT25128/256 is selected when the cs pin is low. when the device is not selected, data will not be accepted via the si pin, and the serial output pin (so) will remain in a high impedance state. hold: the hold pin is used in conjunction with the cs pin to select the AT25128/256. when the device is selected and a serial sequence is underway, hold can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, the hold pin must be brought low while the sck pin is low. to resume serial communication, the hold pin is brought high while the sck pin is low (sck may still toggle during hold ). inputs to the si pin will be ignored while the so pin is in the high impedance state. write protect: the write protect pin (wp ) will allow normal read/write operations when held high. when the wp pin is brought low and wpen bit is ?1?, all write opera- tions to the status register are inhibited. wp going low while cs is still low will interrupt a write to the status register. if the internal write cycle has already been initiated, wp going low will have no effect on any write operation to the status register. the wp pin function is blocked when the wpen bit in the status register is ?0?. this will allow the user to install the AT25128/256 in a system with the wp pin tied to ground and still be able to write to the status register. all wp pin functions are enabled when the wpen bit is set to ?1?. t hz hold to output high z 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 100 200 300 ns t dis output disable time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 200 250 1000 ns t wc write cycle time 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 5 10 10 ms endurance (1) 5.0v, 25 c, page mode 100k write cycles ac characteristics (continued) applicable over recommended operating range from t ai = -40 c to + 85 c, t ae = -40 c to +125 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted). symbol parameter voltage min max units
6 AT25128/256 0872n?seepr?7/03 spi serial interface functional description the AT25128/256 is designed to interface directly with the synchronous serial periph- eral interface (spi) of the 6800 type series of microcontrollers. the AT25128/256 utilizes an 8-bit instruction register. the list of instructions and their operation codes are contained in table 1. all instructions, addresses, and data are transferred with the msb first and start with a high-to-low cs transition.. AT25128/256 table 1. instruction set for the AT25128/256 instruction name instruction format operation wren 0000 x110 set write enable latch wrdi 0000 x100 reset write enable latch rdsr 0000 x101 read status register wrsr 0000 x001 write status register read 0000 x011 read data from memory array write 0000 x010 write data to memory array
7 AT25128/256 0872n?seepr?7/03 write enable (wren): the device will power-up in the write disable state when v cc is applied. all programming instructions must therefore be preceded by a write enable instruction. write disable (wrdi): to protect the device against inadvertent writes, the write disable instruction disables all programming modes. the wrdi instruction is indepen- dent of the status of the wp pin. read status register (rdsr): the read status register instruction provides access to the status register. the ready/busy and write enable status of the device can be determined by the rdsr instruction. similarly, the block write protection bits indicate the extent of protection employed. these bits are set by using the wrsr instruc- tion . write status register (wrsr): the wrsr instruction allows the user to select one of four levels of protection. the AT25128/256 is divided into four array segments. top quarter (1/4), top half (1/2), or all of the memory segments can be protected. any of the data within any selected segment will therefore be read only. the block write pro- tection levels and corresponding status register control bits are shown in table 4. the three bits, bp0, bp1, and wpen are nonvolatile cells that have the same properties and functions as the regular memory cells (e.g. wren, t wc , rdsr). table 2. status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 wpen x x x bp1 bp0 wen rdy table 3. read status register bit definition bit definition bit 0 (rdy )bit 0 = 0 (rdy ) indicates the device is ready. bit 0 = 1 indicates the write cycle is in progress. bit 1 (wen) bit 1 = 0 indicates the device i s not write enabled. bit 1 = 1 indicates the device is write enabled. bit 2 (bp0) see table 4. bit 3 (bp1) see table 4. bits 4 - 6 are 0s when device is not in an internal write cycle. bit 7 (wpen) see table 5. bits 0 - 7 are 1s during an internal write cycle. table 4. block write protect bits level status register bits array addresses protected bp1 bp0 AT25128 at25256 0 0 0 none none 1(1/4) 0 1 3000 - 3fff 6000 - 7fff 2(1/2) 1 0 2000 - 3fff 4000 - 7fff 3(all) 1 1 0000 - 3fff 0000 - 7fff
8 AT25128/256 0872n?seepr?7/03 the wrsr instruction also allows the user to enable or disable the write protect (wp ) pin through the use of the write protect enable (wpen) bit. hardware write protection is enabled when the wp pin is low and the wpen bit is ?1?. hardware write protection is disabled when ei t h e r the wp pin is high or the wpen bit is ?0.? when the device is hard- ware write protected, writes to the status register, including the block protect bits and the wpen bit, and the block-protected sections in the memory array are disabled. writes are only allowed to sections of the memory which are not block-protected. note: when the wpen bit is hardware write protected, it cannot be changed back to ?0?, as long as the wp pin is held low. read sequence (read): reading the AT25128/256 via the so (serial output) pin requires the following sequence. after the cs line is pulled low to select a device, the read op-code is transmitted via the si line followed by the byte address to be read (refer to table 6). upon completion, any data on the si line will be ignored. the data (d7 - d0) at the specified address is then shifted out onto the so line. if only one byte is to be read, the cs line should be driven high after the data comes out. the read sequence can be continued since the byte address is automatically incremented and data will continue to be shifted out. when the highest address is reached, the address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read cycle. write sequence (write): in order to program the AT25128/256, two separate instructions must be executed. first, the device must be write enabled via the write enable (wren) instruction. then a write (write) instruction may be executed. also, the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block write protection level. during an internal write cycle, all commands will be ignored except the rdsr instruction. a write instruction requires the following sequence. after the cs line is pulled low to select the device, the write op-code is transmitted via the si line followed by the byte address and the data (d7 - d0) to be programmed (refer to table 6). programming will start after the cs pin is brought high. (the low-to-high transition of the cs pin must occur during the sck low time immediately after clocking in the d0 (lsb) data bit. the ready/busy status of the device can be determined by initiating a read sta- tus register (rdsr) instruction. if bit 0 = 1, the write cycle is still in progress. if bit 0 = 0, the write cycle has ended. only the read status register instruction is enabled during the wr ite programming cycle. table 5. wpen operation wpen wp wen protected blocks unprotected blocks status register 0 x 0 protected protected protected 0 x 1 protected writable writable 1 low 0 protected protected protected 1 low 1 protected writable protected x high 0 protected protected protected x high 1 protected writable writable
9 AT25128/256 087 2 n ? s e e p r ? 7/03 the AT25128/256 is capable of a 64-byte page write operation. after each byte of data is received, the six low order address bits are internally incremented by one; the high order bits of the address will remain constant. if more than 64 bytes of data are transmitted, the address count er will roll over and the previously written data will be overwritten. the AT25128/256 is automatically returned to the write disable state at the completion of a write cycle. note: if the device is not write enabled (wren), the device will ignore the write instruction and will return to the standby state, when cs is brought high. a new cs fall- ing edge is required to re-initiate the serial communication. table 6. address key address AT25128 at25256 a n a 13 - a 0 a 14 - a 0 don?t care bits a 15 - a 14 a 15
10 AT25128/256 0 8 72 n ? s e e p r ? 7 / 0 3 timing diagrams (for spi mode 0 (0, 0)) synchronous data timing wren timing wrdi timing so v oh v ol hi-z hi-z t v valid in si v ih v il t h t su t dis sck v ih v il t wh t csh cs v ih v il t css t cs t wl t ho
11 AT25128/256 087 2 n ? s e e p r ? 7/03 rdsr timing wrsr timing read timing cs sck 01234567891011121314 si instruction so 76543210 data out msb high impedance 15
12 AT25128/256 0872n?seepr?7/03 write timing hold timing so sck hold t cd t hd t hz t lz t cd t hd cs
13 AT25128/256 0872n?seepr?7/03 note: for 2.7v devices used in the 4.5v to 5.5v range, please refer to performance values in the ac and dc characteristics table s. AT25128 ordering information ordering code package operation range AT25128-10pi-2.7 AT25128n-10si-2.7 AT25128w-10si-2.7 AT25128-10ui-2.7 AT25128n1-10si-2.7 AT25128t1-10ti-2.7 8p3 8s1 8s2 8u4 16s1 14a2 industrial (-40 c to 85 c) AT25128-10pi-1.8 AT25128n-10si-1.8 AT25128w-10si-1.8 AT25128-10ui-1.8 AT25128n1-10si-1.8 AT25128t1-10ti-1.8 8p3 8s1 8s2 8u4 16s1 14a2 industrial (-40 c to 85 c) AT25128n-10sj-2.7 AT25128n-10sj-1.8 8s1 8s1 lead-free/industrial temperature (-40 c to 85 c) AT25128n-10se-2.7 8s1 high grade/extended temperature (-40 c to 125 c) package type 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8u4 8-ball, die ball grid array package (dbga) 16s1 16-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 14a2 14-lead, 0.170" wide, thin shrink small outline package (tssop) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
14 AT25128/256 0872n?seepr?7/03 note: for 2.7v devices used in the 4.5v to 5.5v range, please refer to performance values in the ac and dc characteristics table s. at25256 ordering information ordering code package operation range at25256-10pi-2.7 at25256w-10si-2.7 at25256-10ci-2.7 at25256-10ui-2.7 at25256t2-10ti-2.7 8p3 8s2 8cn3 8u3 20a2 industrial (-40 c to 85 c) at25256-10pi-1.8 at25256w-10si-1.8 at25256-10ci-1.8 at25256-10ui-1.8 at25256t2-10ti-1.8 8p3 8s2 8cn3 8u3 20a2 industrial (-40 c to 85 c) at25256w-10sj-2.7 at25256w-10sj-1.8 8s2 8s2 lead-free/industrial temperature (-40 c to 85 c) at25256w-10se-2.7 8s2 high grade/extended temperature (-40 c to 125 c) package type 8p3 8-lead, 0.300" wide, plastic dual in-line package (pdip) 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8cn3 8-lead, 0.230" wide, leadless array package (lap) 8u3 8-ball, die ball grid array package (dbga) 20a2 20-lead, 0.170" wide, thin shrink small outline package (tssop) options -2.7 low-voltage (2.7v to 5.5v) -1.8 low-voltage (1.8v to 5.5v)
15 AT25128/256 0872n?seepr?7/03 packaging information 8p3 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8p3 , 8-lead, 0.300" wide body, plastic dual in-line package (pdip) 01/09/02 8p3 b d d1 e e1 e l b2 b a2 a 1 n ea c b3 4 plcs top view side view end view common dimensions (unit of measure = inches) symbol min nom max note notes: 1. this drawing is for general information only; refer to jedec drawing ms-001, variation ba for additional information. 2. dimensions a and l are measured with the package seated in jedec seating plane gauge gs-3. 3. d, d1 and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch. 4. e and ea measured with the leads constrained to be perpendicular to datum. 5. pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 (0.25 mm). a 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b2 0.045 0.060 0.070 6 b3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2
16 AT25128/256 0872n?seepr?7/03 8s1 ? jedec soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. note: 10/10/01 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 a h 1 2 n 3 top view c e end view a b l a2 e d side view common dimensions (unit of measure = mm) symbol min nom max note this drawing is for general information only. refer to jedec drawing ms-012 for proper dimensions, tolerances, datums, etc. a ? ? 1.75 b ? ? 0.51 c ? ? 0.25 d ? ? 5.00 e ? ? 4.00 e 1.27 bsc h ? ? 6.20 l ? ? 1.27
17 AT25128/256 0872n?seepr?7/03 8s2 ? eiaj soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8s2 , 8-lead, 0.209" body, plastic small outline package (eiaj) 5/2/02 8s2 b top view side view end view h 1 n c e a b l a1 e d common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this drawing is for general information only; refer to eiaj drawing edr-7320 for additional information. 2. mismatch of the upper and lower dies and resin burrs aren't included. 3. it is recommended that upper and lower cavities be equal. if they are different, the larger dimension shall be regarded. 4. determines the true geometric position. 5. values b,c apply to pb/sn solder plated terminal. the standard thickness of the solder layer shall be 0.010 +0.010/-0.005 mm. a 1.78 2.03 a1 0.05 0.33 b 0.35 0.51 5 c 0.18 0.25 5 d 5.13 5.38 e 5.13 5.41 2, 3 h 7.62 8.38 l 0.51 0.89 e 1.27 bsc 4
18 AT25128/256 0872n?seepr?7/03 8cn3 ? lap 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8cn3 , 8-lead, (6 x 5 x 1.04 mm body), lead pitch 1.27 mm, leadless array package (lap) a 8cn3 11/14/01 pin1 corner marked pin1 indentifier 0.10 mm typ 4 3 2 1 5 6 7 8 top view l b e l1 e1 side view a1 a bottom view e d common dimensions (unit of measure = mm) symbol min nom max note a 0.94 1.04 1.14 a1 0.30 0.34 0.38 b 0.36 0.41 0.46 1 d 5.89 5.99 6.09 e 4.83 4.93 5.03 e 1.27 bsc e1 0.56 ref l 0.62 0.67 0.72 1 l1 0.92 0.97 1.02 1 note: 1. metal pad dimensions.
19 AT25128/256 0872n?seepr?7/03 8u3 ? dbga 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8u3 , 8-ball 0.75 pitch, die ball grid array package (dbga) at25256 (at19874) 01/09/02 8u3 a d e bottom view side view top view d e a2 a 4 3 2 1 8 7 6 5 e1 d1 a1 - z - z m 80.0 y x z m 51.0 ?b # # # # pin 1 mark this corner common dimensions (unit of measure = mm) symbol min nom max note d 3.86 d1 0.81 typ e 2.95 e1 1.10 typ e 0.75 typ d 0.75 typ a 0.90 ref a1 0.49 0.52 0.55 a2 0.35 0.38 0.41 ? b 0.47 0.50 0.53 notes: 1. this drawing is for general information only. no jedec drawing to refer to for additional information. 2. dimension is measured at the maximum solder ball diameter, parallel to primary datum z.
20 AT25128/256 0872n?seepr?7/03 8u4 ? dbga 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8u4 , 8-ball 0.75 pitch, die ball grid array package (dbga) AT25128 (at19875) 01/09/02 8u4 a top view side view bottom view d e d e a2 a 4 3 2 1 8 7 6 5 e1 d1 a1 - z - z m 80.0 y x z m 51.0 ?b # # # # pin 1 mark this corner common dimensions (unit of measure = mm) symbol min nom max note d 3.73 d1 0.74 typ e 2.21 e1 0.73 typ e 0.75 typ d 0.75 typ a 0.90 ref a1 0.49 0.52 0.55 a2 0.35 0.38 0.41 ? b 0.47 0.50 0.53 notes: 1. this drawing is for general information only. no jedec drawing to refer to for additional information. 2. dimension is measured at the maximum solder ball diameter, parallel to primary datum z.
21 AT25128/256 0872n?seepr?7/03 16s1 ? jedec soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 16s1 10/15/01 16s1 , 16-lead, 0.150" body, plastic gull wing small outline (soic ) a h 1 2 n 3 top view c e a b l a2 e d side view end view common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this drawing is for general information only; refer to jedec drawing ms-012 for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. l is the length of terminal for soldering to a substrate. 5. the lead width b, as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not exceed a maximum value of 0.61 mm (0.024 in). a 1.35 ? 1.75 b 0.33 ? 0.51 5 c 0.19 ? 0.25 d 9.80 ? 10.00 2 e 3.80 ? 4.00 3 e 1.27 bsc h 5.80 ? 6.20 4 l 0.40 ? 1.27
22 AT25128/256 0872n?seepr?7/03 14a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 12/28/01 14a2 ,14-lead (4.4 x 5 mm body), 0.65 pitch, thin shrink small outline package (tssop) 14a2 a l1 a l d a2 e e1 e b top view side view end view common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this drawing is for general information only. please refer to jedec drawing mo-153, variation ab-1 for additional information. 2. dimension "d" does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension "e1" does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the "b" dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension "d" and "e1" to be determined at datum plane h. d 4.90 5.00 5.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a 1.20 a2 0.80 1.00 1.05 b 0.19 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref
23 AT25128/256 0872n?seepr?7/03 20a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 6/3/02 20a2 , 20-lead (4.4 x 6.5 mm body), 0.65 pitch, thin shrink small outline package (tssop) 20a2 c a d a2 e e1 e b top view side view l1 l end view common dimensions (unit of measure = mm) symbol min nom max note d 6.40 6.50 6.60 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ? ? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref notes: 1. this drawing is for general information only. please refer to jedec drawing mo-153, variation ac, for additional information. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h.
p r i n t e d o n r e c yc l ed p a p e r . 0872 n ? s e e p r ? 7/03 x m disclaimer: atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standar d warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibi lity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi thout notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products are not aut horized for use as critical components in life support devices or systems. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 e-mail literature@atmel.com web site http://www.atmel.com ? atmel corporation 2003 . all rights reserved. atmel ? and combinations thereof, is the registered trade- marks, and dbga ? is the trademark of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT25128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X