Part Number Hot Search : 
F1010EL 4007G XP0431N PT501 CUS10F30 CY7C14 CXA1994 MP6TP
Product Description
Full Text Search
 

To Download AM4N-0515SH50Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am4n - z 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 51e r12 1 of 4 north america only features: ? rohs compliant ? operating temperature - 40 o c to + 85 o c ? 20% input voltage range ? 5kvac highest reinforced input/ output isolation ? low ripple and noise ? pin compatible with multiple manufacturers ? high efficiency up to 81% ? continuous short circu it protection models single output model input voltage (v) output voltage (v) output current max ( ma) isolation (v a c) efficiency (%) am4n - 0503sh50z 4 - 6 3.3 700 5000 74 am4n - 0505sh50z 4 - 6 5 700 5000 78 am4n - 0512sh50z 4 - 6 12 291 5000 80 am4n - 0515sh5 0z 4 - 6 15 233 5000 79 am4n - 1203sh50z 9.6 - 14.4 3.3 700 5000 76 am4n - 1205sh50z 9.6 - 14.4 5 700 5000 80 am4n - 1212sh50z 9.6 - 14.4 12 291 5000 81 am4n - 1215sh50z 9.6 - 14.4 15 233 5000 81 note: all specifications in this datasheet are measured at an ambient te mperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 5 12 4 - 6 9.6 - 14.4 vdc filter capacitors start up time 75 ms abs olute maximum rating 5 vin 12 vin 0 - 7 0 - 15 vdc no load input current 80 115 ma input reflected current(pk - pk) 35 ma isolation specifications parameters conditions typical maximum units tested i/o voltage 3 sec 5000 v a c resistance 1000 mohm capacitance 50 pf output specifications parameters conditions typical maximum units voltage accuracy 2 % short circuit protection continuous short circuit restart auto recovery short circuit consumption w line voltage regulation 0.2 % of vin load voltage regulation from 10% to 100% load 0.5 % temperature coefficient 0.02 %/ o c ripple & noise 20mhz bandwidth 85 mv p - p minimum load current 10 % of max general specifications parameters conditions typical maximum units switching frequency 100 % load 570 khz operating temperature - 40 to +85 (full load without derating) o c storage temperature - 55 to +125 o c
series am4n - z 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 51e r12 2 of 4 north america only general specifications (continued) parameters conditions typical maximum units maximum case temperature 100 o c derati ng none % / o c cooling natural convection humidity 95 % rh case material non conductive black plastic (ul94v - 0 rated) weight 12.5 g dimensions (l x w x h) 1.25 x 0.80 x 0.40 inches 31.75 x 20.32 x 10.16 mm mtbf > 1 000 000 h rs (mil - hdbk - 217f, ground benign, t=+25 o c) maximum soldering temperature 1.5mm from case for 10sec 260 o c safety specifications parameters agency approvals ce standards en 55022 class a en 55024 iec 61000 - 4 - 2 iec 61000 - 4 - 3 iec 61000 - 4 - 4 iec 61000 - 4 - 5 iec 6 1000 - 4 - 6 iec 61000 - 4 - 8 note: also d esigned to m eet iec 60601 - 1 pin out specifications n.c.: no connection pin single 2 - v input 3 - v input 11 n . c . 14 +v output 16 - v output 22 v+ input 23 v+ input
series am4n - z 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 51e r12 3 of 4 north america only dimensions 27.94 (1.10) 20.32 (0.80) 2.54 (0.10) printed face built-in stand-offs to ease pcb cleaning 10.15 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 31.75 (1.25) bottom view 2 3 11 14 22 23 all dimensions are typical: millimeters (inches) pin diameter: 0.50 0.05 (0.02 0.002) pin pitch tolerance: 0.35 (0.014) case tolerence: 0.5 (0.02) 1 24 10 12 15 13 0.25 (0.01) emi solution l1 c1 c3 dc/dc converter +v input -v input +v output load -v output c2
series am4n - z 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 51e r12 4 of 4 north america only eft/surge solution c 1 dc/dc converter +v input -v input +v output load -v output note: 1. datasheets are updated as needed and as such, specifications are subject to change without no tice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date ma nufactured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5 . aimtec may not hav e conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6 . this p roduct is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sy stems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet . 7 . warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com .


▲Up To Search▲   

 
Price & Availability of AM4N-0515SH50Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X