Part Number Hot Search : 
1C5567M0 A1771 1062254 MPSA18 500BF 611236 22102 500BF
Product Description
Full Text Search
 

To Download AM2LP-2424S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 2lp -nz 2 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .a 1 of 3 north america only features: ? smd package ? operating temperature - 40 o c to + 85 o c ? single output models ? input / output isolation 1000 vdc ? low r ipple and n oise ? pin compatible with multiple manufacturers ? high efficiency up to 8 1 % ? rohs compliant models single output model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am2lp - 0505s - nz 4.5 - 5.5 5 400 1000 78 am2lp - 0512s - nz 4.5 - 5.5 12 167 1000 79 am2lp - 0515s - nz 4.5 - 5.5 15 133 1000 80 am2lp - 1205s - nz 10.8 - 13.2 5 400 1000 78 am2l p - 1212s - nz 10.8 - 13.2 12 167 1000 80 am2lp - 1215s - nz 10.8 - 13.2 15 133 1000 81 am2lp - 2405s - nz 21.6 - 26.4 5 400 1000 78 am2lp - 2412s - nz 21.6 - 26.4 12 167 1000 80 am2lp - 2415s - nz 21.6 - 26.4 15 133 1000 81 am2lp - 2424s - nz 21.6 - 26.4 24 84 1000 80 note: all speci fications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 5 4.5 - 5.5 vd c 12 10.8 - 13.2 24 21.6 - 26.4 filter capacitor isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1000 vdc resistance 500vdc > 1000 mohm output specifications parameters conditions typical maximum units voltage accuracy see the tolerance graph 5 % short circuit protection momentary ( 1sec ) line voltage regulation for 1.0% of vin 1.2 % of vin load voltage regulation load 10 ? 100% 10 % temperature coefficient 0.03 %/ o c ripple & noise 20m hz bandwidth 150 mv p - p minimum load current 10 % of max if the operating output current is less than 10% of maximum it is recommended to install a load resist o r in parallel with the load to ensure the actual load current meets the minimum load curre nt requirement. general specifications parameters conditions typical maximum units switching frequency 100 % load 500 khz operating temperature without derating - 40 to +85 o c storage temperature - 55 to +125 o c maximum case temperature +95 o c cooli ng free air convection
series am 2lp -nz 2 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .a 2 of 3 north america only general specifications (continued) parameters conditions typical maximum units humidity 95 % rh case material plastic ul94 - vo weight 1.41 g dimensions (l x w x h) 0.50 x 0.30 x 0.24 inches 12.70 x 11.20 x 6.50 mm mtbf > 3,500,000 hours (mil - hdbk - 217f, ground benign, t=+25 o c) maximum soldering temperature 1.5mm from cas e for 10 sec 260 o c pin out specifications dimensions n.c: not connected tolerance graph recommended filter circuit pin single 1 - v input 2 + v input 3 n. c. 4 - v output 5 .+v output 6 n.c. 7 n.c. 8 n.c. a 0 . 30 (0 . 01) 1 . 50 (0 . 06 ) 0 . 50 (0 . 02 ) 5 . 00 o angle a 7 . 50 (0 . 30 ) 7 . 00 (0 . 28) 6 . 70 (0 . 26) top view front view side view 6 . 25 ( 0 . 25) 1 . 85 (0 . 07) 12. 70 (0 . 50 ) 2 . 54 (0 . 10 ) 1 11. 20 (0 . 44 ) 6 . 00 (0 . 24 ) 4 . 13 (0 . 16 ) 0 . 25 (0 . 01 ) all dimensions are in mm ( inch) all pins are on a 2 .54mm ( 0.10inch) pitch with tolerance of 0.25mm ( 0. 01inch) 0 . 60 (0 . 024 ) nominal voltage typical load line output current (%) o u tp u t vo l ta g e +2 . 5 % - 2 . 5 % - 7 . 5 % + 10 % + 5 % 10 % 50 % 100 % dc dc + cout + vout - vin single output + vin - vin + cin l l
series am 2lp -nz 2 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .a 3 of 3 north america only ? if it is required to decrease the input/output ripple, an ?lc? filter network can be installed on the input and output of the converter (see above). ? it should be noted that the inductance and the resonant frequency of the ?lc? filtering network should differ from the dc/dc converter switching frequency to avoid mutual interference. ? the capacitance of the output filter capacitor must not exc eed the values in the table below to avoid startup problems and ensure safe and reliable operation. ? it?s not recommended to connect any external capacitor in the application field when output loading is less than 0.5 watt. external capacitor tables inpu t capacitor (cin) output capacitor (cout ) note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certific ations on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output loa d unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com. vin (vdc) cin (uf) 5 4.7 12 2.2 24 0.47 single vout (vdc) cout (uf) 5 10 12 2.2 15 1 24 0.47


▲Up To Search▲   

 
Price & Availability of AM2LP-2424S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X