Part Number Hot Search : 
KBPC810S FR306G 2600ET TCSS221 NAV53HS 0509S FR306G 367117
Product Description
Full Text Search
 

To Download AM1N-0515SH60-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1 n - nz 1 watt | d c - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 1 of 3 north america only features: ? rohs compliant ? operating temperature - 40 o c to + 85 o c ? 24 pin dip package ? input / output isolation 6 000vdc ? low profile plastic package ? pin compatible with multiple manufacturers ? high efficiency up to 75 % ? ul94 - vo package models single out put model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am1n - 0505sh60 - n z 4. 5 - 5.5 5 200 6000 68 am1n - 0509sh60 - nz 4.5 - 5.5 9 111 6000 72 am1n - 0512sh60 - nz 4.5 - 5.5 12 84 6000 74 am1n - 0515sh60 - nz 4.5 - 5.5 15 67 6000 74 am1n - 1205sh60 - n z 1 0.8 - 13.2 5 200 6000 69 am1n - 1209sh60 - nz 10.8 - 13.2 9 111 6000 72 am1n - 1212sh60 - nz 10.8 - 13.2 12 84 6000 74 am1n - 1215sh60 - nz 10.8 - 13.2 15 67 6000 75 models dual output model input voltage (v) output vo ltage (v) output current max (ma) isolation (vdc) efficiency (%) am1n - 0505dh60 - nz 4.5 - 5.5 5 100 6000 68 am1n - 0509dh60 - nz 4.5 - 5.5 9 55 6000 72 am1n - 0512dh60 - nz 4.5 - 5.5 12 42 6000 74 am1n - 0515dh60 - nz 4.5 - 5.5 15 33 6000 74 am1n - 1205 dh60 - nz 10.8 - 13.2 5 100 6000 69 am1n - 1209dh60 - nz 10.8 - 13.2 9 55 6000 72 am1n - 1212dh60 - nz 10.8 - 13.2 12 42 6000 74 am1n - 1215dh60 - nz 10.8 - 13.2 15 33 6000 75 note: all specifications are measured at an ambient temperature of 25c, humi dity<75%, nominal input voltage and at rated output load unless otherwise specified. input specific a tions parameters nominal typical maximum units voltage range 5 12 4.5 - 5.5 10.8 - 13.2 vdc filter capacitor isolation specifications parameters condition s typical rated units tested i/o voltage 60 sec 6000 vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy see tolerance envelope graph short circuit protection momentary (1sec) line voltage regulation (single) for 1.0% of vin 1.2 % line voltage regulation (dual) for 1.0% of vin 1.2 % load voltage regulation (single) load 10 ? 100% 10 % load voltage regulation (dual) load 10 ? 100% 10 %
series am1 n - nz 1 watt | d c - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 2 of 3 north america only output spe cifications (continued) parameters conditions typical maximum units temperature coefficient 0.03 %/ o c ripple & noise at 20mhz bandwidth 75 mv p - p general specifications parameters conditions typical maximum units switching frequency 100 % load 250 khz operating temperature without derating - 40 to +85 o c storage temperature - 55 to +125 o c max case temperature 95 o c cooling free air convection humidity 90 % case material plastic ul94 - vo weight 16 g dimensions (l x w x h) 1.27 x 0.58 x 0.37 inches 32.30 x 14.7 0 x 9.40 mm mtbf >1 211 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) note: all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated out put load unless otherwi se specified. safety specifications parameters agency approvals c ul us standards ul60950 - 1 pin out specifications ext ernal capacitor ? single output e xternal capacitor ? dual output dimensions footprint 2 . 54 ( 0 . 10 ) 2 . 54 ( 0 . 01 ) 1 . 00 0 + 0 . 15 / - 0 pin single dual 1 + v input + v input 2 - v input - v input 8,17 n .c. - v output 10,15 - v output common 12,13 +v output +v output vin (vdc) external capacitor (f) vout (vdc) external capacitor (f) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - 15 1 vin (vdc) external capacitor (f) vout (vdc) extern al capacitor (f) 5 4.7 5 4.7 12 2.2 9 2.2 24 1 12 1 - - 15 0.47 32 . 30 ( 1 . 27 ) 14 . 70 ( 0 . 58 ) 9 . 40 ( 0 . 37 ) 27 . 94 ( 1 . 10 ) 4 . 00 ( 0 . 16 ) side view top view 0 . 65 ( 0 . 03 ) 2 . 54 ( 0 . 10 )
series am1 n - nz 1 watt | d c - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 3 of 3 north america only block diagram single output block diagram d ual output note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specificat ions. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 2 5c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other suc h applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com. tolerance envelope graph output current (%) o u t p u t v o l t a g e ( % ) t y p i c a l l o a d l i n e +10% +5 % +2 . 5 % -2 . 5 % -7 . 5 % 10 % 50% 100 % nominal voltage


▲Up To Search▲   

 
Price & Availability of AM1N-0515SH60-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X