Part Number Hot Search : 
2SK1491 EMICO AT29C020 INFINEON KBU6A A6810EA MBRB2 P00L0
Product Description
Full Text Search
 

To Download 74VHC4051MNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer may 2007 ?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer features wide analog input voltage range: ?v low ?n?resistance: 50 typ. (v cc ? ee = 4.5v) 30 typ. (v cc ? ee = 9v) logic level translation to enable 5v logic with ?v analog signals low quiescent current: 80? maximum matched switch characteristic pin and function compatible with the 74hc4051/ 4052/4053 general description these multiplexers are digitally controlled analog switches implemented in advanced silicon-gate cmos technology. these switches have low ?n?resistance and low ?ff?leakages. they are bidirectional switches, thus any analog input may be used as an output and vice-versa. also these switches contain linearization cir- cuitry which lowers the ?n?resistance and increases switch linearity. these devices allow control of up to ?v (peak) analog signals with digital control signals of 0 to 6v. three supply pins are provided for v cc , ground, and v ee . this enables the connection of 0?v logic signals when v cc = 5v and an analog input range of ?v when v ee = 5v. all three devices also have an inhibit control which when high will disable all switches to their off state. all analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to v cc and ground. vhc4051: this device connects together the outputs of 8 switches, thus achieving an 8 channel multiplexer. the binary code placed on the a, b, and c select lines determines which one of the eight switches is ?n? and connects one of the eight inputs to the common output. vhc4052: this device connects together the outputs of 4 switches in two sets, thus achieving a pair of 4-channel multiplexers. the binary code placed on the a, and b select lines determine which switch in each 4 channel section is ?n? connecting one of the four inputs in each section to its common output. this enables the imple- mentation of a 4-channel differential multiplexer. vhc4053: this device contains 6 switches whose out- puts are connected together in pairs, thus implementing a triple 2 channel multiplexer, or the equivalent of 3 single-pole-double throw configurations. each of the a, b, or c select lines independently controls one pair of switches, selecting one of the two switches to be ?n?
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 2 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer ordering information surface mount packages are also available on tape and reel. specify by appending the suffix letter ??to the ordering number. order number package number package description 74vhc4051m m16a 16-lead small outline integrated circuit (soic), jedec ms-012, 0.150 narrow 74vhc4051wm m16b 16-lead small outline integrated circuit (soic), jedec ms-013, 0.300 wide 74vhc4051mtc mtc16 16-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74vhc4051n n16e 16-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300 wide 74vhc4052m m16a 16-lead small outline integrated circuit (soic), jedec ms-012, 0.150 narrow 74vhc4052wm m16b 16-lead small outline integrated circuit (soic), jedec ms-013, 0.300 wide 74vhc4052mtc mtc16 16-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74vhc4053m m16a 16-lead small outline integrated circuit (soic), jedec ms-012, 0.150 narrow 74vhc4053wm m16b 16-lead small outline integrated circuit (soic), jedec ms-013, 0.300 wide 74vhc4053mtc mtc16 16-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 3 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer connection diagrams top view top view top view truth tables 74vhc4051 74vhc 4052 74vhc 4053 input ?n channel inh c b a h xxx none l lll y0 lllh y1 l lhl y2 llhh y3 lhll y4 l hlh y5 lhhl y6 l hhh y7 inputs ?n channels inh b a x y hx x none none lll 0x 0y llh 1x 1y lhl 2x 2y lhh 3x 3y input ?n channels inh c b a c b a h xxx none none none l lll cx bx ax lllhcx bx ay l lhl cx by ax llhhcx by ay lhllcy bx ax l hlh cy bx ay lhhlcy by ax l hhh cy by ay
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 4 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer logic diagrams 74vhc4051 74vhc4052
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 5 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer 74vhc4053
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 6 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer absolute maximum ratings (1) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. note: 1. unless otherwise specified all voltages are referenced to ground. 2. power dissipation temperature derating; plastic ??package: -12mw/? from 65? to 85?. recommended operating conditions the recommended operating conditions table defines the conditions for actual device operation. recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter rating v cc supply voltage ?.5 to +7.5v v ee supply voltage +0.5 to ?.5v v in control input voltage ?.5 to v cc +1.5v v io switch i/o voltage v ee ?.5 to v cc +0.5v i ik , i ok clamp diode current ?0ma i out output current, per pin ?5ma i cc v cc or gnd current, per pin ?0ma t stg storage temperature range ?5? to +150? p d po w er dissipation (2) s.o. package only 600mw 500mw t l lead temperature (soldering 10 seconds) 260? symbol parameter min. max. units v cc supply voltage 26v v ee supply voltage 06v v in , v out dc input or output voltage 0v cc v t a operating temperature range ?0 +85 ? t r , t f input rise or fall times v cc = 2.0v v cc = 4.5v v cc = 6.0v 1000 500 400 ns
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 7 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer dc electrical characteristics (3) notes: 3. for a power supply of 5v ?0% the worst case on resistances (r on ) occurs for vhc at 4.5v. thus the 4.5v values should be used when designing with this supply. worst case v ih and v il occur at v cc = 5.5v and 4.5v respectively. (the v ih value at 5.5v is 3.85v.) the worst case leakage current occur for cmos at the higher voltage and so the 5.5v values should be used. 4. at supply voltages (v cc ? ee ) approaching 2v the analog switch on resistance becomes extremely non-linear. therefore it is recommended that these devices be used to transmit digital only when using these supply voltages. 5. adjust 0db for f = 1khz (null r1/r on attenuation). symbol parameter conditions v ee v cc t yp. t a = 25? t a = ?0 to 85? units guaranteed limits v ih minimum high level input v oltage 2.0v 1.5 1.5 v 4.5v 3.15 3.15 6.0v 4.2 4.2 v il maximum low level input v oltage 2.0v 0.5 0.5 v 4.5v 1.35 1.35 6.0v 1.8 1.8 r on maximum ?n resistance (4) v inh = v il , i s = 2.0ma, v is = v cc to v ee (fig. 1) gnd 4.5v 40 160 200 ? ?.5v 4.5v 30 120 150 ?.0v 6.0v 20 100 125 v inh = v il , i s = 2.0ma, v is = v cc or v ee (fig. 1) gnd 2.0v 100 230 280 ? gnd 4.5v 40 110 140 ?.5v 4.5v 20 90 120 ?.0v 6.0v 15 80 100 r on maximum ?n resistance matching v inh = v il , v is = v cc to gnd gnd 4.5v 10 20 25 ? ?.5v 4.5v 5 10 15 ?.0v 6.0v 5 10 12 i n maximum control input current v in = v cc or gnd, v cc = 2 ?6v ?05 ?.5 ? i cc maximum quiescent supply current v in = v cc or gnd, i out = 0? gnd 6.0v 4 40 a ?.0v 6.0v 8 80 i iz maximum switch ?ff leakage current (switch input) v os = v cc or v ee , v is = v ee or v cc , v inh = v ih (fig. 2) gnd 6.0v ?0 ?00 na ?.0v 6.0v ?00 ?00 i iz maximum switch ?n leakage current vhc4051 v is = v cc to v ee , v inh = v il (fig. 3) gnd 6.0v ?.1 ?.0 ? ?.0v 6.0v ?.2 ?.0 vhc4052 v is = v cc to v ee , v inh = v il (fig. 3) gnd 6.0v ?.050 ?.5 ?.0v 6.0v ?.1 ?.0 vhc4053 v is = v cc to v ee , v inh = v il (fig. 3) gnd 6.0v ?.05 ?.5 ?.0v 6.0v ?.5 ?.5 i iz maximum switch ?ff leakage current (common pin) vhc4051 v os = v cc or v ee , v is = v ee or v cc , v inh = v ih gnd 6.0v ?.1 ?.0 ? ?.0v 6.0v ?.2 ?.0 vhc4052 v os = v cc or v ee , v is = v ee or v cc , v inh = v ih gnd 6.0v ?.05 ?.5 ?.0v 6.0v ?.1 ?.0 vhc4053 v os = v cc or v ee , v is = v ee or v cc , v inh = v ih gnd 6.0v ?.05 ?.5 ?.0v 6.0v ?.05 ?.5
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 8 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer ac electrical characteristics v cc = 2.0v ?6.0v, v ee = 0v ?6v, c l = 50pf (unless otherwise specified) symbol parameter conditions v ee v cc t a = 25? t a = 40 to 85? units t yp. guaranteed limits t phl , t plh maximum propagation delay switch in to out gnd 3.3v 25 35 40 ns gnd 4.5v 5 12 15 ?.5v 4.5v 4 8 12 ?.0v 6.0v 3 7 11 t pzl , t pzh maximum switch turn ?n delay r l = 1k ? gnd 3.3v 92 200 250 ns gnd 4.5v 69 87 ?.5v 4.5v 16 46 58 ?.0v 6.0v 15 41 51 t phz , t plz maximum switch turn ?ff delay gnd 3.3v 65 170 210 ns gnd 4.5v 28 58 73 ?.5v 4.5v 18 37 46 ?.0v 6.0v 16 32 41 f max minimum switch f requency response 20 log (v i /v o ) = 3db gnd 4.5v 30 mhz ?.5v 4.5v 35 control to switch f eedthrough noise r l = 600 ? , f = 1mhz, c l = 50pf v is = 4 v pp 0v 4.5v 1080 mv v is = 8 v pp ?.5v 4.5v 250 crosstalk between any tw o switches r l = 600 ? , f = 1 mhz v is = 4 v pp 0v 4.5 ?2 db v is = 8 v pp ?.5v 4.5v ?0 switch off signal f eedthrough isolation r l = 600 ? , f = 1 mhz, v ctl = v il v is = 4 v pp 0v 4.5v ?2 db v is = 8 v pp ?.5v 4.5v ?4 thd sinewave harmonic distortion r l = 10k ? , c l = 50pf, f = 1khz v is = 4 v pp 0v 4.5v 0.013 % v is = 8 v pp ?.5v 4.5v 0.008 c in maximum control input capacitance 510 10 pf c in maximum switch input capacitance input 4051 common 4052 common 4053 common 15 90 45 30 pf c in maximum feedthrough capacitance 5pf
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 9 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer ac test circuits and switching time waveforms figure 1. ?n resistance figure 2. ?ff channel leakage current figure 3. ?n channel leakage current figure 4. t phl , t plh propagation delay time signal input to signal output
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 10 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer figure 5. t pzl , t plz propagation delay time control to signal output figure 6. t pzh , t phz propagation delay time control to signal output figure 7. crosstalk: control input to signal output figure 8. crosstalk between any two switches
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 11 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer typical performance characteristics typical ?n?resistance vs input voltage v cc = ? ee special considerations in certain applications the external load-resistor current may include both v cc and signal line components. to avoid drawing v cc current when switch current flows into the analog switch pins, the voltage drop across the switch must not exceed 1.2v (calculated from the on resistance).
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 12 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer physical dimensions dimensions are in millimeters unless otherwise noted. figure 9. 16-lead small outline integrated circuit (soic), jedec ms-012, 0.150" narrow pa ck ag e number m16a
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 13 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer physical dimensions (continued) dimensions are in inches (millimeters) unless otherwise noted. figure 10. 16-lead small outline intergrated circuit (soic), jedec ms-013, 0.300" wide pa ck ag e number m16b
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 14 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer physical dimensions (continued) dimensions are in millimeters unless otherwise noted. figure 11. 16-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide pa ck ag e number mtc16 0.65 4.40.1 mtc16rev4 0.11 4.55 5.00 5.000.10 12 7.35 4.45 1.45 5.90
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 15 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer physical dimensions (continued) dimensions are in inches (millimeters) unless otherwise noted. figure 12. 16-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300 wide pa ck ag e number n16e
?994 fairchild semiconductor corporation www.fairchildsemi.com 74vhc4051, 74vhc4052, 74vhc4053 rev. 1.3 16 trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. acex across the board. around the world. activearray bottomless build it now coolfet coreplus crossvolt ctl current transfer logic dome e 2 cmos ecospark ensigna fact quiet series fact fast fastr fps frfet globaloptoisolator gto hisec i-lo implieddisconnect intellimax isoplanar microcoupler micropak microwire motion-spm msx msxpro ocx ocxpro optologic optoplanar pacman pdp-spm pop power220 power247 poweredge powersaver power-spm powertrench programmable active droop qfet qs qt optoelectronics quiet series rapidconfigure rapidconnect scalarpump smart start spm stealth superfet supersot -3 supersot -6 supersot -8 syncfet tcm the power franchise tinyboost tinybuck tinylogic tinyopto tinypower tinywire trutranslation serdes uhc unifet vcx wire disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild? worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild? products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems wh ich, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform w hen properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary this datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed first production full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. rev. i27 74vhc4051, 8-channel analog multiplexer 74vhc4052, dual 4-channel analog multiplexer 74vhc4053, triple 2-channel analog multiplexer


▲Up To Search▲   

 
Price & Availability of 74VHC4051MNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X