Part Number Hot Search : 
BAS31 HMC6042 BCM56 89C51RC2 P53N06 XXXXX KTA1271 TSM0515S
Product Description
Full Text Search
 

To Download 74AC240MTCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2005 fairchild semiconductor corporation ds009941 www.fairchildsemi.com november 1988 revised march 2005 74ac240 ? 74act240 octal buffer/line driver with 3-state outputs 74ac240  74act240 octal buffer/line driver with 3-state outputs general description the ac/act240 is an octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved pc board density. features  i cc and i oz reduced by 50%  inverting 3-state outputs drive bus lines or buffer mem- ory address registers  outputs source/sink 24 ma  act240 has ttl-compatible inputs ordering code: device also available in tape and reel. specify by appending suffix letter ?x? to the ordering code. pb-free package per jedec j-std-020b. note 1: ?_nl? indicates pb-free package (per jedec j-std-020b). please use order number as indicated. fact is a trademark of fairchild semiconductor corporation. order number package number package description 74ac240sc m20b 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide 74ac240sj m20d pb-free 20-lead small outline package (sop), eiaj type ii, 5.3mm wide 74ac240mtc mtc20 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74ac240pc n20a 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide 74act240sc m20b 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide 74act240sc_nl (note 1) m20b pb-free 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide 74act240sj m20d pb-free 20-lead small outline package (sop), eiaj type ii, 5.3mm wide 74act240mtc mtc20 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74act240pc n20a 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide 74act240pc_nl (note 1) n20a pb-free 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide
www.fairchildsemi.com 2 74ac240  74act240 logic symbol ieee/iec connection diagram pin descriptions truth tables h high voltage level l low voltage level x immaterial z high impedance pin names description oe 1 , oe 2 3-state output enable inputs i 0 ? i 7 inputs o 0 ? o 7 outputs inputs outputs oe 1 i n (pins 12, 14, 16, 18) ll h lh l hx z inputs outputs oe 2 i n (pins 3, 5, 7, 9) ll h lh l hx z
3 www.fairchildsemi.com 74ac240  74act240 absolute maximum ratings (note 2) recommended operating conditions note 2: absolute maximum ratings are those values beyond which damage to the device may occur. the databook specifications should be met, with- out exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. fairchild does not recommend operation of fact circuits outside databook specifications. dc electrical characteristics for ac note 3: all outputs loaded; thresholds on input associated with output under test. note 4: maximum test duration 2.0 ms, one output loaded at a time. note 5: i in and i cc @ 3.0v are guaranteed to be less than or equal to the respective limit @ 5.5v v cc . supply voltage (v cc )  0.5v to  7.0v dc input diode current (i ik ) v i  0.5v  20 ma v i v cc  0.5v  20 ma dc input voltage (v i )  0.5v to v cc  0.5v dc output diode current (i ok ) v o  0.5v  20 ma v o v cc  0.5v  20 ma dc output voltage (v o )  0.5v to v cc  0.5v dc output source or sink current (i o ) r 50 ma dc v cc or ground current per output pin (i cc or i gnd ) r 50 ma storage temperature (t stg )  65 q c to  150 q c junction temperature (t j ) pdip 140 q c supply voltage (v cc ) ac 2.0v to 6.0v act 4.5v to 5.5v input voltage (v i )0v to v cc output voltage (v o )0v to v cc operating temperature (t a )  40 q c to  85 q c minimum input edge rate ( ' v/ ' t) ac devices v in from 30% to 70% of v cc v cc @ 3.3v, 4.5v, 5.5v 125 mv/ns minimum input edge rate ( ' v/ ' t) act devices v in from 0.8v to 2.0v v cc @ 4.5v, 5.5v 125 mv/ns symbol parameter v cc t a  25 q ct a  40 q c to  85 q c units conditions (v) typ guaranteed limits v ih minimum high level 3.0 1.5 2.1 2.1 v out 0.1v input voltage 4.5 2.25 3.15 3.15 v or v cc  0.1v 5.5 2.75 3.85 3.85 v il maximum low level 3.0 1.5 0.9 0.9 v out 0.1v input voltage 4.5 2.25 1.35 1.35 v or v cc  0.1v 5.5 2.75 1.65 1.65 v oh minimum high level 3.0 2.99 2.9 2.9 output voltage 4.5 4.49 4.4 4.4 v i out  50 p a 5.5 5.49 5.4 5.4 v in v il or v ih 3.0 2.56 2.46 i oh  12 ma 4.5 3.86 3.76 v i oh  24 ma 5.5 4.86 4.76 i oh  24 ma (note 3) v ol maximum low level 3.0 0.002 0.1 0.1 output voltage 4.5 0.001 0.1 0.1 v i out 50 p a 5.5 0.001 0.1 0.1 v in v il or v ih 3.0 0.36 0.44 i ol 12 ma 4.5 0.36 0.44 v i ol 24 ma 5.5 0.36 0.44 i ol 24 ma (note 3) i in (note 5) maximum input leakage current 5.5 r 0.1 r 1.0 p av i v cc , gnd i oz maximum 3-state v i (oe) v il , v ih leakage current 5.5 r 0.25 r 2.5 p av i v cc , gnd v o v cc , gnd i old minimum dynamic 5.5 75 ma v old 1.65v max i ohd output current (note 4) 5.5  75 ma v ohd 3.85v min i cc (note 5) maximum quiescent supply current 5.5 4.0 40.0 p av in v cc or gnd
www.fairchildsemi.com 4 74ac240  74act240 dc electrical characteristics for act note 6: all outputs loaded; thresholds on input associated with output under test. note 7: maximum test duration 2.0 ms, one output loaded at a time. symbol parameter v cc t a  25 q ct a  40 q c to  85 q c units conditions (v) typ guaranteed limits v ih minimum high level 4.5 1.5 2.0 2.0 v v out 0.1v input voltage 5.5 1.5 2.0 2.0 or v cc  0.1v v il maximum low level 4.5 1.5 0.8 0.8 v v out 0.1v input voltage 5.5 1.5 0.8 0.8 or v cc  0.1v v oh minimum high level 4.5 4.49 4.4 4.4 vi out  50 p a output voltage 5.5 5.49 5.4 5.4 v in v il or v ih 4.5 3.86 3.76 v i oh  24 ma 5.5 4.86 4.76 i oh  24 ma (note 6) v ol maximum low level 4.5 0.001 0.1 0.1 vi out 50 p a output voltage 5.5 0.001 0.1 0.1 v in v il or v ih 4.5 0.36 0.44 v i ol 24 ma 5.5 0.36 0.44 i ol 24 ma (note 6) i in maximum input 5.5 r 0.1 r 1.0 p av i v cc , gnd leakage current i oz maximum 3-state 5.5 r 0.25 r 2.5 p a v i v il , v ih leakage current v o v cc , gnd i cct maximum 5.5 0.6 1.5 ma v i v cc  2.1v i cc /input i old minimum dynamic 5.5 75 ma v old 1.65v max i ohd output current (note 7) 5.5  75 ma v ohd 3.85v min i cc maximum quiescent 5.5 4.0 40.0 p a v in v cc supply current or gnd
5 www.fairchildsemi.com 74ac240  74act240 ac electrical characteristics note 8: voltage range 3.3 is 3.3v r 0.3v voltage range 5.0 is 5.0v r 0.5v ac electrical characteristics note 9: voltage range 5.0 is 5.0v r 0.5v capacitance v cc t a  25 q ct a  40 q c to  85 q c symbol parameter (v) c l 50 pf c l 50 pf units (note 8) min typ max min max t plh propagation delay 3.3 1.5 6.0 8.0 1.0 9.0 ns data to output 5.0 1.5 4.5 6.5 1.0 7.0 t phl propagation delay 3.3 1.5 5.5 8.0 1.0 8.5 ns data to output 5.0 1.5 4.5 6.0 1.0 6.5 t pzh output enable time 3.3 1.5 6.0 10.5 1.0 11.0 ns 5.0 1.5 5.0 7.0 1.0 8.0 t pzl output enable time 3.3 1.5 7.0 10.0 1.0 11.0 ns 5.0 1.5 5.5 8.0 1.0 8.5 t phz output disable time 3.3 1.5 7.0 10.0 1.0 10.5 ns 5.0 1.5 6.5 9.0 1.0 9.5 t plz output disable time 3.3 1.5 7.5 10.5 1.0 11.5 ns 5.0 1.5 6.5 9.0 1.0 9.5 v cc t a  25 q ct a  40 q c to  85 q c symbol parameter (v) c l 50 pf c l 50 pf units (note 9) min typ max min max t plh propagation delay 5.0 1.5 6.0 8.5 1.5 9.5 ns data to output t phl propagation delay 5.0 1.5 5.5 7.5 1.5 8.5 ns data to output t pzh output enable time 5.0 1.5 7.0 8.5 1.0 9.5 ns t pzl output enable time 5.0 2.0 7.0 9.5 1.5 10.5 ns t phz output disable time 5.0 2.0 8.0 9.5 2.0 10.5 ns t plz output disable time 5.0 2.5 6.5 10.0 2.0 10.5 ns symbol parameter typ units conditions c in input capacitance 4.5 pf v cc open c pd power dissipation capacitance 45.0 pf v cc 5.0v
www.fairchildsemi.com 6 74ac240  74act240 physical dimensions inches (millimeters) unless otherwise noted 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide package number m20b
7 www.fairchildsemi.com 74ac240  74act240 physical dimensions inches (millimeters) unless otherwise noted (continued) pb-free 20-lead small outline package (sop), eiaj type ii, 5.3mm wide package number m20d
www.fairchildsemi.com 8 74ac240  74act240 physical dimensions inches (millimeters) unless otherwise noted (continued) 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide package number mtc20
9 www.fairchildsemi.com 74ac240  74act240 octal buffer/line driver with 3-state outputs physical dimensions inches (millimeters) unless otherwise noted (continued) 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide package number n20a fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and fairchild reserves the right at any time without notice to change said circuitry and specifications. life support policy fairchild ? s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea- sonably expected to result in a significant injury to the user. 2. a critical component in any component of a life support device or system whose failure to perform can be rea- sonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74AC240MTCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X