Part Number Hot Search : 
MTZJ22 M3900 SW610 ITF86 74LS65 MB39A12 MC3399 DL5711
Product Description
Full Text Search
 

To Download 71349-2047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0713492047 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, shrouded, 30 circuits, 0.38m (15") gold (au) selective plating, with press-fit plastic pegs documents: 3d model product specification ps-71349-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 71349 application wire-to-board overview cgrid__sl_products product name c-grid? physical breakaway no circuits (loaded) 30 color - resin black durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.000 in pcb thickness recommended (mm) 0.00 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part yes shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71349 series
solder process data duration at max. process temperature (seconds) 30 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 245 material info reference - drawing numbers packaging specification pk-70873-0018, pk-70873-0019 product specification ps-71349-001 sales drawing sda-71349-**** this document was generated on 05/31/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 71349-2047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X