features / benefits s low current draw - uses up to 90% less energy than incandescent s long life - up to 100k hours s true non-polarized configurations available s no heat generated s mounts directly into industry standard socket s available in 6, 14, and 28 vdc 585 series multi-chip based led t1 3/4 bi-pin dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel585bp001_b specifications considerations dialight's line of based led lamps is designed to directly replace many popular subminiature and miniature incandescent lamps. the benefits of led technology over incandescent are significant: they offer long life, are shock resistant, withstand vibration and provide energy conservation. measurements are typical dimensions are inches [mm] s operating voltages: 6, 14, and 28 vdc s polarized and non-polarized available s operating temperature: -20 o c to +60 o c s storage temperature: -30 o c to +100 o c s replaces incandescent lamp numbers*: 2314, 2323, 2324, 2325, 2335, 2337, 2342, 7327, 7328, 7330, 7349, 7377, 7380, 7381, 7382, 7387, 7876, and 7945. * see dialight?s incandescent lamp/based led cross reference for a complete listing dialight reserves the right to make changes at any time in order to supply the best product possible. s since lens caps act as filters for the light emitted from the based led, it is important to match the emitting color of the led . if not matched properly, the overall light output may be substantially reduced. dialight recommends using transparent lenses, which will optimize the light output. s if you are unfamiliar with the polarity of the circuit, dialight recommends using a non-polarized version. s although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced. s operation of the based led at a higher voltage should not exceed 10% above the recommended voltage. s dialight does not recommend that based led lamps be used in neon sockets. (polarized version)
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel585bp001_b polarized non-polarized with the technological advancements in light emitting diodes (leds) brightness can now rival the incandescent lamp when used in similar packages. these advancements have created a new type of product called the based led - an led with the functionality of an incandescent bulb. the following styles are currently available in red, green, yellow, blue and white: s t1 3/4 midget flange s t1 3/4 bi-pin s t1 3/4 wedge (t5) s t2 telephone slide s t3 1/4 miniature bayonet (ba9s) s t3 1/4 miniature screw (e10) s t3 1/4 wedge (t10) s 15mm sc bayonet (ba15s) dialights line of based leds continues to grow. please visit our website for more information. www.dialight.com based le ds selection 585-3211 red 660 6 50 67 585-3311 green 565 6 46 77 585-3411 yellow 585 6 44 22 585-3213 red 660 14 30 60 585-3313 green 565 14 28 70 585-3413 yellow 585 14 30 23 585-3215 red 660 28 16 64 585-3315 green 565 28 15 75 585-3415 yellow 585 28 15 23 peak voltage current intensity part number color wavelength (nm) (vdc) typ.-(ma) typ.-(mcd) 585-3221 red 660 6 75 50 585-3321 green 565 6 67 56 585-3421 yellow 585 6 73 18 585-3223 red 660 14 26 50 585-3323 green 565 14 23 56 585-3423 yellow 585 14 24 18 585-3225 red 660 28 14 56 585-3325 green 565 28 13 65 585-3425 yellow 585 28 13 20 peak voltage current intensity part number color wavelength (nm) (vdc) typ.-(ma) typ.-(mcd) 585 series multi-chip based led t1 3/4 bi-pin dialight reserves the right to make changes at any time in order to supply the best product possible.
|