Part Number Hot Search : 
SC5028 RKV650KL ES6218A 1SS184 BCX5116 MAXQ7667 FD400R1B BLF647PS
Product Description
Full Text Search
 

To Download 585-2325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits s low current draw - uses up to 90% less energy than incandescent s long life - up to 100k hours s true non-polarized configurations available s no heat generated s mounts directly into industry standard socket s available in 6, 14, and 28 vdc 585 series multi-chip based led t 1 3/4 wedge dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel585wg001_b specifications considerations dialight's line of based led lamps is designed to directly replace many popular subminiature and miniature incandescent lamps. the benefits of led technology over incandescent are significant: they offer long life, are shock resistant, withstand vibration and provide energy conservation. measurements are typical dimensions are inches [mm] s operating voltages: 6, 14, and 28 vdc s polarized and non-polarized available s operating temperature: -20c to +60c s storage temperature: -30 o c to +100 o c s replaces incandescent lamp numbers: 16, 17, 18, 37, 70, 73, 74, 79, 84, 85 and 86.* * see dialight?s incandescent lamp/based led cross reference for a complete listing. dialight reserves the right to make changes at any time in order to supply the best product possible. s since lens caps act as filters for the light emitted from the based led, it is important to match the emitting color of the led. if not matched properly, the overall light output may be substantially reduced. dialight recommends using transparent lens es, which will optimize the light output. s if you are unfamiliar with the polarity of the circuit, dialight recommends using the non-polarized version. s although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced. s operation of the based led at a higher voltage should not exceed 10% above the recommended voltage. s dialight does not recommend that based led lamps be used in neon sockets.
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel585wg001_a polarized non-polarized with the technological advancements in light emitting diodes (leds) brightness can now rival the incandescent lamp when used in similar packages. these advancements have created a new type of product called the based led - an led with the functionality of an incandescent bulb. the following styles are currently available in red, green, yellow, blue and white: s t 1 3/4 midget flange s t 1 3/4 bi-pin s t 1 3/4 wedge (t5) s t 2 telephone slide s t 3 1/4 miniature bayonet (ba9s) s t 3 1/4 miniature screw (e10) s t 3 1/4 wedge (t10) s 15mm sc bayonet (ba15s) dialights line of based leds continues to grow. please visit our website for more information. www.dialight.com based le ds selection 585-2211 red 660 6 50 67 585-2311 green 565 6 46 77 585-2411 yellow 585 6 44 22 585-2213 red 660 14 30 60 585-2313 green 565 14 28 70 585-2413 yellow 585 14 30 23 585-2215 red 660 28 16 64 585-2315 green 565 28 15 75 585-2415 yellow 585 28 15 23 peak nominal voltage forward current intensity part number color wavelength (nm) (vdc) typ. (ma) typ. (mcd) 585-2221 red 660 6 75 50 585-2321 green 565 6 67 56 585-2421 yellow 585 6 73 18 585-2223 red 660 14 26 50 585-2323 green 565 14 23 56 585-2423 yellow 585 14 24 18 585-2225 red 660 28 14 56 585-2325 green 565 28 13 65 585-2425 yellow 585 28 13 20 peak nominal voltage forward current intensity part number color wavelength (nm) (vdc) typ. (ma) typ. (mcd) 585 series multi-chip based led t 1 3/4 wedge dialight reserves the right to make changes at any time in order to supply the best product possible.


▲Up To Search▲   

 
Price & Availability of 585-2325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X