Part Number Hot Search : 
12F10 59101 474ML 03800 3BGXC MMBT5089 MCM6341 59101
Product Description
Full Text Search
 

To Download 521-9632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-11 dialight corporation  1501 route 34 south  farmingdale, nj 07727  tel: (732) 919-3119  fax: (732) 751-5778 www.dialight.co m 3 2 m m l e d c b i ? c i r c u i t b o a r d i n d i c a t o r ( d i n 4 1 4 9 4 c o m p a t i b l e ) , t r i - l e v e l 5 7 0 - 0 1 0 0 - x x x 5.08 [.200] 12.85 [.506] 3.30 [.130] 3.30 [.130] 10.16 [.400] 1.78 [.070] 1.52 [.060] 1.80 [.071] 2.54 [.100] 2.54 [.100] 2.54 [.100] 6.84 [.269] 2.54 [.100] 2.54 [.100] recommended p.c. board layout .41 [.016] sq . anode 3.20 [.126] ? 0.965 .05 [.038 .002] top led 0.46 [.018] .4 [.017] ref p a r t n o . c o l o r * 570-0100-111 red?red?red 570-0100-132 red?yellow?green 570-0100-222 green?green?green 570-0100-333 yellow?yellow?yellow * top-middle-bottom led f e a t u r e s  designed to accommodate din 41494  multiple cbis form horizontal led arrays on 5.08mm (0.200?) center-lines  high contrast, ul 94 v-0 rated, black housing  oxygen index: 29%  polymer content: pbt, 0.595 g  housing stand-offs facilitate pcb cleaning  solderability per mil-std-202f, method 208f  leds are safe for direct viewing per iec 825-1, en- 60825-1 t o l e r a n c e n o t e : a s n o t e d , o t h e r w i s e :  led protrusion: 0.04 mm [0.016]  cbi housing: 0.02mm[0.008] dimensions in mm [inches] 5 7 0 - 0 1 0 0 - x x x top led color bottom led color middle led color series e x a m p l e o f p a r t n u m b e r o r d e r i n g c o d e led colors: 0) blank 1) red 2) green 3) yellow p e a k i v * v f * * v i e w i n g l e d p a r t n u m b e r c o l o r w a v e l e n g t h n m m c d v o l t s a n g l e 2 1 / 2 d a t a s h e e t p a g e # red 635 12.6 2 38 521-9630 3-13 570-0100-xxx green 565 8.7 2.1 38 521-9632 3-13 yellow 585 12.6 2.1 38 521-9631 3-13 c u s t o m c o m b i n a t i o n s  contact factory for information on custom color combinations. * i f = 10 ma **i f = 20 ma t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s (t a = 25c) s e e l e d d a t a s h e e t f o r a d d i t i o n a l i n f o r m a t i o n g e n e r a l p u r p o s e s e e p a g e 3 - 1 7 a n d 3 - 1 8 f o r r e f e r e n c e o n l y l e d d r i v e c i r c u i t e x a m p l e s s e e p a g e 3 - 1 9 f o r p i n o u t
3-13 dialight corporation  1501 route 34 south  farmingdale, nj 07727  tel: (732) 919-3119  fax: (732) 751-5778 www.dialight.co m 3 2 m m d i s c r e t e l e d d i f f u s e d 5 2 1 - 9 6 3 0 , - 9 6 3 1 , - 9 6 3 2 1.50 [.059] max 2.40 [.095] cathode i.d. 3.30 [.13] r 1.65 [.065] 1.80 [.071] 2.90 [.114] 1.52 [.060] 3.30 [.130] cathode 2.54 [.10] nom 1.00 [.04] min .45 [.018] typ .40 [.016] typ 25.40 [1.00] min p a r t n o . c o l o r 521-9630 red 521-9631 yellow 521-9632 green red yellow green absolute maximum ratings (t a =25c) - 9 6 3 0 - 9 6 3 1 - 9 6 3 2 power dissipation (mw) 100 60 100 forward current (ma) 30 20 30 derating (ma/c) from 25c .4 .25 .4 peak current (ma) 120 80 120 pulse width = 10s operating temperature (c) -55/+100 -55/+100 -55/+100 storage temperature (c) -55/+100 -55/+100 -55/+100 soldering temperature 260c, 5 seconds, 1.6 mm from case red yellow green operating characteristics (t a =25c) - 9 6 3 0 - 9 6 3 1 - 9 6 3 2 luminous intensity (mcd) min. 3.7 3.7 2.5 i f =10ma typical 12.6 12.6 8.7 peak wavelength (nm) typical 635 585 565 peak viewing angle ( 2 1 / 2 ) typical 38 38 38 forward voltage (v) typical 2 2.1 2.1 i f =20ma max. 2.8 2.8 2.8 reverse voltage (v), i r =100a min. 5 5 5 dimensions in mm [inches] 1 ? 2 is the off axis angle at which the luminous intensity is half the axial luminous intensity


▲Up To Search▲   

 
Price & Availability of 521-9632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X