Part Number Hot Search : 
SXX18 BD9846FV MV5352 W6631CS A330M LH1500 MSM67 UA200
Product Description
Full Text Search
 

To Download 476030001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/06/2010 please check www.molex.com for latest part information part number: 0476030001 status: active description: 1.27mm (.050") pitch sim card holder with detect pins, 8 circuits, push- push style, housing height 1.90mm (.075"), lead free documents: 3d model product specification ps-47603-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47603 button type push-push component type card holder (host) product name sim type n/a physical card detection switch yes circuits (loaded) 8 circuits (maximum) 8 durability (mating cycles max) 5,000 ejector button side no ejector button present entry angle horizontal keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 3 plating min: termination (m) 0.076 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.05a shielded yes voltage - maximum 50v dc material info reference - drawing numbers product specification ps-47603-001 sales drawing sd-47603-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47603 series mates with standard sim card
this document was generated on 04/06/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 476030001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X