Part Number Hot Search : 
LXT300Z 2N4923G DF04S ATMEGA16 PAA132S SOD168V3 2SK27 4AM16
Product Description
Full Text Search
 

To Download 1683490000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | tension clamp technology | modular feed-through terminals | standard form | 2.5 mm2 | zdu - 1 - general ordering data order no. 1683490000 part designation zdu 2.5/4an sw version feed-through terminal, 2.5 mm2, tension clamp connection, wemid, black, ts 35 ean 4008190478292 qty. 100 pc(s). product notes product description z-series standard ranges provide solutions for conductor cross-sections from 0.05 to 35 mm2. pt okiecex/atex rating data eu-type examination certificate kema97atex2521u download, german kema97atex2521u_d.pdf download english kema97atex2521u_e.pdf iecex certificate of conformity iecexuld05.0009u download iecexuld05.0009u_e.pdf atex voltage 550 v atex current 21 a atex conductor cross-section 2.5 mm2 iecex voltage 550 v iecex current 20 a iecex conductor cross-section 2.5 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material black connection direction top end plate required yes
product catalogue | terminals | tension clamp technology | modular feed-through terminals | standard form | 2.5 mm2 | zdu - 2 - additional technical data explosion-tested version "ex e" yes installation advice ts 35 insulating material wemid levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 4 open sides right operating temperature range - 50 c, + 100 c product family z-series type of connection clamped type of mounting snap-on ul 94 flammability rating of insulation material v-0 version feed-through terminal csa rating data voltage (csa) 600 v csa current 27 a min. cross-section (csa) awg 26 max. cross-section (csa) awg 12 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 conductors for clamping (rated connection) clamping range, min. 0.05 mm2 clamping range, max. 4 mm2 type of connection tension clamp connection 2nd type of connection clamped connection direction top no. of connections 4 stripping length 10 mm blade size 0.6 x 3.5 mm gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 2.5 mm2 awg conductor size, min. awg 30 awg conductor size, max. awg 12 awg conductor size, min. 0.05 mm2 awg conductor size, max. 3.31 mm2
product catalogue | terminals | tension clamp technology | modular feed-through terminals | standard form | 2.5 mm2 | zdu - 3 - dimensions width 5.1 mm height of lowest version 39.5 mm length 79.5 mm ts 35 offset 39 mm rating data rated cross-section 2.5 mm2 rated voltage 800 v rated impulse voltage 8 kv rated current 24 a standards iec 60947-7-1 current with max. conductor 27 a pollution severity 3 ul rating data voltage (ul) 600 v current (ul) 25 a min. cross-section (ul) awg 30 max. cross-section (ul) awg 12 approvals approvals institutes classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 1608510000 zdu 2.5 feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608520000 zdu 2.5 bl feed-through terminal, 2.5 mm2, tension clamp connection, wemid, blue, ts 35
product catalogue | terminals | tension clamp technology | modular feed-through terminals | standard form | 2.5 mm2 | zdu - 4 - 1683270000 zdu 2.5 ge feed-through terminal, 2.5 mm2, tension clamp connection, wemid, yellow, ts 35 1683280000 zdu 2.5 gn feed-through terminal, 2.5 mm2, tension clamp connection, wemid, green, ts 35 1683310000 zdu 2.5 gr feed-through terminal, 2.5 mm2, tension clamp connection, wemid, grey, ts 35 1636780000 zdu 2.5 or feed-through terminal, 2.5 mm2, tension clamp connection, wemid, orange, ts 35 1683260000 zdu 2.5 rt feed-through terminal, 2.5 mm2, tension clamp connection, wemid, red, ts 35 1683330000 zdu 2.5 sw feed-through terminal, 2.5 mm2, tension clamp connection, wemid, black, ts 35 1683320000 zdu 2.5 ws feed-through terminal, 2.5 mm2, tension clamp connection, wemid, white, ts 35 1626950000 zdu 2.5/10 feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608600000 zdu 2.5/2x2an feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608610000 zdu 2.5/2x2an bl feed-through terminal, 2.5 mm2, tension clamp connection, wemid, blue, ts 35 1608540000 zdu 2.5/3an feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608550000 zdu 2.5/3an bl feed-through terminal, 2.5 mm2, tension clamp connection, wemid, blue, ts 35 1683350000 zdu 2.5/3an ge feed-through terminal, 2.5 mm2, tension clamp connection, wemid, yellow, ts 35 1683360000 zdu 2.5/3an gn feed-through terminal, 2.5 mm2, tension clamp connection, wemid, green, ts 35 1683390000 zdu 2.5/3an gr feed-through terminal, 2.5 mm2, tension clamp connection, wemid, grey, ts 35 1636790000 zdu 2.5/3an or feed-through terminal, 2.5 mm2, tension clamp connection, wemid, orange, ts 35 1683340000 zdu 2.5/3an rt feed-through terminal, 2.5 mm2, tension clamp connection, wemid, red, ts 35 1683410000 zdu 2.5/3an sw feed-through terminal, 2.5 mm2, tension clamp connection, wemid, black, ts 35 1626960000 zdu 2.5/3an/10 feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608570000 zdu 2.5/4an feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35 1608580000 zdu 2.5/4an bl feed-through terminal, 2.5 mm2, tension clamp connection, wemid, blue, ts 35 1683440000 zdu 2.5/4an gn feed-through terminal, 2.5 mm2, tension clamp connection, wemid, green, ts 35 1683470000 zdu 2.5/4an gr feed-through terminal, 2.5 mm2, tension clamp connection, wemid, grey, ts 35 1636800000 zdu 2.5/4an or feed-through terminal, 2.5 mm2, tension clamp connection, wemid, orange, ts 35 1683420000 zdu 2.5/4an rt feed-through terminal, 2.5 mm2, tension clamp connection, wemid, red, ts 35 1683480000 zdu 2.5/4an ws feed-through terminal, 2.5 mm2, tension clamp connection, wemid, white, ts 35
product catalogue | terminals | tension clamp technology | modular feed-through terminals | standard form | 2.5 mm2 | zdu - 5 - 1626970000 zdu 2.5/4an/10 feed-through terminal, 2.5 mm2, tension clamp connection, wemid, dark beige, ts 35


▲Up To Search▲   

 
Price & Availability of 1683490000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X