Part Number Hot Search : 
DTMPU63 254121 SP5301 39F1G WT203 SMA20 RM214C SR6150
Product Description
Full Text Search
 

To Download 102GA1248 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n/al 9.11. 002.02 06/97 pneumatic function fittings our policy is one of continuous research and development. we therefore reserve the right to amend, without notice, the specifications given in this document. warning these products are intended for use in industrial compressed air systems only. do not use these products where pressures and temperatures can exceed those listed under ?echnical data . before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or o ther applications not within published specifications, consult norgren. through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. the system designer is w arned to consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent pe rsonal injury or damage to equipment in the event of such failure. system designers must provide a warning to end users in the system instructional manual if protection against a failure mode ca nnot be adequately provided. system designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with th ese products where applicable. e a j g i d h c 12 1 2 b pif x bspp thread pilot operated check valve (blocking fitting) - 102ga product a b c d e g h sq i j number o/d thread tube bspp 102ga0628 6 1 4 " 25,2 47,5 17 10,5 20 25,8 m5 102ga0828 8 1 4 " 26,2 47,5 17 10,5 20 25,8 m5 102ga0838 8 3 8 " 28,2 54,5 22 10,8 24 29,0 m5 102ga1038 10 3 8 " 32,7 54,5 22 10,8 24 29,0 m5 102GA1248 12 1 2 " 39,7 65,0 27 12,8 30 36,0 m5 1) inlet port 2) outlet port 12) signal port note: for mounting in pairs on a cylinder e a j g i d h c 12 1 2 b pif x nptf thread pilot operated check valve (blocking fitting) - 124ga product body b c d e g h sq i j number port thread a nptf 124ga0418 1 4 pif 1 8 23,2 41,0 13 12,3 16 19,8 10-32?nf 124ga0428 1 4 pif 1 4 25,2 48,0 17 16,3 20 25,8 10-32?nf 124ga0638 3 8 pif 3 8 32,7 55,0 22 17,5 24 29,0 10-32?nf 124ga0748 1 2 pif 1 2 39,7 65,5 27 22 30 36,0 10-32?nf 1) inlet port 2) outlet port 12) signal port note: for mounting in pairs on a cylinder 1) inlet port 2) outlet port 12) signal port note: for mounting in pairs on a cylinder e a j g i d h c 12 1 2 b nptf threaded port x nptf thread pilot operated check valve (blocking fitting) - 124ga product body b c d e g h sq i j number port thread a nptf 124ga1818 1 8 nptf 1 8 22,0 41,0 13 12,3 16 19,8 10-32?nf 124ga2828 1 4 nptf 1 4 29,0 48,0 17 16,3 20 25,8 10-32?nf 124ga3838 3 8 nptf 3 8 30,5 55,0 22 17,5 24 29,0 10-32?nf 124ga4848 1 2 nptf 1 2 39,0 65,5 27 22 30 36,0 10-32?nf
06/97 n/al 9.11. 002.01 our policy is one of contin uous research and de v elopment. w e theref ore reser v e the r ight to amend, without notice , the specifications giv en in this document. or dering inf ormation t o order , quote appropr iate product n umber from the tab les on the f ollo wing pages . product n umber ing system is designed to mak e identification and selection simple: l v er y compact units l easy tube inser tion f or rapid assemb l y of pneumatic cir cuits l p ositive tube anc hora g e l saf er pneumatic systems t ec hnical data medium: compressed air oper ating pressure: 1 - 10 bar oper ating t emper ature: ?0 c to +80 c inlet p or t: 6, 8, 10, 12mm push-in fittings 1 4, 3 8, 1 2 push-in fittings 1 8, 1 4, 3 8, 1 2 nptf threaded p or ts outlet p or t: 1 4, 3 8, 1 2 bspp thread 1 8, 1 4, 3 8, 1 2 nptf thread signal p or t: m5 10-32 ?unf t ube siz es 6, 8, 10, 12mm o/d 1 4, 3 8 , 1 2 o/d t ubing t ypes: nylon 11 or 12, polyurethane and other plasticised or unplasticised tubing which conf or ms to the toler ances specified in bs 5409, p ar t 1, 1976, light and nor mal duty , din 73378, din 74234, nfe 49-100 materials nic k el plated br ass body nic k el plated br ass collet plastic sealing w asher nitr ile and polyurethane elastomer ic par ts zinc plated br ass banjo bolts pneumatic function fittings metric & inc h pilot operated chec k v alve (bloc king fitting) thread size/ tube size tube size/ thread size shape type series number 1 0 1 2 12 102ga 124ga


▲Up To Search▲   

 
Price & Availability of 102GA1248

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X