Part Number Hot Search : 
13202 C1500 68HC9 1029454 FP25F CXA1047 ELM7S32B LTC28
Product Description
Full Text Search
 

To Download 1014180000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/180 | blf 5.08/180lr sn - 1 - general ordering data order no. 1014180000 part designation blf 5.08/08/180lr sn bk bx version pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 8, 180, box ean 4032248723157 qty. 36 pc(s). packaging box system parameters conductor connection system push in outgoing direction of conductor 180 pitch in mm 5.08 mm pitch in inch 0.2 inch no. of poles 8 no. of rows 1 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 stripping length 10 mm l1 in mm 35.56 mm l1 in inch 1.4 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 57 106 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 flammability class ul 94 v-0 contact material cusn contact surface tinned contact base material cusn
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/180 | blf 5.08/180lr sn - 2 - connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 conductor connection cross-section awg, min. awg 26 conductor connection cross-section awg, max. awg 12 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 stranded, max. h07v-r 2 mm2 stranded, min. h07v-r 0 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 w. wire end ferrule, din 46228 pt 1, min 0.2 mm2 with wire end ferrule, din 46228 pt 1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 with plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm din iec rating data rated current, min. no. of poles (tu=20c) 18.5 a rated current, max. no. of poles (tu=20c) 6 a rated current, no. of poles (tu=40c), min. 12.5 a rated current, no. of poles (tu=40c), max. 6 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage at overvoltage category/pollution degree iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a approvals approvals institutes csa; curus classifications eclass 6.0 27-26-07-08 notes notes similar products order no. part designation version 1014120000 blf 5.08/02/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 2, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/180 | blf 5.08/180lr sn - 3 - 1014370000 blf 5.08/02/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 2, 180, box 1014130000 blf 5.08/03/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 3, 180, box 1014380000 blf 5.08/03/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 3, 180, box 1014140000 blf 5.08/04/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 4, 180, box 1014390000 blf 5.08/04/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 4, 180, box 1014150000 blf 5.08/05/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 5, 180, box 1014410000 blf 5.08/05/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 5, 180, box 1014160000 blf 5.08/06/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 6, 180, box 1014420000 blf 5.08/06/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 6, 180, box 1014170000 blf 5.08/07/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 7, 180, box 1014430000 blf 5.08/07/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 7, 180, box 1014440000 blf 5.08/08/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 8, 180, box 1014190000 blf 5.08/09/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 9, 180, box 1014450000 blf 5.08/09/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 9, 180, box 1014210000 blf 5.08/10/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 10, 180, box 1014460000 blf 5.08/10/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 10, 180, box 1014220000 blf 5.08/11/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 11, 180, box 1014470000 blf 5.08/11/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 11, 180, box 1014230000 blf 5.08/12/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 12, 180, box 1014480000 blf 5.08/12/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 12, 180, box 1014240000 blf 5.08/13/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 13, 180, box 1014490000 blf 5.08/13/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 13, 180, box 1014250000 blf 5.08/14/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 14, 180, box 1014510000 blf 5.08/14/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 14, 180, box 1014260000 blf 5.08/15/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 15, 180, box 1014520000 blf 5.08/15/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 15, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | female push in socket block with spring connection in 5.00/5.08 pitch | blf 5.00-5.08/180 | blf 5.08/180lr sn - 4 - 1014270000 blf 5.08/16/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 16, 180, box 1014530000 blf 5.08/16/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 16, 180, box 1014280000 blf 5.08/17/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 17, 180, box 1014540000 blf 5.08/17/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 17, 180, box 1014290000 blf 5.08/18/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 18, 180, box 1014550000 blf 5.08/18/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 18, 180, box 1014310000 blf 5.08/19/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 19, 180, box 1014560000 blf 5.08/19/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 19, 180, box 1014320000 blf 5.08/20/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 20, 180, box 1014570000 blf 5.08/20/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 20, 180, box 1014330000 blf 5.08/21/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 21, 180, box 1014580000 blf 5.08/21/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 21, 180, box 1014340000 blf 5.08/22/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 22, 180, box 1014590000 blf 5.08/22/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 22, 180, box 1014350000 blf 5.08/23/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 23, 180, box 1014610000 blf 5.08/23/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 23, 180, box 1014360000 blf 5.08/24/180lr sn bk bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 24, 180, box 1014620000 blf 5.08/24/180lr sn or bx pcb plug-in connector, push in, clamping range, max.: 3.31 mm2, pitch in mm: 5.08 mm, no. of poles: 24, 180, box


▲Up To Search▲   

 
Price & Availability of 1014180000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X