Part Number Hot Search : 
NM3SOL3 080CT C1206 24151 74F139 MP23070 74LV2 PC603
Product Description
Full Text Search
 

To Download YS-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type: YS-3 please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 filter coils < pin type: y s series> ?? product description ?e 18.0 ? 6.1mm max.(l ? w), 8.0mm max. height. ?e operating frequency:0.1~20mhz ?e in addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements ?? feature ?e variable and/or fixed shielded type with three single coil combined. ?e two built-in chip capacitors are in one coil. ?e ideally used as video frequency lc filters for vcr, video cameras, etc. (lpf, bpf, delay line and equalizers). ?e superior distortion factor. ?e rohs compliance ?? dimensions (mm) ?? dimension does not include solder used on coil. ?? pin pitch should be measured at the root of terminal. ?? testing circuit c1=c2=100pf?}5pf 5 . 8?}0.3 max.8.0 3.0 +1.0 -0.5 ?}0.5 2.5 max.18.0 0.6?}0.2 ?0.4-0.05 +0.1 5.6?}0.5 3.5 ?}0.3 3.5 ?}0.3 5.6?}0.5 3.5 ?}0.3 ?` ?@ ?q ?b ?o ?c ?n ?e ?l ?f ?k ?h ?i { rin e.v.m rg s.g. rout ?a?d ?g 25?? 1st 2nd 3rd c1 c2 { 50?? 50?? 25??
type: YS-3 please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 filter coils < pin type: y s series> ?? specification (part number: 2542-t036) item specification input impedance (rin) 75.0 ? output impedance (rout) 75.0 ? center frequency 1.69mhz band width 80khz min. 1.54mhz 16db min. attenuation 1.84mhz 13db min. insertion loss 1.69mhz 7.5db max. frequency response ( attenuation 0db at 1.69mhz )


▲Up To Search▲   

 
Price & Availability of YS-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X