Part Number Hot Search : 
E1231 AIC1630A LSR9553 T87C5101 MV8411 412D24MA SP9840 M5240
Product Description
Full Text Search
 

To Download W1286 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90 60 30 syrios specification W1286 5 3 4 1 all exposed cast aluminum components are made of non corrosive pure aluminum copper free (aluminum is less than .1% copper content.#356 alloy.) finish: all polyester powder baked coatings preceded with a 5 baths preparation process. meets military grade mil-c781706 with a 2000 hours salt spray test. - pulse rated porcelain socket or 75w/600v thermoplastic compact fluorescent socket. - one-piece molded silicone gask et with memory retention. - h.i.d. electronic h.p.f ballast. or 98% p.f.electronic smart ballast with end of life detection for compact fluorescent - all stainless steel hardware. - all moving and removable parts are sealed with a memory retention silicone gasket. 1- circular pressure mounting plate. 2- cast aluminum ballast housing. 3- removable access cover for electrical maintenance. 4- 1/2?dia. twin suspension stem assembly. 5- up-light clear tempered glass. flush mount installation to avoid accumulation of debris. 6- cast aluminum modular optical light chamber. 7- semi-specular aluminum reflector. 8- cast aluminum sealed lens frame 9- clear tempered lens. 10- solid aluminum cylindrical housing. ceiling mount luminaries may be altered for improvements or discontinued without prior notice. luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 toll free: 888 .401 .6999 sept. 2006 rev. feb.2007 (lamps by others) light source selection 120 v standard factory prewired (if no voltage is specified) for other voltages, please specify with catalog number. 208 v 240 v 277 v 347 v 347 v (to specify) compact fluorescent smart ballast 120/277 mh (ed17) cf (gx24q) single lamp f2142 f2157 4f226 4 f232 cf (gx24q) two lamp model# v oltage f inish o ptions W1286 h.i.d. ul. damp location. certification mounting max. weight: 45 lbs. installation: mounts over a standard 4?octagonal electrical box with 3 1/2?c/c mounting holes. (by others). additional separate mounting holes are provided with wall plate.. 6 7 9 2m70 2 m100 2 m150 2 m175 10 2 8 dia . 6 note: distance may be increased to desired length. please specify with stm2 option mounting l u m i i n s standard selection wht :snow white bkt : jet black bzt : bronze grt : titanium gray dgt : gun metal cht : champagne mst : matte silver gnt : forest green optional colors cs : custom color ral : ral# color (refer to color chart) photometry separate updated technical specification sheets with related models and light sources with i.e.s formatted photometry are available on www.luminis.com. accessories l: set of 3 cast aluminum louver rings. su : alternate up light source. (please specify.) sd : alternate down light source. (please specify) stm2 : overall change in length. electrical em42s: 1 lamp (26/32/42w) fs: fuse ph1 : 120/277v photo cell. ph2 : 347v photo cell. qs: standby lamp socket. qrs: h.i.d. lamp restrike page 123 please refer to page 128 for additional details. par lamps 2ph39 (par20) 2 ph70 (par30l) 2 ph100 (par38) adjustable lamps *30 (note 2) 9 1/2 (h) 18 52 -su ( for up light + selected wattage) -sd ( for up light + selected wattage) lamps and wattage can be combined for up and down lighting. to specify the desired combination indicate the following suffix with the selected wattage code. example: -sup100 (up light) -sdm175 (down light) 150/175w 8 all other 4 wattages h
-w2 -1 1/2?dia. shepherd aluminum arm wall mount, with a cast aluminum wall cover and galvanized steel mounting plate. -s 15?swivel ceiling mount with 5/8? dia.x36?g. aluminum stem. luminaire top adaptor allowing to cut stem to length on site.(mounts over a standard 4" octagonal box with 3 1/2" c/c holes) -apa2 -1 1/2?dia. shepherd aluminum side pole mount. (epa:1.12) -aps -1 1/2?dia. shepherd aluminum post top mount, with a cast aluminum tenon to fit with a 3 3/4?i.d. pole (epa:1.17) -aca2 -1?x 3?extruded aluminum davit arm pole mounting adaptor designed to fit with 4 to 5? dia. poles.1/2?dia.x 45?standard natural stainless steel rod support (epa:1.58) -acw2 -1?x 3?extruded aluminum davit arm wall mounting adaptor with cast aluminum covers and galvanized steel mounting plates. 1/2?dia.x 45?standard natural stainless steel rod support. - t2 -1?x 3?extruded aluminum wall mounting straight adaptor with cast aluminum cover and galvanized steel mounting plate. -apc2 -1?x 3?extruded aluminum side pole mounting straight adaptor (epa:1.3) 20 1/2 6 28 1/2 36 14 1/2 15 14 1/2 14 power supply 17 3/4 6 1/2 29 3/4 29 power supply 4 1/2 21 1/2 14 23 syrios m ounting attachments for w1222 series l u m i i n s luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 sept. 2006 rev. feb.2007 toll free: 888 .401 .6999 page 127 pxd pole style 60 * note pca pole style pca pole style paa pole style * note: 36?extension with aca2 attachment 24?extension with apa2 & apc2 attachment compatible poles listing. paa414-aca paa416-aca paa418-aca paa420-aca paa514-aca paa516-aca paa518-aca paa520-aca pxd14-aca pxd16-aca pxd18-aca pxd20-aca 14 ft 16 ft 18 ft 20 ft pca14-aca pca16-aca post side mount with aca2 attachment accessory paa510-apc paa512-apc paa514-apc paa516-apc paa518-apc paa520-apc paa410-apc paa412-apc paa414-apc paa416-apc paa418-apc paa420-apc 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft pca12-apc pca14-apc pca16-apc pxd10-apc pxd12-apc pxd14-apc pxd16-apc pxd18-apc pxd20-apc paa410-apa paa412-apa paa414-apa paa416-apa paa418-apa paa420-apa paa510-apa paa512-apa paa514-apa paa516-apa paa518-apa paa520-apa pxd10-apa pxd12-apa pxd14-apa pxd16-apa pxd18-apa pxd20-apa 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft pca12-apa pca14-apa pca16-apa post side mount with apa2 attachment accessory post side mount with apc2 attachment accessory post side mount with aps attachment accessory paa410-a paa412-a paa414-a paa416-a paa418-a paa420-a paa510-a1 paa512-a1 paa514-a1 paa516-a1 paa518-a1 paa520-a1 pxd10-a pxd12-a pxd14-a pxd16-a pxd18-a pxd20-a pca10-a pca12-a pca14-a pca16-a 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 4?.d. 5 ?.d. 4 ?.d. 4 ?.d. for poles details and specification, please refer to pages 140 to 144 9 1/2 pole height mounting style oal pole height 12- 14 or 16ft. post top mount 4
syrios optional accessories l u m i i n s luminaries may be altered for improvements or discontinued without prior notice. luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 toll free: 888 .401 .6999 sept. 2006 jan.2008 quartz restrike standby lamp kit. when power failure is restored, i t will energize temporary quartz lamp with progressive dimming until full h.i.d light output is produced. max.100w dc bayonet type. (lamp is not included.) not applicable with cfl lamps. quartz lamp restrike option: qrs quartz lamp restrike quartz lamp socket for external 120v emergency power input. separate 120v dedicated wiring is included. max.100 w dc bayonet type. (lamp is not included.) not applicable with cfl lamps. option: qs longer suspension stem stm60 sta60 : 60?lg.x5/8?o.d. suspension stem. stm80 sta80 : 80?lg. x5/8?o.d. suspension stem. for other factory cut to size length add suffix -stm with desired length to catalog# max.120 * sta option for: w1250s stems can be cut on site and rethreaded externally (tap size 1/4 ips / 1/4-18) option 45? hang straight ball swivel for 5/8?dia. suspension stem. option: sw45 slope ceiling adaptor option: sb45 45? hang straight ball swivel for 5/8?dia. suspension stem. with adaptor plate for w1250s sw45 sb45 option: spw (white) spb (black) suspension power cord 3/18 x 36?g. power cord with adjustable aircraft cable. spb black power cable only with options em42 em242 qs note: cable size and type may change at factory discretion upon availability, to accommodate required wiring with selected option. safety suspension cable safety aircraft suspension cable, for applications with earthquake regulations. cables extends 18?beyond canopy. (secured to building structure) option: stc 3/18 spiral power cord max. 277v standard extended length: 3ft. not applicable when using options em42 em242 qs spiral suspension power cord option: tcw (white) tc b (black) page 128 overall length change: change total suspension length fro standard length. specify desired length in inches. ex: stm2-72 option: stm2 stm2- e mergency battery back-up em42 / em42s one lamp: 26w: 450 lmns.. 32w: 575 lmns. 42w: 750 lmns. t ime: 90 mnts -120/277v / t 0?c for 57w & 70w: (remote installation only) consult factory note: use of emergency battery, requires periodic and regular testing to ensure correct operation. (please refer to manufacturer? instructions. hot single pole test switch (breaking the connection) blk wht wht com em ballast note: em42 option is supplied with integral test switch and pilot light. em42s is supplied with additional wiring for external remotely installed test switch and pilot light. ac ballast black /120v (factory wired) orange/277v (cap unused lead.) em42s wiring em42 wiring em ballast wiring diagram for 120v factory connection.


▲Up To Search▲   

 
Price & Availability of W1286

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X