Part Number Hot Search : 
A1521 08140 DTB114 AAM3202 DMC16 36245 601F0575 LT347
Product Description
Full Text Search
 

To Download VXC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 product is compliant to rohs directive and fully compatible with lead free assembly VXC1 7 x 5 x 1.7mm 4 pads package: c1 = 7 x 5 x 1.7 mm 4 pads frequency: 10 mhz to 100 mhz mode: 1 = fundamental (10 to 40 mhz) 3 = 3 rd overtone (40 to 100 mhz) stability options a = 100 ppm -20c to +70c b = 50 ppm -20c to +70c f = 30 ppm -20c to +70c load capacitance (cl): 0 = series resonant 1 = 16 pf 2 = 20 pf 4 = 18 pf 5 = 10 pf 6 = 30 pf std calibration tolerance 30 ppm at +25c tolerances to 10 ppm are available esr: 80 ohms max. shunt capacitance (co): 7 pf max drive level: 10 to 100 uw crystal aging: < 5 ppm/ 1st year standard packaging: tape & reel (1,000 pc minimum) typical p/n: VXC1-1b2-28m224 c1 = 7 x 5 x 1.7 mm 4 pads 1 = fundamental (10 to 40 mhz) b = 50 ppm -20c to +70c 2 = 20 pf
2 25 217 200 150 260 temperature (degc) time (sec) t s t amb- t l t p r r dn package drawing (mm) typical reflow profile table 1. reflow profil e (ipc/jedec j-std-020b) parameter symbol value preheat time t s 60 sec min, 200 sec max ramp up r up 3 o c/sec max time above 217 o c t l 60 sec min, 150 sec max time to peak temperature t amb-p 480 sec max time at 260 o c (max) t p 10 sec max time at 240c (max) tp2 60 sec max ramp down r dn 6 o c/sec max vectron international reserves the right to make changes to th e product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. rev 1: 07/21/2006 usa: vectron international ? ? tel: 1-88-vectron-1 ? fax: 1-888-fax-vectron europe: landstrasse, d-74924, neckarbischofsheim, germany ? tel: 49 (0) 7268 8010 ? fax: 49 (0) 7268 801281 asia: vectron asia pacific sales 1f~2f. no .8 workshop no.308 fenju rd., waigaoqiao free trade zone, pudong new area shanghai, china 200131 ?tel: 8621 50480777 ? fax: 8621 50481881 for additional information please contact:


▲Up To Search▲   

 
Price & Availability of VXC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X