document number: 81009 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.6, 29-jun-09 1 high power infrared emitting diode, 940 nm, gaalas/gaas TSAL6100 vishay semiconductors description TSAL6100 is an infrared, 940 nm emitting diode in gaalas/gaas technology with high radiant power molded in a blue-gray plastic package. features ? package type: leaded ? package form: t-1? ? dimensions (in mm): ? 5 ? peak wavelength: p = 940 nm ? high reliability ? high radiant power ? high radiant intensity ? angle of half intensity: ? = 10 ? low forward voltage ? suitable for high pulse current operation ? good spectral matching with si photodetectors ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition applications ? infrared remote co ntrol units with high power reqirements ? free air transmission systems ? infrared source for optical counters and card readers ? ir source for smoke detectors note test conditions see table ?basic characteristics? note moq: minimum order quantity note t amb = 25 c, unless otherwise specified 94 8 3 8 9 product summary component i e (mw/sr) ? (deg) p (nm) t r (ns) TSAL6100 130 10 940 800 ordering information ordering code packaging remarks package form TSAL6100 bulk moq: 4000 pcs, 4000 pcs/bulk t-1? absolute maximum ratings parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1.5 a power dissipation p v 160 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature t 5 s, 2 mm from case t sd 260 c thermal resistance junction/ambient j-std-051, leads 7 mm soldered on pcb r thja 230 k/w
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 81009 2 rev. 1.6, 29-jun-09 TSAL6100 vishay semiconductors high power infrared emitting diode, 940 nm, gaalas/gaas fig. 1 - power dissipation limit vs. ambient temperatur e fig. 2 - forward current limit vs. ambient temperature note t amb = 25 c, unless otherwise specified 0 20 40 60 8 0 100 120 140 160 1 8 0 010203040506070 8 0 90 100 21211 t am b - am b ient temperat u re (c) p v - po w er dissipation (m w ) r thja = 230 k/ w 0 20 40 60 8 0 100 120 0 10 203040 506070 8 0 90 100 t am b - am b ient temperat u re (c) 21212 i f - for w ard c u rrent (ma) r thja = 230 k/ w basic characteristics parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.35 1.6 v i f = 1 a, t p = 100 s v f 2.6 3 v temperature coefficient of v f i f = 1 ma tk vf - 1.8 mv/k reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz, e = 0 c j 25 pf radiant intensity i f = 100 ma, t p = 20 ms i e 80 130 400 mw/sr i f = 1 a, t p = 100 s i e 650 1000 mw/sr radiant power i f = 100 ma, t p = 20 ms e 35 mw temperature coefficient of e i f = 20 ma tk e - 0.6 %/k angle of half intensity ? 10 deg peak wavelength i f = 100 ma p 940 nm spectral bandwidth i f = 100 ma ? 50 nm temperature coefficient of p i f = 100 ma tk p 0.2 nm/k rise time i f = 100 ma t r 800 ns fall time i f = 100 ma t f 800 ns virtual source diameter met hod: 63 % encircled energy d 3.7 mm
document number: 81009 for technical questions, contact: emittertechsupport@vishay.com www.vishay.com rev. 1.6, 29-jun-09 3 TSAL6100 high power infrared emitting diode, 940 nm, gaalas/gaas vishay semiconductors basic characteristics t amb = 25 c, unless otherwise specified fig. 3 - pulse forward current vs. pulse duration fig. 4 - forward current vs. forward voltage fig. 5 - radiant intensity vs. forward current fig. 6 - radiant power vs. forward current fig. 7 - rel. radiant intensity/power vs. ambient temperature fig. 8 - relative radiant power vs. wavelength t p - p u lse d u ration (ms) 96 119 8 7 10 0 10 1 10 1 10 -1 10 -1 10 0 10 2 10 -2 i - for w ard c u rrent (a) f t p /t = 0.01 i fsm = 1 a (single p u lse) 0.05 0.1 0.5 1.0 v f - for w ard v oltage ( v ) 13600 10 1 10 0 10 2 10 3 10 4 t p = 100 s t p /t = 0.001 0 i f - for w ard c u rrent (ma) 4 3 2 1 1443 8 10 3 10 1 10 2 10 4 10 0 0.1 1 10 1000 100 i f - for w ard c u rrent (ma) i - radiant intensity (m w /sr) e - radiant po w er (m w ) e i f - for w ard c u rrent (ma) 13602 10 3 10 1 10 2 10 4 10 0 0.1 1 10 1000 100 - 10 10 50 0 100 0 0.4 0. 8 1.2 1.6 i e rel ; 140 94 7993 i f = 20 ma e rel t am b - am b ient temperat u re (c) 8 90 0 0.25 0.5 0.75 1.0 1.25 - w a v elength (nm) 14291 - relati v e radiant po w er e rel i f = 100 ma 990 940
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 81009 4 rev. 1.6, 29-jun-09 TSAL6100 vishay semiconductors high power infrared emitting diode, 940 nm, gaalas/gaas fig. 9 - relative radiant intensity vs. angular displacement package dimensions in millimeters 0.4 0.2 0 i e rel - relati v e radiant intensity 159 8 9 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 ? - ang u lar displacement 35.2 0.55 ? 5 0.15 area not plane technical dra w ings according to di n specifications 6.544-5259.0 8 -4 iss u e: 3; 19.05.09 14436 < 0.7 2.54 nom. 8 .7 0.3 a c 1 min. (4.4) 0.5 + 0.15 - 0.05 ? 5. 8 0.15 7.7 0.15 0.6 + 0.2 - 0.1 r2.49 (sphere) 0.5 + 0.15 - 0.05
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|