specification ts-3000-112 ts-3000 -124 ts-3000 -148 ts-3000 -212 ts-3000 -224 ts-3000 -248 200 / 220 / 230 / 240vac selectable by setting button s.w 50 0.1hz 50/60hz selectable by setting button s.w 150a 24v 21 ~ 30vdc 90% 75a 48v 42 ~ 60vdc 91% 150a 24v 21 ~ 30vdc 91% 75a 48v 42 ~ 60vdc 92% model maximum output power (typ.) waveform output frequency ac regulation (typ.) front panel indicator saving mode (typ.) no load dissipation (typ.) bat. voltage voltage range (typ.) note.3,6 efficiency (typ.) note.1 dc current (typ.) note.4 input input protection battery output fuse safety & emc bat. low alarm note.6 bat. low shutdown note.6 over temperature output short reverse polarity gfci proctection 100 / 110 / 115 / 120vac selectable by setting button s.w 3450w for 180 sec. / 4500w for 10 sec. / surge power 6000w for 30 cycles true sine wave (thd<3%) at rated input voltage 60 0.1hz 50/60hz selectable by setting button s.w 300a 12v 10.5 ~ 15vdc 89% 40a*12 40a*6 20a*6 20a*6 40a*6 11.3v 22.5v 45v 45v 22.5v 10.5v 21v 42v 42v 21v 3% default disabled. load 5w will be changed to standby mode battery voltage level, output load level, saving mode, fault and operat ion status 10w @ standby saving mode 12v 1ma 10.5 ~ 15vdc 88% 300a 40a*12 11.3v 10.5v protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, re-power on to recover by internal fuse open optional (only type f) none compliance to fcc class a none working temp. note.2 working humidity storage temp., humidity safety standards 0 ~ +40 @ 100% load ; 60 @ 50% load 20% ~ 90% rh non-condensing -30 ~ +70 / -22 ~ +158 f, 10 ~ 95% rh o ul458 (only for "gfci" receptacle-type f ) compliance to en61000-4-2,3,4,5,6,8,11 compliance to en55022 class a, 72/ 245/ cee, 95/ 54/ ce, e-mark true sine wave output (thd<3%) power on-off switch standby saving mode can be selectable front panel indicator for operation status thermostatically controlled cooling fan protections: bat. low alarm / bat. low shutdown / over voltag e / over temp. / output short / input polarity reverse / overload / ac circui t breaker application : home appliance, power tools, office and porta ble equipment, vehicle and yacht ...etc. optional monitoring software and connection cable (mw order no.: ds-tn-1500) 3 years warranty high surge power up to 6000w high efficiency up to 92% rated power (typ.) 3000w battery types over load (typ.) circuit breaker 105 ~ 115% load for 180 sec., 115% ~ 150% load for 10 sec. protection type : shut down o/p voltage, re-power on to recover ac output receptacle:15a withstand voltage isolation resistance bat i/p - ac o/p:3.0kvac ac o/p - fg:1.5kvac bat i/p - ac o/p, bat i/p - fg, ac o/p - fg: 100m ohms / 500vdc / 25 / 70% rh vibration 10 ~ 500hz, 3g 10min./1cycle, 60min. each along x, y, z axes features : 3000w true sine wave dc-ac inverter t s - 3 0 0 0 s e r i e s others packing 12.9kg; 1pcs/14kg/1.98cuft dimension control wiring 466.8*283.5*100mm (l*w*h) rj11 -rs232 (option) file name:ts-3000-spec 2011-05-24 note 1.efficiency is tested by 2100w, linear load at 13v, 26v, 52v input voltage.2.output derating capacity referenced by curve 1. 3.output derating capacity referenced by curve 2. 4.dc current is tested by 3000w, linear load at 12v, 24v, 48v input voltage. 5.all parameters not specified above are measured at rated load, 25 of ambient temperature. 6.the tolerance of each voltage value by models is:112/212 0.5v;124/224 1v;148/248 2v ac voltage factory setting set at 110vac factory setting set at 230vac protection environment lvd none en60950-1 none e 13 90 5 85 5 85 5 80 5 75 5 75 5 off mode draw current (typ.) open & sealed lead acid battery emc immunity emc emission
type-a receptacle type country certificate type-b type-c type-d type-e type-f usa europe australia u.k japan gfci (expect for 48v input) ac output receptacle (optional) e 13 unit:mm mechanical specification derating curve a :type a outlet b :type b outlet c :type c outlet d :type d outlet e :type e outlet f :type f outlet 12:12vdc 24:24vdc bat. voltage: 48:48vdc 1:110vac 2:230vac output: o/p wattage:3000w 3000 112 a e e 13 13 curve 1 ambient temperature ( ) 0 10 20 30 40 50 60 70 20 40 60 80 100 load (%) curve 2 battery input voltage (v) 10.5vdc 11.5vdc 15vdc 20 40 60 80 100 (horizontal) load (%) 122.44 161.84 100 31.6 reverse polarity will damage the unit. neg pos direction air flow direction air flow 273 34 12 283.5 286.2 90.3 466.8 46 7 7.5 ac output fg nc l nc n on bat low saving setting remote port inverter load 100 battery 0 100 0 c i r c u i t b r e a k e r p r e s s t o r e s e t ac output on off 31.29 13 ac output on bat low saving setting remote port inverter load 100 battery 0 100 0 c i r c u i t b r e a k e r p r e s s t o r e s e t on off 31.29 13 chassis ground cat.no.(1gg1hs-212) wire range(10-4 awg str cu soldered wires) torque (17.7-26.5 in lb) chassis ground cat.no.(1gg1hs-212) wire range(10-4 awg str cu soldered wires) torque (17.7-26.5 in lb) ac receptacle ac receptacle 3000w true sine wave dc-ac inverter t s - 3 0 0 0 s e r i e s file name:ts-3000-spec 2011-05-24 type-a note: when the load current is >15a, must use output terminal connection which can be found inside the ac output panel of the inverter. type-b ts:true sine wave inverter ts
|