Part Number Hot Search : 
2020T E712526 XN06537 APT15 TIP812 TC0144A 1SS358PT 1N5223
Product Description
Full Text Search
 

To Download TC74LCX14F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC74LCX14F/fn/ft 2002-01-11 1 toshiba cmos digital integrated circuit silicon monolithic TC74LCX14F,TC74LCX14Fn,TC74LCX14Ft low-voltage hex schmitt inverter with 5-v tolerant inputs and outputs the TC74LCX14F/fn/ft is a high-performance cmos schmitt inverter. designed for use in 3.3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. the device is designed for low-voltage (3.3 v) v cc applications, but it could be used to interface to 5-v supply environment for inputs. pin configuration and function are the same as the tc74lcx04 but the inputs have hysteresis and with schmitt trigger function, the TC74LCX14F/fn/ft can be used as a line receivers which will receive slow input signals. all inputs are equipped with protection circuits against static discharge. features  low-voltage operation: v cc = 2.0 to 3.6 v  high-speed operation: t pd = 6.5 ns (max) (v cc = 3.0 to 3.6 v)  ouput current: |i oh |/i ol = 24 ma (min) (v cc = 3.0 v)  latch-up performance: 500 ma  available in jedec sop, jeita sop and tssop  power-down protection provided on all inputs and outputs  pin and function compatible with the 74 series (74ac/vhc/hc/f/als/ls etc.) 14 type note: xxxfn (jedec sop) is not available in japan. TC74LCX14F TC74LCX14Fn TC74LCX14Ft weight sop14-p-300-1.27: 0.18 g (typ.) sol14-p-150-1.27: 0.12 g (typ.) tssop14-p-0044-0.65: 0.06 g (typ.)
TC74LCX14F/fn/ft 2002-01-11 2 pin assignment (top view) iec logic symbol truth table inputs outputs a y l h h l system diagram and waveform 1a 2a 3a 4a 5a 6a 1y 2y 3y 4y 5y 6y (1) (3) (5) (9) (11) (13) (2) (4) (6) (8) (10) (12) v cc 14 6a 6y 5a 5y 4a 13 12 11 10 9 8 1 a 1 2 3 4 5 6 7 1 y 2 a 2 y 3 a 3 y gnd 4y v n v h y v p a v in (a) v out (y)
TC74LCX14F/fn/ft 2002-01-11 3 maximum ratings characteristics symbol rating unit power supply voltage v cc  0.5 to 7.0 v dc input voltage v in  0.5 to 7.0 v  0.5 to 7.0 (note 1) dc output voltage v out  0.5 to v cc  0.5 (note 2) v input diode current i ik  50 ma output diode current i ok  50 (note 3) ma dc output current i out  50 ma power dissipation p d 180 mw dc v cc /ground current i cc /i gnd  100 ma storage temperature t stg  65 to 150 c note 1: v cc  0 v note 2: high or low state. i out absolute maximum rating must be observed. note 3: v out  gnd, v out  v cc recommended operating conditions characteristics symbol rating unit 2.0 to 3.6 power supply voltage v cc 1.5 to 3.6 (note 4) v input voltage v in 0 to 5.5 v 0 to 5.5 (note 5) output voltage v out 0 to v cc (note 6) v  24 (note 7) output current i oh /i ol  12 (note 8) ma operating temperature t opr  40 to 85 c note 4: data retention only note 5: v cc  0 v note 6: high or low state note 7: v cc  3.0 to 3.6 v note 8: v cc  2.7 to 3.0 v
TC74LCX14F/fn/ft 2002-01-11 4 electrical characteristics dc characteristics (ta         40 to 85c) characteristics symbol test condition v cc (v) min max unit h-level v p  3.0 1.2 2.2 threshold voltage l-level v n  3.0 0.6 1.5 v hysteresis voltage v h  3.0 0.4 1.2 v i oh   100  a 2.7 to 3.6 v cc  0.2  i oh   12 ma 2.7 2.2  i oh   18 ma 3.0 2.4  h-level v oh v in  v il i oh   24 ma 3.0 2.2  i ol  100  a 2.7 to 3.6  0.2 i ol  12 ma 2.7  0.4 i ol  16 ma 3.0  0.4 output voltage l-level v ol v in  v ih i ol  24 ma 3.0  0.55 v input leakage current i in v in  0 to 5.5 v 2.7 to 3.6   5.0  a power-off leakage current i off v in /v out  5.5 v 0  10.0  a  v in  v cc or gnd 2.7 to 3.6  10.0 quiescent supply current i cc v in  3.6 to 5.5 v 2.7 to 3.6   10.0 increase in icc per input  i cc v ih  v cc  0.6  v 2.7 to 3.6  500  a ac characteristics (ta         40 to 85c) characteristics symbol test condition v cc (v) min max unit 2.7  7.5 propagation delay time t plh t phl figure 1, figure 2  3.3  0.3 1.5  6.5 ns 2.7   output to output skew t oslh t oshl (note 9) 3.3  0.3  1.0 ns note 9: parameter guaranteed by design. (t oslh  |t plhm  t plhn |, t oshl  |t phlm  t phln |) dynamic switching characteristics (ta     25c, input: t r     t f     2.5 ns, c l     50 pf, r l     500     ) characteristics symbol test condition v cc (v) typ. unit quiet output maximum dynamic v ol v olp v ih  3.3 v, v il  0 v 3.3 0.8 v quiet output minimum dynamic v ol |v olv | v ih  3.3 v, v il  0 v 3.3 0.8 v
TC74LCX14F/fn/ft 2002-01-11 5 capacitive characteristics (ta     25c) characteristics symbol test condition v cc (v) typ. unit input capacitance c in  3.3 7 pf output capacitance c out  0 8 pf power dissipation capacitance c pd f in  10 mhz (note 10) 3.3 25 pf note 10: c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr)  c pd ? v cc ? f in  i cc /6 (per gate) ac test circuit ac waveform output measure c l  50 pf r l  500 r l c l figure 1 90% 10% output input v ol v oh gnd 2.7 v 1.5 v t plh t phl t f 2.5 ns t r 2.5 ns 1.5 v figure 2 t plh , t phl
TC74LCX14F/fn/ft 2002-01-11 6 package dimensions weight: 0.18 g (typ.)
TC74LCX14F/fn/ft 2002-01-11 7 package dimensions weight: 0.12 g (typ.) note: this package is not available in japan.
TC74LCX14F/fn/ft 2002-01-11 8 package dimensions weight: 0.06 g (typ.)
TC74LCX14F/fn/ft 2002-01-11 9  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC74LCX14F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X