Part Number Hot Search : 
13R475C MV8733 6712VZM 2N478 M511816 DTA123J TC74VCX SBYG10J
Product Description
Full Text Search
 

To Download TC74LCX02FK12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74lcx02f/ft/fk 2012-02-29 1 toshiba cmos digital integrat ed circuit silicon monolithic tc74lcx02f,tc74lcx02ft,tc74lcx02fk low-voltage quad 2-input nor gate with 5-v tolerant inputs and outputs the tc74lcx02 is a high-perform ance cmos 2-input nor gate. designed for use in 3.3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. the device is designed for low-voltage (3.3 v) v cc applications, but it could be used to interface to 5-v supply environment for inputs. all inputs are equipped with protection circuits against static discharge. features ? low-voltage operation: v cc = 1.65 to 3.6 v ? high-speed operation: t pd = 5.2 ns (max) (v cc = 3.0 to 3.6 v) ? output current: |i oh |/i ol = 24 ma (min) (v cc = 3.0 v) ? latch-up performance : ? 500 ma ? available in jeita sop, tssop and vssop(us) ? power-down protection provided on all inputs and outputs ? pin and function compatible with the 74 series (74ac/vhc/hc/f/als/ls etc.) 02 type note: the electrical characteristics of v cc =1.80.15v is only applicable for products which manufactured from january 2009 onward. tc74lcx02f tc74lcx02ft tc74lcx02fk weight sop14-p-300-1.27a : 0.18 g (typ.) tssop14-p-0044-0.65a : 0.06 g (typ.) vssop14-p-0030-0.50 : 0.02 g (typ.)
tc74lcx02f/ft/fk 2012-02-29 2 pin assignment (top view) iec logic symbol truth table inputs outputs a b y l l h l h l h l l h h l absolute maximum ratings (note 1) characteristics symbol rating unit power supply voltage v cc ?0.5 to 7.0 v dc input voltage v in ?0.5 to 7.0 v ? 0.5 to 7.0 (note 2) dc output voltage v out ?0.5 to v cc ? 0.5 (note 3) v input diode current i ik ?50 ma output diode current i ok 50 (note 4) ma dc output current i out 50 ma power dissipation p d 180 mw dc v cc /ground current i cc /i gnd 100 ma storage temperature t stg ?65 to 150 c note 1: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the applic ation of high temperature/current/voltage and the significant change in temperature, et c.) may cause this product to decreas e in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 2: v cc = 0 v note 3: high or low state. i out absolute maximum rating must be observed. note 4: v out < gnd, v out > v cc v cc 14 4y 4b 4a 3y 3b 13 12 11 10 9 8 1y 1 2 3 4 5 6 7 1a 1b 2y 2a 2b gnd 3a 3 > 1 2 6 5 9 8 12 11 1b 1a 2b 2a 3b 3a 4b 4a 1 4 10 13 1y 2y 3y 4y
tc74lcx02f/ft/fk 2012-02-29 3 operating ranges (note 1) characteristics symbol rating unit 1.65 to 3.6 power supply voltage v cc 1.5 to 3.6 (note 2) v input voltage v in 0 to 5.5 v 0 to 5.5 (note 3) output voltage v out 0 to v cc (note 4) v 24 (note 5) output current i oh /i ol 12 (note 6) ma operating temperature t opr ?40 to 85 c input rise and fall time dt/dv 0 to 10 (note 7) ns/v note 1: the operating ranges must be maintai ned to ensure the normal op eration of the device. unused inputs must be tied to either v cc or gnd. note 2: data retention only note 3: v cc = 0 v note 4: high or low state ( however, it can not exceed i out of absolute maximum ratings.) note 5: v cc = 3.0 to 3.6 v note 6: v cc = 2.7 to 3.0 v note 7: v in = 0.8 to 2.0 v, v cc = 3.0 v
tc74lcx02f/ft/fk 2012-02-29 4 electrical characteristics dc characteristics (ta = ? 40 to 85c) characteristics symbol test condition v cc (v) min max unit 1.65 to 2.3 v cc 0.8 ? 2.3 to 2.7 1.7 ? h-level v ih ? 2.7 to 3.6 2.0 ? 1.65 to 2.3 ? v cc 0.2 2.3 to 2.7 ? 0.7 input voltage l-level v il ? 2.7 to 3.6 ? 0.8 v i oh = ? 100 a 1.65 to 3.6 v cc ?0.2 ? i oh = ? 4 ma 1.65 1.05 ? i oh = ?8 ma 2.3 1.7 ? i oh = ? 12 ma 2.7 2.2 ? i oh = ? 18 ma 3.0 2.4 ? h-level v oh v in = v il i oh = ? 24 ma 3.0 2.2 ? i ol = 100 a 1.65 to 3.6 ? 0.2 i ol = 4ma 1.65 ? 0.45 i ol = 8 ma 2.3 ? 0.7 i ol = 12 ma 2.7 ? 0.4 i ol = 16 ma 3.0 ? 0.4 output voltage l-level v ol v in = v ih or v il i ol = 24 ma 3.0 ? 0.55 v input leakage current i in v in = 0 to 5.5 v 1.65 to 3.6 ? 5.0 a power-off leakage current i off v in /v out = 5.5 v 0 ? 10.0 a v in = v cc or gnd 1.65 to 3.6 ? 10.0 quiescent supply current i cc v in = 3.6 to 5.5 v 1.65 to 3.6 ? 10.0 increase in icc per input i cc v ih = v cc ? 0.6? v 2.7 to 3.6 ? 500 a
tc74lcx02f/ft/fk 2012-02-29 5 ac characteristics (ta = ? 40 to 85c) characteristics symbol test condition v cc (v) min max unit 1.80.15 ? 20.0 2.50.2 ? 7.0 2.7 ? 6.0 propagation delay time t plh t phl figure 1, figure 2 3.3 0.3 1.5 5.2 ns 2.7 ? ? output to output skew t oslh t oshl (note) 3.3 0.3 ? 1.0 ns note: parameter guaranteed by design. (t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln |) dynamic switching characteristics (ta = 25c, input: t r = t f = 2.5 ns, c l = 50 pf, r l = 500 ) characteristics symbol test condition v cc (v) typ. unit quiet output maximum dynamic v ol v olp v ih = 3.3 v, v il = 0 v 3.3 0.8 v quiet output minimum dynamic v ol |v olv | v ih = 3.3 v, v il = 0 v 3.3 0.8 v capacitive characteristics (ta = 25c) characteristics symbol test condition v cc (v) typ. unit input capacitance c in ? 3.3 7 pf output capacitance c out ? 0 8 pf power dissipation capacitance c pd f in = 10 mhz (note) 3.3 25 pf note: c pd is defined as the value of the internal equivalent capacitance which is calc ulated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) = c pd ?v cc ?f in ? i cc /4 (per gate)
tc74lcx02f/ft/fk 2012-02-29 6 ac test circuit ac waveform v cc symbol 3.30.3v 2.7v 2.50.2v 1.80.15v v ih 2.7v v cc v cc v im 1.5v v cc /2 v cc /2 input tr, tf 2.5ns 2.0ns 2.0ns output v om 1.5v v oh /2 v oh /2 c l 50pf 30pf 30pf load r l 500? 500? 1k ? output measure r l c l figure 1 90% 10% output input v ol v oh gnd v ih v om t plh t phl t f t r v im figure 2 t plh , t phl
tc74lcx02f/ft/fk 2012-02-29 7 package dimensions weight: 0.18 g (typ.)
tc74lcx02f/ft/fk 2012-02-29 8 package dimensions weight: 0.06 g (typ.)
tc74lcx02f/ft/fk 2012-02-29 9 package dimensions weight: 0.02 g (typ.)
tc74lcx02f/ft/fk 2012-02-29 10 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is wit hout alteration/omission. ? though toshiba works continually to improve product's quality a nd reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid sit uations in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers mu st also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specificati ons, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructio ns for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not lim ited to (a) determining the appropriateness of the use of this product in such des ign or applications; (b) evaluating and dete rmining the applicability of any information contained in this document, or in charts, dia grams, programs, algorithms, sample application circuits, or any other referenced document s; and (c) validating all operating paramete rs for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilit ies, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nse quential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any m ilitary purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technolog y products (mass destruction weapons). product and related soft ware and technology may be controlled under the applicable export laws and regulations including, without limitation, the jap anese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-ex port of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74LCX02FK12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X