Part Number Hot Search : 
C51RA5N ZM4744 50004 F2040 S6B0755 LD421843 82P604B SD1732
Product Description
Full Text Search
 

To Download T-13205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  name: sheet: date: rhombus p/n: cust p/n: 15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. www.rhombus-ind.com 1 of 1 7/2/96 T-13205 u interface transformer (2b1q coding applications) designed for use with national tp 3410, sgs-thomson st5410 parameter min. max. units primary inductance (line side) 1 25.38 28.62 mh pins 7 to 5 with 8 & 6 shorted. primary dc resistance 10.0 ohms secondary dc resistance 5.0 ohms isolation (hi-pot) 2000 v rms dc bias 60 ma return loss 10khz & 25 khz 20 db longitudinal balance (281 hz to 40 khz) 55 db turns ratio ( + 3 % ) (line : chip) 1.50 : 1 flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. physical dimensions inches (mm) rm-8 package chip side 2 11 5 8 6 7 line side schematic note: 1. tested @10 khz / 700 mv, on line side operating temp. range -40 0 c to +85 0 c primary is line side (pins 5,8,6,7) secondary is chip side (pins 2,11) surge voltage capability metallic voltage: 800 v peak, 10/560 m s longitudinal voltage: 2400 v peak, 10/700 m s


▲Up To Search▲   

 
Price & Availability of T-13205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X