Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download SR3100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) do-201ad features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: do-201ad molded plastic  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  weight: 1. 2 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 320 sr 330 sr 340 sr 350 sr 360 sr 390 sr 3100 sr 315 0 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 3.0 a maximum instantaneous forward voltage @3.0a v f 0.55 0.70 0.85 0.95 v 0.5 maximum d.c. reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 5 0.1 2.0 ma ma typical junction capacitance (note 2) cj 200 130 72 pf typical thermal resistance (note 1) r ja r jc 50 15 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mount on cu-pad size 16mm x 16mm on p.c.b. 2. measured at 1 mhz and applie d reverse voltage of 4.0v d.c. sr320-sr3200 3.0 amp. schottky barrier rectifiers sr 320 0 200 200 140 http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves fig.2- maximum non-repetitive forward surge current peak forward surge current amperes 1 26 8 4 10 20 100 40 60 80 100 80 60 40 20 0 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical forward characteristics instantaneous forward current. (a) .2 .3 .4 .5 .6 .7 .8 .9 1.0 0.1 1.0 10 50 forward voltage. (v) s sr320-sr340 s sr350-sr360 fig.5- typical junction capacitance junction capacitance.(pf) .1 .4.2 1.0 42 10 20 40 100 10 20 40 60 100 80 200 400 600 1000 reverse voltage. (v) s sr320-340 s sr350-360 fig.1- maximum forward current derating curve average forward current . amperes 0 25 50 75 100 125 150 175 0 1 2 3 4 lead temperature. ( c) o s sr350-sr3 sr350-sr3200 s sr320-sr340 fig.4- typical reverse characteristics instantaneous reverse current .(ma) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 sr350-3150 sr320-340 tj=75 c 0 tj=25 o c pulse width=300 s 1% duty cycle s sr390-SR3100 s s sr390-sr3200 fig.6- typical transient thermal characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 100 10 1 0.1 t, pulse duration. (sec) s sr3150 sr320-sr3200 3.0 amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR3100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X