Part Number Hot Search : 
10200 MAX14531 2N5070 SBL20 MAX5307 MCJ36 BZX84C3W IRS21
Product Description
Full Text Search
 

To Download PX1500M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  px1500a ... PX1500M px1500a ... PX1500M silicon rectifier diodes C silizium-gleichrichterdioden version 2011-07-18 dimensions - ma?e [mm] nominal current nennstrom 15 a repetitive peak reverse voltage periodische spitzensperrspannung 50...1000 v plastic case kunststoffgeh?use ? 8 x 7.5 [mm] weight approx. gewicht ca. 2.0 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] px1500a 50 50 px1500b 100 100 px1500d 200 200 px1500g 400 400 px1500j 600 600 px1500k 800 800 PX1500M 1000 1000 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 15 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 80 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 400/450 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 800 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+175c -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 1 http://www.diotec.com/ ? diotec semiconductor ag ? 1.6 0.05 ? 8 0.1 7 . 5 0 . 1 6 2 . 5 0 . 5
px1500a ... PX1500M characteristics kennwerte forward voltage C durchlass-spannung t j = 25c i f = 5 a v f < 0.9 v leakage current C sperrstrom t j = 25c v r = v rrm i r < 25 a thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 12 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 2.0 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 forward characteristics (typical values) durchlasskennlinien (typische werte) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 10 10 10 1 10 3 2 -1 [a] i f t = 25c j t = 125c j 400a-(5a-0.9v) peak forward surge current versus number of cycles at 50 hz durchlass-spitzenstrom in abh. von der zahl der halbwellen bei 50 hz 10 10 10 3 2 [a] ? f 1 10 10 [n] 10 2 3


▲Up To Search▲   

 
Price & Availability of PX1500M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X