Part Number Hot Search : 
MAN8010 154CSW 514280 NM65N LT455IW RFZ24N SP682CU LT143233
Product Description
Full Text Search
 

To Download PL321-1R24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pl321 series 3mm led pa nel mount metal holder features * panel mount indicator with outer reflector *chrome or black finish *mounting hole 6 mm (0.236?) *mounting hardware included *1 red led with color diffused lens used *standard terminals *rohs compliant absolute maximum ratings at t a = 25 c reverse voltage (<100 a) ????????.??????????????? 5.0v max forward current??.????..???????.??..???.????. 30ma peak forward current (1/10 duty cycle, 0.1ms pulse width) ??........??.??...?? 100ma operating temperature range??????????????..??. -25c to +85c storage temperature range??????.....???????.?...? -40c to +100c soldering temperature (1.6 mm below body) ???....?????..?.?.. 260 for 5 seconds power dissipation?????????????????????????. 90mw electrical & optical characteristics at t a = 25 c part number add s for chrome finish add b for black finish emitting color chip material peak wave length dominant wave length viewing angle 2 ? forward voltage @20ma (v) luminous intensity @20ma (mcd) nm nm deg typ max min typ PL321-1R24 red gap 700 650 34 2.1 3.0 1.5 3.0 all dimensions are in millimeters . tolerance is 0.25mm unless otherwise specified. 02-16-07 rev 0 rs tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 2.3 6.0 3.7 2.0 8.0 1.3 15.0 anode washer m6 x 0.75 2.54min. 4.65 3mm led


▲Up To Search▲   

 
Price & Availability of PL321-1R24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X