Part Number Hot Search : 
NJM2397 PA08V MMBZ5V6A EE35A BP5311A S6203 UPD16886 2300S
Product Description
Full Text Search
 

To Download NL37WZ04USG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 april, 2006 ? rev. 4 1 publication order number: nl37wz04/d nl37wz04 triple inverter the nl37wz04 is a high performance triple inverter operating from a 1.65 v to 5.5 v supply. high impedance ttl compatible inputs significantly reduce current loading to input drivers while ttl compatible outputs offer improved switching noise performance. features ? extremely high speed: t pd 2.0 ns (typical) at v cc = 5 v ? designed for 1.65 v to 5.5 v v cc operation ? over voltage tolerant inputs and outputs ? lvttl compatible ? interface capability with 5 v ttl logic with v cc = 3 v ? lvcmos compatible ? 24 ma balanced output sink and source capability ? near zero static supply current substantially reduces system power requirements ? chip complexity: fet = 72 ? pb?free package is available v cc in a1 out y3 gnd in a2 out y2 figure 1. pinout (top view) figure 2. logic symbol in a2 out y2 out y1 in a1 1 2 3 8 7 6 out y3 in a3 in a3 out y1 4 5 1 1 1 see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information marking diagram pin assignment 1 2 3in a2 in a1 gnd 4 5 out y3 out y1 6 function table l h a input y output h l 7 8 v cc in a3 out y2 us8 us suffix case 493 8 1 http://onsemi.com 1 8 l5 m   l5 = device code m = date code*  = pb?free package *date code orientation may vary depending upo n manufacturing location. (note: microdot may be in either location)
nl37wz04 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v i dc input voltage  0.5 to  7.0 v v o dc output voltage  0.5 to  7.0 v i ik dc input diode current v i < gnd  50 ma i ok dc output diode current v o < gnd  50 ma i o dc output sink current  50 ma i cc dc supply current per supply pin  100 ma i gnd dc ground current per ground pin  100 ma t stg storage temperature range  65 to  150 c t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias  150 c  ja thermal resistance (note 1) 250 c/w p d power dissipation in still air at 85 c 250 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) > 2000 > 200 n/a v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. measured with minimum pad spacing on an fr4 board, using 10 mm?by?1 inch, 2?ounce copper trace with no air flow. 2. tested to eia/jesd22?a114?a. 3. tested to eia/jesd22?a115?a. 4. tested to jesd22?c101?a. recommended operating conditions symbol parameter min max unit v cc supply voltage operating data retention only 1.65 1.5 5.5 5.5 v v i input voltage (note 5) 0 5.5 v v o output voltage (high or low state) 0 v cc v t a operating free?air temperature  40  85 c  t/  v input transition rise or fall rate v cc = 2.5 v  0.2 v v cc = 3.0 v  0.3 v v cc = 5.0 v  0.5 v 0 0 0 20 10 5 ns/v 5. unused inputs may not be left open. all inputs must be tied to a high? or low?logic input voltage level.
nl37wz04 http://onsemi.com 3 dc electrical characteristics symbo l parameter condition v cc (v) t a = 25  c  40  c  t a  85  c uni t min typ max min max v ih high?level input voltage 1.65 0.75 v cc 0.75 v cc v 2.3 to 5.5 0.7 v cc 0.7 v cc v il low?level input voltage 1.65 0.25 v cc 0.25 v cc v 2.3 to 5.5 0.3 v cc 0.3 v cc v oh high?level output volt- age v in = v il i oh = ?100  a 1.65 to 5.5 v cc  0.1 v cc v cc  0.1 v i oh =  3 ma 1.65 1.29 1.52 1.29 i oh =  8 ma 2.3 1.9 2.1 1.9 i oh =  12 ma 2.7 2.2 2.4 2.2 i oh =  16 ma 3.0 2.4 2.7 2.4 i oh =  24 ma 3.0 2.3 2.5 2.3 i oh =  32 ma 4.5 3.8 4.0 3.8 v ol low?level output volt- age v in = v ih i ol = 100  a 1.65 to 5.5 0.1 0.1 v i ol = 3 ma 1.65 0.08 0.24 0.24 i ol = 8 ma 2.3 0.20 0.3 0.3 i ol = 12 ma 2.7 0.22 0.4 0.4 i ol = 16 ma 3.0 0.28 0.4 0.4 i ol = 24 ma 3.0 0.38 0.55 0.55 i ol = 32 ma 4.5 0.42 0.55 0.55 i in input leakage current v in = v cc or gnd 0 to 5.5  0.1  1.0  a i off power off?output leakage current v out = 5.5 v 0 1 10  a i cc quiescent supply current v in = v cc or gnd 1.65 to 5.5 1 10  a ac electrical characteristics t r = t f = 2.5 ns; c l = 50 pf; r l = 500  symbol parameter condition v cc (v) t a = 25  c  40  c  t a  85  c uni t min typ max min max ???? ? ?? ? ? ?? ? ? ?? ? ? ?? ? ? ?? ? ???? t plh t phl ???????? ? ?????? ? ? ?????? ? ? ?????? ? ? ?????? ? ? ?????? ? ???????? propagation delay (figure 3 and 4) r l = 1 m  c l = 15 pf 1.8  0.15 1.8 4.4 9.5 2.0 10 ?? ?? ?? ?? ?? ?? ?? ??????? ???????  c l = 15 pf ???? ????  0.2 ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ??????? ???????  c l = 15 pf ???? ????  0.3 ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ??????? ???????  c l = 50 pf ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ??????? ???????  c l = 15 pf ???? ????  0.5 ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ??????? ???????  c l = 50 pf ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? capacitive characteristics symbol parameter condition typical unit c in input capacitance v cc = 5.5 v, v i = 0 v or v cc 2.5 pf c pd power dissipation capacitance (note 6) 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 9 pf 10 mhz, v cc = 5.5 v, v i = 0 v or v cc 11 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in  i cc . c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in  i cc  v cc .
nl37wz04 http://onsemi.com 4 figure 3. switching waveform input r l c l* a 1?mhz square input wave is recommended for propagation delay tests. figure 4. test circuit t r = 3 ns v cc gnd v oh v ol 90% 50% 10% 50% t plh t phl output y input t f = 3 ns 90% 50% 10% 50% output *c l includes all probe and jig capacitances. device ordering information device order number package type tape and reel size ? nl37wz04us us8 178 mm, 3000 units / tape & reel NL37WZ04USG us8 (pb?free) 178 mm, 3000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
nl37wz04 http://onsemi.com 5 package dimensions us8 us suffix case 493?02 issue b dim a min max min max inches 1.90 2.10 0.075 0.083 millimeters b 2.20 2.40 0.087 0.094 c 0.60 0.90 0.024 0.035 d 0.17 0.25 0.007 0.010 f 0.20 0.35 0.008 0.014 g 0.50 bsc 0.020 bsc h 0.40 ref 0.016 ref j 0.10 0.18 0.004 0.007 k 0.00 0.10 0.000 0.004 l 3.00 3.20 0.118 0.126 m 0 6 0 6 n 5 10 5 10 p 0.23 0.34 0.010 0.013 r 0.23 0.33 0.009 0.013 s 0.37 0.47 0.015 0.019 u 0.60 0.80 0.024 0.031 v 0.12 bsc 0.005 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. dimension ?a? does not include mold flash, protrusion or gate burr. mold flash. protrusion and gate burr shall not exceed 0.140 mm (0.0055?) per side. 4. dimension ?b? does not include inter?lead flash or protrusion. inter?lead flash and protrusion shall not e3xceed 0.140 (0.0055?) per side. 5. lead finish is solder plating with thickness of 0.0076?0.0203 mm. (300?800 ?). 6. all tolerance unless otherwise specified 0.0508 (0.0002 ?). l b a p g 4 1 5 8 c k d seating j s r u detail e v f h n r 0.10 typ m ?y? ?x? ?t? detail e t m 0.10 (0.004) xy t 0.10 (0.004)   plane  mm inches  scale 8:1 3.8 0.15 0.50 0.0197 1.0 0.0394 0.30 0.012 1.8 0.07 soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?t ypicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license un der its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended f or surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in a ny manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 nl37wz04/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of NL37WZ04USG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X