Part Number Hot Search : 
VKA3125N 12SH3 R25H160F TA0862A ACT88 PXTA14 NL17S BAT43WS
Product Description
Full Text Search
 

To Download MC10105LR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   semiconductor technical data 321 rev 5 ? motorola, inc. 1996 3/93      the mc10105 is a triple 232 input or/nor gate. p d = 30 mw typ/gate (no load) t pd = 2.0 ns typ t r , t f = 2.0 ns typ (20%80%) logic diagram v cc1 = pin 1 v cc2 = pin 16 v ee = pin 8 12 15 13 14 5 2 43 11 7 9 6 10 
 dip pin assignment v cc1 a out a out a in a in b out b out v ee v cc2 c out c out c in c in b in b in b in 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 pin assignment is for dualinline package. for plcc pin assignment, see the pin conversion tables on page 611 of the motorola mecl data book (dl122/d). l suffix ceramic package case 62010 p suffix plastic package case 64808 fn suffix plcc case 77502
mc10105 motorola mecl data dl122 e rev 6 322 electrical characteristics pi test limits pin under 30 c +25 c +85 c characteristic symbol under test min max min typ max min max unit power supply drain current i e 8 23 17 21 23 madc input current i inh 4 425 265 265 m adc i inl 4 0.5 0.5 0.3 m adc output voltage logic 1 v oh 3 2 1.060 1.060 0.890 0.890 0.960 0.960 0.810 0.810 0.890 0.890 0.700 0.700 vdc output voltage logic 0 v ol 3 2 1.890 1.890 1.675 1.675 1.850 1.850 1.650 1.650 1.825 1.825 1.615 1.615 vdc threshold voltage logic 1 v oha 3 2 1.080 1.080 0.980 0.980 0.910 0.910 vdc threshold voltage logic 0 v ola 3 2 1.655 1.655 1.630 1.630 1.595 1.595 vdc switching times (50 w load) ns propagation delay t 4+3 t 43+ t 4+2+ t 42 3 3 2 2 1.0 1.0 1.0 1.0 3.1 3.1 3.1 3.1 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.0 2.9 2.9 2.9 2.9 1.0 1.0 1.0 1.0 3.3 3.3 3.3 3.3 rise time (20 to 80%) t 3+ t 2+ 3 2 1.1 1.1 3.6 3.6 1.1 1.1 2.0 2.0 3.3 3.3 1.1 1.1 3.7 3.7 fall time (20 to 80%) t 3 t 2 3 2 1.1 1.1 3.6 3.6 1.1 1.1 2.0 2.0 3.3 3.3 1.1 1.1 3.7 3.7
mc10105 323 motorola mecl data dl122 e rev 6 electrical characteristics (continued) test voltage values (volts) @ test temperature v ihmax v ilmin v ihamin v ilamax v ee 30 c 0.890 1.890 1.205 1.500 5.2 +25 c 0.810 1.850 1.105 1.475 5.2 +85 c 0.700 1.825 1.035 1.440 5.2 pin under test voltage applied to pins listed below (v cc ) characteristic symbol u n d er test v ihmax v ilmin v ihamin v ilamax v ee (v cc ) gnd power supply drain current i e 8 8 1, 16 input current i inh 4 4 8 1, 16 i inl 4 4 8 1, 16 output voltage logic 1 v oh 3 2 4 8 8 1, 16 1, 16 output voltage logic 0 v ol 3 2 4 8 8 1, 16 1, 16 threshold voltage logic 1 v oha 3 2 4 4 8 8 1, 16 1, 16 threshold voltage logic 0 v ola 3 2 4 4 8 8 1, 16 1, 16 switching times (50 w load) pulse in pulse out 3.2 v +2.0 v propagation delay t 4+3 t 43+ t 4+2+ t 42 3 3 2 2 4 4 4 4 3 3 2 2 8 8 8 8 1, 16 1, 16 1, 16 1, 16 rise time (20 to 80%) t 3+ t 2+ 3 2 4 4 3 2 8 8 1, 16 1, 16 fall time (20 to 80%) t 3 t 2 3 2 4 4 3 2 8 8 1, 16 1, 16 each mecl 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. outputs are terminated through a 50-ohm resistor to 2.0 volts. test procedures are shown for only one gate. the other gates are tested in the same manner.
mc10105 motorola mecl data dl122 e rev 6 324 outline dimensions fn suffix plastic plcc package case 77502 issue c notes: 1. datums l, m, and n determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum t, seating plane. 3. dimensions r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). m n l y brk w v d d s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t s lm s 0.010 (0.250) n s t x g1 b u z view dd 20 1 s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t s lm s 0.010 (0.250) n s t c g view s e j r z a 0.004 (0.100) t seating plane s lm m 0.007 (0.180) n s t s lm m 0.007 (0.180) n s t h view s k k1 f g1 dim min max min max millimeters inches a 0.385 0.395 9.78 10.03 b 0.385 0.395 9.78 10.03 c 0.165 0.180 4.20 4.57 e 0.090 0.110 2.29 2.79 f 0.013 0.019 0.33 0.48 g 0.050 bsc 1.27 bsc h 0.026 0.032 0.66 0.81 j 0.020 0.51 k 0.025 0.64 r 0.350 0.356 8.89 9.04 u 0.350 0.356 8.89 9.04 v 0.042 0.048 1.07 1.21 w 0.042 0.048 1.07 1.21 x 0.042 0.056 1.07 1.42 y 0.020 0.50 z 2 10 2 10 g1 0.310 0.330 7.88 8.38 k1 0.040 1.02 
mc10105 325 motorola mecl data dl122 e rev 6 outline dimensions p suffix plastic dip package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     l suffix ceramic dip package case 62010 issue v notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension f may narrow to 0.76 (0.030) where the lead enters the ceramic body. a b t f e g n k c seating plane 16 pl d s a m 0.25 (0.010) t 16 pl j s b m 0.25 (0.010) t m l dim min max min max millimeters inches a 0.750 0.785 19.05 19.93 b 0.240 0.295 6.10 7.49 c 0.200 5.08 d 0.015 0.020 0.39 0.50 e 0.050 bsc 1.27 bsc f 0.055 0.065 1.40 1.65 g 0.100 bsc 2.54 bsc h 0.008 0.015 0.21 0.38 k 0.125 0.170 3.18 4.31 l 0.300 bsc 7.62 bsc m 0 15 0 15 n 0.020 0.040 0.51 1.01  16 9 18 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 5405, denver, colorado 80217. 3036752140 or 18004412447 3142 tatsumi kotoku, tokyo 135, japan. 81335218315 mfax ? : rmfax0@email.sps.mot.com t ouchtone 6022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 mc10105/d  ?


▲Up To Search▲   

 
Price & Availability of MC10105LR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X