Part Number Hot Search : 
TLMY3100 PA09A 1550A LVCH1624 60100 20TTS BD4148 TLMG3100
Product Description
Full Text Search
 

To Download MAPS-010145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ?? 4 bit digital phase shifter ?? 360 coverage with lsb = 22.5 ?? integrated cmos driver ?? serial or parallel control ?? low dc power consumption ?? minimal attenuation variation over phase shift range ?? 50 ? impedance ?? ear99 ?? lead-free 4 mm 24-lead pqfn package ?? rohs* compliant description the MAPS-010145 is a gaas phemt 4-bit digital phase shifter with an integrated cmos driver in a 4 mm pqfn plastic surface mount package. step size is 22.5 providing phase shift from 0 to 360 in 22.5 steps. this design has been optimized to minimize variation in attenuation over the phase shift range. the MAPS-010145 is ideally suited for use where high phase accuracy with minimum loss variation over the phase shift range are required. the 4 mm pqfn package provides a smaller footprint than is typically available for a digital phase shifter with an internal driver. typical applications include communications antennas and phased array radars. * restrictions on hazardous substanc es, european union directive 2002/95/ec. ordering information 1 part number package MAPS-010145-tr0500 500 piece reel MAPS-010145-001smb sample test board 1. reference application note m513 for reel size information. pin configuration 2 functional schematic pin no. function pin no. function 1 vee 13 gnd 2 p/s 14 rf out 3 gnd 15 gnd 4 gnd 16 gnd 5 rf in 17 ser out 6 gnd 18 vcc 7 gnd 19 d6 8 gnd 20 d5 9 gnd 21 d4 10 gnd 22 d3 or le 11 gnd 23 d2 or clk 12 gnd 24 d1 or ser in 2. the exposed pad centered on the package bottom must be connected to rf and dc ground. gnd gnd gnd gnd gnd gnd d1 or ser in d2 or clk d3 or le d4 d5 d6
2 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. electrical specifications: freq. = 3.5 - 6.0 ghz, t a = 25c, z 0 = 50 ? , v cc = +5.0 v, v ee = -5.0 v 3. maximum operating power is the maximum po wer where the specifications are guaranteed. 4. rms is calculated across all 15 amplitude or phase states rela tive to the amplitude or phase in the 0 phase state at a give n frequency. 5. this phase shifter is guarant eed to have monotonic phase shift. parameter test conditions units min. typ. max. operating power 3 3.5 - 6.0 ghz dbm ? ? +25 insertion loss (any phase state) any phase state db ? 5.0 6.5 attenuation variation across a ll phase states db ? 1 ? rms attenuation error 4 all values relative to insertion loss at reference phase db ? 0.4 ? rms phase error 4 all values relative to reference phase deg ? 3 ? phase accuracy 5 relative to reference loss state 22.5 degree bit 45 degree bit 90 degree bit 180 degree bit sum of all bits deg ? ? ? ? ?- 1.7 1.0 2.0 3.5 2.5 ? ? ? ? ? vswr rf in rf out ratio ? ? 1.8:1 1.8:1 ? ? 1 db compression reference state dbm ? 27 ? input ip3 two-tone inputs up to +5 dbm dbm ? 45 ? v cc v ee ? ? v 3.0 -5.5 ? -5.0 5.5 -3.0 v il v ih low-level input voltage high-level input voltage v 0.0 0.7 x v cc ? ? 0.3 x v cc v cc l in (input control current) v in = v cc or gnd a ? 1 ? v oh v ol for serial out; i oh = -100 a for serial out; i ol = 100 a v v cc - 0.2 ? ? ? ? 0.2 i cc (quiescent supply current) vcntrl = v cc or gnd a ? ? 2 i ee v ee min to max vin = v il or v ih ma -1.0 -0.1 ? t rise , t fall 10% to 90% rf, 90% to 10% rf ns ? 50 ?
3 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. typical performance curves phase error (degrees) vs. state amplitude error (db) vs. state rf in return loss vs. frequency (all states) rf out return loss vs. frequency (all states) mean rms phase error vs. frequency mean rms amplitude error vs. frequency -35 -30 -25 -20 -15 -10 -5 0 3.5 4.0 4.5 5.0 5.5 6.0 frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 3.5 4.0 4.5 5.0 5.5 6.0 frequency (ghz) 0 2 4 6 8 10 3.54.04.55.05.56.0 frequency (ghz) 0 0.3 0.6 0.9 1.2 1.5 3.54.04.55.05.56.0 frequency (ghz) -15 -10 -5 0 5 10 15 0 45 90 135 180 225 270 315 360 3.5 ghz 4.0 ghz 4.5 ghz 5.0 ghz 5.5 ghz 6.0 ghz state (deg) -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 0 45 90 135 180 225 270 315 360 3.5 ghz 4.0 ghz 4.5 ghz 5.0 ghz 5.5 ghz 6.0 ghz state
4 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. absolute maximum ratings 6,7 parameter absolute maximum input power 3.5 - 6.0 ghz +27 dbm v cc -0.5v v cc +7.0v v ee -7.0v v ee +0.5v d1-d4, p/s, le, clk or ser in -0.5v v in vcc + 0.5v ser out -0.5v v out v cc + 0.5v operating temperatur e -40oc to +85oc storage temperature -65oc to +150oc 6. exceeding any one or combination of these limits may cause permanent damage to this device. 7. m/a-com technology solutions does not recommend sustained operation near these survivability limits. handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide and silicon integrated circuits are sensitive to electr ostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices. amplitude variation vs. phase state phase shift vs. frequency (major states) typical performance curves -10 -8 -6 -4 -2 0 3.5 4.0 4.5 5.0 5.5 6.0 frequency (ghz) -405 -360 -315 -270 -225 -180 -135 -90 -45 0 3.5 4.0 4.5 5.0 5.5 6.0 22.5 45 67.5 90 112.5 135 157.5 180 205.5 225 247.5 270 292.5 315 337.5 frequency (ghz) sample board header pin labels
5 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. p/s le mode 1 x serial 0 n/a direct parallel serial mode direct parallel mode the serial control interface (serin, clk, le, serout) is compatible with the spi protocol. spi mode is activated when p/s is kept high. the 6-bit serial word must be loaded with the msb first. after shifting in the 6 bit word, a rising edge on le will set the phase shifter to the desir ed state. while le is high the clk is masked to protect the data while implementing the change. serout is serin delayed by 6 clock cycles. when p/s is low, the seri al control interface is disabled. when p/s is set high, pins 22, 23, and 24 have the le, clk, and ser in function. in serial mode operati on, the outputs will stay constant while le is kept low. the parallel mode is enabled when p/s is set low. in the direct parallel mode, the phase shifter is controlled by the parallel control inputs directly. when p/s is set low, pins 22, 23, and 24 have the d3, d2, and d1 function. modes of operation: serial and direct parallel mode truth table 8,9 serial interface timing characteristics symbol parameter typical performance units -40c 25c +85c t sck min. serial clock period 100 100 100 ns t cs min. control set-up time 20 20 20 ns t ch min. control hold time 20 20 20 ns t ls min. le set-up time 10 10 10 ns t lew min. le pulse width 10 10 10 ns t lh min. serial clock hold time from le 10 10 10 ns t les min. le pulse spacing 630 630 630 ns truth table (digital phase shifter) 10 d6 d5 d4 d3 d2 d1 phase shift 0 0 0 0 x x reference phase 0 0 0 1 x x 22.5 deg 0 0 1 0 x x 45 deg 0 1 0 0 x x 90 deg 1 0 0 0 x x 180 deg 1 1 1 1 x x 337.5 deg 10. 0 = cmos low; 1 = cmos high, x is cmos low or high 8. there are two dummy bits (d1 & d2), that must be sent in the serial mode. this is because the 4 bit phase shifter uses the same driver as the 6 bit phase shifter. 9. in the parallel mode, d1 and d2 should be tied to ground or to v cc .
6 digital phase shifter 4-bit, 3.5 - 6.0 ghz rev. v2 MAPS-010145 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. serial input inte rface timing diagram functionality modes of operation: seri al and direct parallel lead free 4 mm 24-lead pqfn ? ? reference application note s2083 for lead-free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is 100% matte tin over copper.


▲Up To Search▲   

 
Price & Availability of MAPS-010145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X