Part Number Hot Search : 
50N06 DG623 50N06 MG1101A MT109 MAX14934 BCPZRL 00209
Product Description
Full Text Search
 

To Download LSE5333-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet doc. no : qw0905-LSE5333-PF rev. : a date : LSE5333-PF rectangle type led lamps ligitek electronics co.,ltd. property of ligitek only - 2006 14 - mar. lead-free parts pb
30 0 60 % 75 0 % 25% 50% 100 -30 -60 % 25 % 75% 50 % 100 ligitek electronics co.,ltd. property of ligitek only package dimensions page 1/5 part no. LSE5333-PF note : 1.all dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. directivity radiation + - 25.0min 1.0min 2.54typ 8.7 0.5 typ 1.5max 2.5 5.0
ligitek electronics co.,ltd. property of ligitek only unit mw a ma ma se ratings symbol 20 80 10 80 i f i fp ir pd page 2/5 parameter power dissipation reverse current @5v peak forward current duty 1/10@10khz forward current absolute maximum ratings at ta=25 -40 ~ +85 t opr tstg -40 ~ +100 20 typ. min. 45 20 max. 2.6 45 lens 610 spectral halfwidth nm forward voltage @20ma(v) viewing angle 2 1/2 (deg) luminous intensity @10ma(mcd) peak wave length pnm storage temperature operating temperature emitted orange part no LSE5333-PF material gaasp/gap note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. typical electrical & optical characteristics (ta=25 ) water clear color min. 1.7 part no. LSE5333-PF
fig.3 forward voltage vs. temperature fig.5 relative intensity vs. wavelength ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a wavelength (nm) f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 fig.4 relative intensity vs. temperature ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 typical electro-optical characteristics curve forward voltage(v) fig.1 forward current vs. forward voltage f o r w a r d c u r r e n t ( m a ) forward current(ma) fig.2 relative intensity vs. forward current r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a ligitek electronics co.,ltd. property of ligitek only 1.0 0.1 1.0 10 100 1000 1.0101001000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40-200204060 1.0 1.1 1.2 550 600 0.0 0.5 1.0 2.03.04.05.0 80100 0.8 0.9 -20 -40 40 20 080100 60 2.0 0.0 0.5 1.0 1.5 2.5 3.0 650 700750 se chip page 3/5 part no. LSE5333-PF
dip soldering preheat: 120 c max preheat time: 60seconds max ramp-up 2 c/sec(max) ramp-down:-5 c/sec(max) solder bath:260 c max dipping time:3 seconds max distance:2mm min(from solder joint to body) 2.wave soldering profile soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 c max soldering time:3 seconds max(one time) distance:2mm min(from solder joint to body) ligitek electronics co.,ltd. property of ligitek only page 4/5 0 preheat 0 25 2 /sec max 100 50 150 time(sec) temp( c) 120 260 5 /sec max 260 c3sec max 60 seconds max part no. LSE5333-PF
mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 mil-std-202:103b jis c 7021: b-11 mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 jis c 7021: b-12 mil-std-883:1008 jis c 7021: b-10 reference standard this test intended to see soldering well performed or not. the purpose of this test is the resistance of the device under tropical for hours. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. solderability test 1.t.sol=230 5 2.dwell time=5 1sec high temperature high humidity test thermal shock test solder resistance test the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles 1.t.sol=260 5 2.dwell time= 10 1sec. 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. operating life test 1.under room temperature 2.if=20ma 3.t=1000 hrs (-24hrs, +72hrs) high temperature storage test low temperature storage test the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) reliability test: test itemtest condition description ligitek electronics co.,ltd. property of ligitek only 5/5 page part no. LSE5333-PF


▲Up To Search▲   

 
Price & Availability of LSE5333-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X