Part Number Hot Search : 
2SB980 EL8302IU 68600 FAN8741G FAN8741G SMC13 MA300 95YMX6T
Product Description
Full Text Search
 

To Download KVR133X72RC3L1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
    description: this document describes valueram's 128m x 72-bit (1024mb) cas latency 3 (cl3) registered sdram (synchronous dram) pc133 low profile memory module. the com- ponents on this module include eighteen stacked 128m x 4-bit (thirty-six 64m x 4-bit) pc133 (8k refresh) sdram. this 168-pin dimm uses gold contact fingers and requires +3.3v. the electrical and mechanical specifications are as follows: features: clk cycle time (t cc ) min. = 7.5ns (cas latency = 3) / max. = 1000ns row cycle time (t rc ) 65ns clk to output (ts ac ) max. = 5.4ns (cas latency = 3) single power supply of +3.3v (+/- .3v) power 10.560 w (operating) ul rating 94 v - 0 document no. valueram0215-001.b00 03/20/02 figure 1: kvr133x72rc3l/1024 168-pin sdram module kvr133x72rc3l/1024 1024mb 128m x 72-bit pc133 registered cl3 low profile ecc 168-pin dimm 
 
               

















note: the module defined in this data sheet is one of several configurations available under this part number. while all configurations are compatible, the dram combination and/or the module height may vary from what is described here. however, in no configuration will the module height exceed 1.2" (30.48mm).


▲Up To Search▲   

 
Price & Availability of KVR133X72RC3L1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X