Part Number Hot Search : 
TI165F11 PZTA42 MK13H 102NL 111XA10 P4SMAJ P4SMAJ RT100
Product Description
Full Text Search
 

To Download KA3842AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  curren t - - mode pwm controlle r the k a 3842a are fixe frequency current-mode pwm controller. they are specially designed for off - line and dc - to - dc converter applications with minimal external components. these integrated circuits feature a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totempole output ideally suited for driving a power mosfet. protection circuity includes built under - voltage lockout and current limiting. the the k a 3842 a , ka 3 84 a m can the ka 384 2 a have start-up current 0,45 ma features low start-up current maximum duty cycle u/v lockout with hysteresis operating freguency up to 500khz ordering information device package operating temperature k a 384 2 a m s o - 8 0 to +70 0 c block diagram absolute maximum ratings characteristic symbol value unit supply voltage v cc 30 v output current i o 1 a analog inputs v i - 0.3 to v cc v error amp output sink current i sink (e.a) 10 ma power dissipation (t a =25 0 c) p o 1 w wing shing computer components co., (h.k.)ltd. tel:(852)2341 9276 fax:(852)2797 8153 homepage: http://www.wingshing.com e-mail: wsccltd@hkstar.com
electrical characteristics (*v cc =15v, r t =10k ww , c t =3.3nf, t a =0 0 c to +70 0 c, unless otherwise specified) characteristics symbol test condition min typ max unit reference section reference output voltege v ref t j = 25 c, i ref = 1 ma 4.9 5.0 5.1 v line regulation d v ref 12v v cc 25 v 6.0 20 mv load regulation d v ref 1 ma i ref 20ma 6.0 25 short circit output current i sc t a = 25 c -100 -180 ma oscillator section oscillation freguency f t j = 25 c 47 52 57 khz frequency change with voltage d f/ d v ccf 12v v cc 25 v 0.05 1.0 % oscillator amplitude v (osc) 1.6 v p -p error amplifier section input bias current i bias -0.1 -2 m a input voltage v i(e.a) v 1 = 2.5v 2.42 2.5 2.58 v open loop voltage gain g vo 2v v0 4v 65 90 db power supply rejection ratio psrr 12v v cc 25 v 60 70 output sink current i sink v 2 = 2.7v, v 1 = 1.1v 2 7 ma output source current i source v 2 = 2.3v, v 1 = 5v -0.5 -1.0 ma high output voltage v oh v 2 = 2.3v, r l = 15k w to gnd 5.0 6.0 v low output voltage v ol v 2 = 2.7v, r l = 15k w to pin 8 0.8 1.1 current sense section gain g v (note 1 & 2) 2.85 3.0 3.15 v/v maximum input signal v i(max) v 1 = 5v (note1) 0.9 1.0 1.1 v power supply rejection ratio psrr 12v v cc 25 v (note 1) 70 db input bias current i bias -3.0 -10 m a output section low output voltage v ol i sink = 20 ma 0.08 0.4 i sink = 200 ma 1.4 2.2 v high output voltage v oh i sink = 20 ma 13 13.5 i sink = 200 ma 12 13.0 rise time t r t j = 25 c, c l = 1nf (note 3) 45 150 ns fall time t f t j = 25 c, c l = 1nf (note 3) 35 150 under -- voltage lockout section start theshold v th(st) 14.5 16.0 17.5 v min. operating voltage v opr(min) 8.5 10 11.5 v (after turn on) pwm section max. duty cycle d (max) 95 97 100 % min. duty cycle d (max) 0 total standby current start - up current i st 0.17 0.3 ma operating supply current i cc (opr) v 3 = v 2 = 0v 14 17 zener voltage v z 30 38 v * adjust v cc above the start threshold before setting at 15v note 1: parameter measured at trip point of lath with v 2 =0 note 2: gain defined as a= d v 1 / d v 3 ; 0 v 3 0.8v note 3: these parameters, although guaranteed, are not 100% tested in production.
pad location chip size: 2.38 x 1.63 mm pad coordinates mm m pad coordinates mm m n x y n x y 1 90 110 5 1680 1450 2 1050 110 6 1310 1410 3 1310 110 4 2000 150 7 815 1410 8 460 1390
dim. mm inch min. typ. max. min. typ. max. a 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.020 c1 45 (typ.) d (1) 4.8 5.0 0.189 0.197 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f (1) 3.8 4.0 0.15 0.157 l 0.4 1.27 0.016 0.050 m 0.6 0.024 s8 (max.) (1) d and f d o not include mold flash or protrusions. mold flash or potrusions shall not exceed 0.15mm (.006inch). so8 outline and mechanical data
notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 58 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inchesmillimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m 10 10 n 0.76 1.01 0.030 0.040 


▲Up To Search▲   

 
Price & Availability of KA3842AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X