Part Number Hot Search : 
9922Q SB170 2SC3621 2SC3621 33SPA080 2SC3621 74LVT1 BLM15A
Product Description
Full Text Search
 

To Download CAT1027ZD4I-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ``````````````````````````````````` ?d nby271630nby271645 ??]? ?|c?a? ?
r 1 *?? 5zkc?a h ?? - ?|?1 ?" @ - ?j]?? ?? . ?
? |
v ? e h5??]? ??]?2
??$
?b | /? ?  h -# ?|]??  r?)jo* ??1/6w|] *? ?" ?j]? j 1 -2???1 *? ?"ir??1 ?1/6w ?"& 'r?)fo*? rg
s)pvu*? ijo?|? 1 ]?1/5:6w2
t'r??? ??)fo! >! ?? 3*rg
s????3)pvu > ??3*nby271630 nby27164 - ?j]????r? .
t-jo? 1? ?1/6w2?ur ?3g
s? .|? . nby27163  ?3?i| '
?  5r  nby27164  ?3?i|nt+r y r h ? ?+? 3/36w? 39w???1&r? ?3?i|'r? nby271630 nby27164gc?a|7[ mtpu34 v? ?+?? t *?).51 d?,236 d* ``````````````````````````````````` b ``````````````````````````````````` v ? ?s t *? ??2/9&| - ?" t ?  'r)39w?"?1*?? {?23w|??1# ? w dd ?+?1 *??3/36w?39w ? ???? )29 b?o?* ? - ??? ?? ? ?3?i| ]
'r? ? ?+t *??.51 d?,236 d ? c?a7[ mtpu34 v? nby271630nby27164 1 - ?]?0 * <? 5 ________________________________________________________________ maxim integrated products 1 gnd out in 1 6 cdelay 5 v cc en max16052 max16053 sot23 top view 2 34 ``````````````````````````````` [ m|? dc-dc converter dc-dc converter in en out gnd cdelay v cc in v cc en out gnd cdelay out in en 12v 0.9v max16052 max16052 ``````````````````````````````````````````````````````````````` ```````` ?o ?+? 5 19-4144; rev 2; 1/10 ta5^ak ?t ?|iaa| -@? !i?|yei
tg?? ?[i???4|? |l ^at ? ?
 % ?
? g?? enbyjn?>i|f?21911!963!235:!)?|
*l*21911!263!235 :!) |
*l*
t 7nbyjn||a?6?dijob/nbyjn.jd/dpn ?  ??? ?%- #q?? 
?0 r t q * <
??
^ ?g ``````````````````````````````` ? g? ?? ?? h ?+?? t *?).51 d?,236 d* , -,?)qc*0 o
]spit*e| v? u! >! rt?23/6l?]?
 part output pin- package top mark max16052 aut+t open-drain 6 sot23 +aclw max16053 aut+t push-pull 6 sot23 +aclx
nby271630nby27164 1 - ?]?0 * <? 5 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = 2.25v to 28v, v en = v cc , t a = t j = -40c to +125c, unless otherwise specified. typical values are at v cc = 3.3v and t a = +25c.) (note 1) stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. (all voltages referenced to gnd.) v cc .........................................................................-0.3v to +30v out (push-pull, max16053) ......................-0.3v to (v cc + 0.3v) out (open-drain, max16052)................................-0.3v to +30v en, in .........................................................-0.3v to (v cc + 0.3v) cdelay....................................................................-0.3v to +6v input/output current (all pins)..........................................20ma continuous power dissipation (t a = +70c) 6-pin sot23 (derate 8.7mw/c above +70c)..........695.7mw operating temperature range .........................-40c to +125c junction temperature ......................................................+150c storage temperature range .............................-65c to +150c lead temperature (soldering, 10s) .................................+300c soldering temperature (reflow) .......................................+260c parameter symbol conditions min typ max units supply operating voltage range v cc 2.25 28 v undervoltage lockout uvlo v cc falling (note 2) 1.8 2 v v cc = 3.3v 18 37 v cc = 12v 23 45 max16052, no load v cc = 28v 38 61 v cc = 3.3v 22 47 v cc = 12v 29 57 v cc supply current i cc max16053, no load v cc = 28v 44 71 a in threshold voltage v th v in rising, 2.25v v cc 28v 0.491 0.500 0.509 v hysteresis v hyst v in falling 5 mv input current i in v in = 0 or 28v -110 +25 +110 na cdelay cdelay charge current i cd v cdelay = 0v 200 250 300 na cdelay threshold v tcd v cdelay rising 0.95 1.00 1.05 v v cc 2.25v, i sink = 200a 15 60 cdelay pulldown resistance r cdelay v cc 3.3v, i sink = 1ma 15 60 en en low voltage v il 0.5 v en high voltage v ih 1.4 v en leakage current i leak v en = 0 or 28v -110 +20 +110 na out v cc 1.2v, i sink = 90a 0.2 v cc 2.25v, i sink = 0.5ma 0.3 out low voltage (open-drain or push-pull) v ol v cc > 4.5v, i sink = 1ma 0.4 v v cc 2.25v, i source = 500a 0.8 x v cc out high voltage (push-pull, max16053) v oh v cc 4.5v, i source = 800a 0.9 x v cc v out leakage current (open-drain, max16052) i lkg output not asserted low, v out = 28v 150 na
nby271630nby27164 1 - ?]?0 * <? 5 _______________________________________________________________________________________ 3 note 1: all devices are production tested at t a = +25c. limits over temperature are guaranteed by design. note 2: when v cc falls below the uvlo threshold, the outputs deassert (out goes low). when v cc falls below 1.2v, the output state cannot be determined. note 3: during the initial power-up, v cc must exceed 2.25v for at least 0.5ms before out can go high. parameter symbol conditions min typ max units timing max16052, 100k pullup resistor, c cdelay = 0 30 max16053, c cdelay = 0 30 s max16052, 100k pullup resistor, c cdelay = 0.047f 190 v cc = 3.3v, v in rising, v in = v th + 25mv max16053, c cdelay = 0.047f 190 ms max16052, 100k pullup resistor, c cdelay = 0 30 t delay v cc = 12v, v in rising, v in = v th + 25mv max16053, c cdelay = 0 30 v cc = 3.3v, v in falling, v in = v th - 30mv 18 in to out propagation delay t dl v cc = 12v, v in falling, v in = v th - 30mv 18 s v cc = 2.25v, v in = 0.525v, c cdelay = 0 0.5 startup delay (note 3) v cc = 12v, v in = 12v, c cdelay = 0 0.5 ms en minimum input pulse width t mpw 1s en glitch rejection 100 ns v cc = 3.3v 250 max16052, 100k pullup resistor v cc = 12v 300 v cc = 3.3v 350 en to out delay t off from device enabled to device disabled max16053 v cc = 12v 400 ns v cc = 3.3v 14 max16052, 100k pullup resistor, c cdelay = 0 v cc = 12v 14 v cc = 3.3v 14 max16053, c cdelay = 0 v cc = 12v 14 s max16052, 100k pullup resistor, c cdelay = 0.047f 190 en to out delay t prop from device disabled to device enabled max16053, c cdelay = 0.047f 190 ms electrical characteristics (continued) (v cc = 2.25v to 28v, v en = v cc , t a = t j = -40c to +125c, unless otherwise specified. typical values are at v cc = 3.3v and t a = +25c.) (note 1)
nby271630nby27164 1 - ?]?0 * <? 5 4 _______________________________________________________________________________________ v cc v th + 25mv v th - v hyst v th v ih v ih v ih v il t prop t dl t delay t off t prop v ol v oh t < t mpw t > t mpw in en out v uvlo t < t prop 5% v ih v il d2/! nby271630nby27164?d)d defmbz >! 1*
nby271630nby27164 1 - ?]?0 * <? 5 _______________________________________________________________________________________ 5 supply current vs. supply voltage max16052/53 toc01 v cc (v) i cc ( a) 24 20 16 12 8 4 3 6 12 9 15 18 21 24 27 30 33 0 028 max16052 v in = 0v supply current vs. temperature max16052/53 toc02 temperature ( c) i cc ( a) 110 95 65 80 -10 5 20 35 50 -25 8 12 16 20 24 28 32 36 40 44 4 -40 125 max16052 v cc = 12v v cc = 3.3v v cc = 2.25v v cc = 5v v cc = 28v in threshold voltage vs. temperature max16052/53 toc03 in threshold voltage (mv) 498.5 499.0 499.5 500.0 500.5 501.0 501.5 502.0 498.0 temperature ( c) 110 95 65 80 -105 203550 -25 -40 125 out delay vs. c cdelay max16052/53 toc04 c cdelay (nf) out delay (ms) 900 800 600 700 200 300 400 500 100 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 0 0 1000 output low voltage vs. sink current max16052/53 toc05 i sink (ma) output low voltage (v) 4.0 3.5 0.5 1.0 2.0 2.5 1.5 3.0 0.5 1.0 1.5 2.0 2.5 0 0 4.5 v cc = 28v v cc = 12v v cc = 5v v cc = 3.3v v cc = 2.25v output high voltage vs. source current max16052/53 toc06 i source (ma) output high voltage (v) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 5 10 15 20 25 30 0 0 4.5 v cc = 12v v cc = 28v v cc = 2.25v v cc = 5v v cc = 3.3v ``````````````````````````````````````````````````````````````` ```````` ?o ?+v (v cc = 3.3v and t a = +25c, unless otherwise noted.)
in leakage current vs. temperature max16052/53 toc10 temperature ( c) in leakage current (ma) 110 95 65 80 -10 5 20 35 50 -25 -8 -6 -4 -2 0 2 4 6 8 10 -10 -40 125 v cc = 28v v cc = v en = v in in leakage current vs. in voltage max16052/53 toc11 v in (v) in leakage current (na) 26 24 22 20 14 18 16 6 8 10 12 4 2 -3 -2 -1 0 1 -4 028 v cc = 28v v cc = v en nby271630nby27164 1 - ?]?0 * <? 5 6 _______________________________________________________________________________________ ``````````````````````````````````````````````````````````````` ``````` ?o ?+v)?* (t a = +25c, unless otherwise noted.) maximum transient duration vs. input overdrive max16052/53 toc07 input overdrive (mv) maximum transient duration ( s) 100 10 50 100 150 200 250 300 0 1 1000 reset occurs above this curve enable turn-on delay (max16053) max16052/53 toc08 10 s/div en 2v/div out 2v/div enable turn-off delay (max16053) max16052/53 toc09 400ns/div en 2v/div out 2v/div
nby271630nby27164 1 - ?]?0 * <? 5 _______________________________________________________________________________________ 7 ``````````````````````````````````````````````````````````````` ```````````` [ m? 1en 2 gnd 3in 4 out 5v cc 6 cdelay en leakage current vs. temperature max16052/53 toc12 temperature ( c) en leakage current (na) 110 95 65 80 -10 5 20 35 50 -25 -8 -6 -4 -2 0 2 4 6 8 10 -10 -40 125 v cc = 28v v cc = v en = v in en leakage current vs. en voltage max16052/53 toc13 v en (v) en leakage current (na) 26 24 20 22 14 12 18 16 46 10 8 2 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 028 v cc = 28v v cc = v in ``````````````````````````````````````````````````````````````` ``````` ?o ?+v)?* (v cc = 3.3v and t a = +25c, unless otherwise noted.) [ m a ? ?3?i ]
'r?q?fo???3r? a
t????3?)pvu! >! ??3*w jo ?
 |w jo ?w ui q?fo? ?3r s 3
- - ?|?
??? ?3?)pvu! >! ?3*?
+ y' ? <?[ m sfo {uw dd  ?  *?r? sjo {uj] j1? -2???g| *? ?"iw jo ? ?1/6w2?
tw jo  ] u1/5:6w2r? 
$
? ?3?i]?0 *?r '
?  5)nby27163*
tnt+)nby27164*riw jo ?w ui 'r? ? ?3? )fo! >! ?3* 3
-????|? .
?pvu??? ?3? )pvu! >! ?3* iw jo  ]u1/5:6w2
t'r????3?)fo! >! ??3*pvu? a
t????3? )pvu! >! ??3*nby27163  'r? {j]? o? ???1r?w dd {3/36w?39w??? h ??r;|g 1/2 g|?#??l 5? hoe ?? -?r?defmbzhoe? . { j]??)d defmbz *???joupvu
[foupvu| ? .w jo ? u efmbz >! )d defmbz y! 5/1! y! 21 7 *! ,! 41 tfo? u qspq >! )d defmbz y! 5/1! y! 21 7 * ,! 25 t
nby271630nby27164 1 - ?]?0 * <? 5 8 _______________________________________________________________________________________ control logic en in cdelay 250na 1.0v 0.5v v cc internal v cc /uvlo ref out gnd max16052 control logic en in cdelay 250na 1.0v 0.5v v cc internal v cc /uvlo ref out gnd max16053 d3/! <
? ? vd ``````````````````````````````` .? nby271630nby27164 1??]?0 * <? 5 ?" -|r??1 *??1 -??1/6w5??]? ? ?]?2
??$
?b| /? ?  h -2# ?|]??  nby271630nby27164 ? r?)jo* ?r?1 *? ?1/6w ? ?"ijo?1??1/5:6w
t'r??? ??3)fo > ??3*pvu"$u??3iw jo ? u1/6w2?'r?? ?3)fo > ?3*pvu s 3
-?????|? .
?t$? ?3 |w jo ?1/6w'r? -2 vl 
t
r-2 e ?y4r?' h|r? ??r?)w dd *  h ?+?3/36w?39w|w dd ???1? ??jo? 2/9&l? tw dd ? ?3/36wiw dd ??vwmp l?r??iw dd ??2/3wr?yi? ?r;|? - # `?w dd hoe? .? ? 1/2 g|?#?? -2/! nby271630nby27164 in en out v in < v th low low v in < v th high low v in > v th low low out = high impedance (max16052) v in > v th high out = v cc (max16053)
nby271630nby27164 *?r?)jo* sjo { j1?||f??2 *?j]?1)d5| s2
[s3*jo|? ?"?w ui > 1/6w ] ?"?1/5:6w )6nw
?*iw jo ? uw ui 2?@&fo? ?3 pvu s 3
- - ?|u efmbz ?
?"$u ?3iw jo  ]u1/5:6w2pvu 3
-29 t|
?$???3 jo"mr?? ?71ob?%m|r??y
 j1 ?? e? ? -?)defmbz* iw jo ? uw ui 2?@&fo? ?3]361ob? ? *6 {?defmbz
[hoe? .|j]?? ?idefmbz?1iu2wr?? ?3)pvu$ *r?
?d defmbz a
t 9?w jo ? ?w ui 2 ?)4fo? ?3*upvut$? ?3|? . )u efmbz *?m+ ?? |u efmbz |]?5 ?d defmbz |]?5  o 'r?)fo* nby271630nby27164  ?3?i'r? )fo*?
+ w jo ?w ui  sfoq?? ?3?'pvu 3
-?? ???|? .
?t$u ?3 ? e 1 i fo ?fo ?"fo?pvu"$? .|? .)u qspq *? |u qspq |]?5 ?d defmbz |]?5  o sfo q????3?'nby27163|pvu?411ot"$ u??3nby27164|pvu?511ot"$u??3 r)pvu* nby27163  ? ?3?i| '
?  5r nby27164  ? ?3?i|nt+rnt+r2w dd ?l  '
?  5r?j {? o? -? o? i39w |?1 ``````````````````````````````` bg? r? ?" nby271630nby27164 0
-j] j1? *?jo?1)d5* ??jo ??
??| '? )"m?71ob*s2
[s3 -2? 
jm|?2 ]?? ?
r 1#? e -2?  ? w |s3! ) ??311l ?? ?"?1?
2&| ? $
? ?* ? ??g| *??1 ?" ? + s2? |w npojups 5?g| *??1 ?"w ui 5 ??r ? ?")1/6w* ? o?)nby27163* '
?  5r|? o??@?? ?gc?m? ?? 2i? h?a?  ??ui| ]
?3 ???
+w dd > 3/36w? o?1?39w?m fmfdusjdbm dibsbdufsjtujdt -bi?a? ??1/6nbp%% |? o?bm?67l ?23w|? o?1?bm ?35l ?@a? mcs ?w dd ???1 i?w dd ??1wpvu?i)pvu?ntr* ?g????1??w dd > 1w?pvu?i|b nt+r h)nby27164*??pvu
[hoe? .    o??ac?
\2 '? ?pvu ???3)d4* o?? ??? ?g211l ? ?pvu ? ?/ 3 ?m pvu o???? v? / 3 ?cj] oy? '
?  5r|pvu rr v v monitor th 12 1 = ? ? ? ? ? ? ? tc s prop cdelay =+ ()() 410 14 6 ? tc s delay cdelay =+ ()() 410 30 6 ? gnd out v cc v cc 100k max16053 d4/! i?w dd >! 1wpvu?i 1 - ?]?0 * <? 5 _______________________________________________________________________________________ 9
nby271630nby27164 1 - ?]?0 * <? 5 10 ______________________________________________________________________________________ ``````````````````````````` ?ob? 5 d5u7? nby271630nby27164?o|b? 5d5? nby27163|
] q ?xnptgfu ?|
-1?
?? 5 d6?nby27164??1]?b| ?o ?xnptgfu ?| ?o? 5 d7?nby27164??r??]? ||b? 5 'o ?x h]? ?m ? hb|'o ?x h -2 ]?nptgfu|?
rp?z? h ?? w?| '.?t0?c5o ? xnptgfu? ?|w ht q??12
y{?s et`po  d6?,? 5 ? nby27164|
]o ?xnptgfu# ?1??]?|b 4?
+;|@? w ?1 -? '
?  5 h2$4 1+#??]? ??l 5 ?r|
1|bg 1/2 g|?? sw dd l 5 ????b - #  h 9? ? j|???e? 4?~? ? p|w dd ~?$
? -?  j|?? in gnd out cdelay 0 to 28v r1 r2 p r pullup v cc c cdelay en 3.3v always-on max16052 in gnd out cdelay monitored 3.3v r1 r2 n v cc c cdelay en 5v bus 1.2v input 1.2v output max16053 d5/!
-1?
? d6/! ?o ?xnptgfu#?1]?
nby271630nby27164 1 - ?]?0 * <? 5 dc-dc dc-dc dc-dc dc-dc 5v bus 3.3v 2.5v 1.8v 1.2v en en in in out out in out in out v cc system enable en v cc en v cc en v cc en c cdelay gnd gnd gnd c cdelay c cdelay gnd c cdelay en en max16053 max16053 max16053 max16053 d7/! ?r]? ``````````````````````````````` v?g? ??" | v?jpg?
[
fdz ?? china.maxim-ic. com/packages  ??@ v? i|| ,  $
t . ?-, spit? v?d| -t
:y4|??
oc v?d? v ??
spit??
 ``````````````````````````````` `g? process: bicmos v? o v?t i am
s 6 sot23 u6+1 21-0058 ______________________________________________________________________________________ 11
nby271630nby27164 1 - ?]?0 * <? 5 nbyjnynbyjn?-2j|?
\? 5' ?
y  ?? -nbyjn? ??
\ . ???
\0| ? ??- t ?
[
 ?|z ? 12 ____________________ maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2010 maxim integrated products nbyjn 5 nbyjn!joufhsbufe!qspevdut-!jod/ |?* 0 5/08 1 10/08 9, 10 2 1/10 1, 2, 3, 5C8 ``````````````````````````````````````````````````````````````` ````````````` ?? ?% ??
s ???e ? ? ? "?t nbyjn ? ?0 ? 9439g( ?v i 211194 ? e?
??911!921!1421 ?
??121.7322 62:: ^?121.7322 63:: ?d -?)defmbz*
[ ??l 5 ] j ? ? ? v  ?d  bctpmvuf! nbyjnvn! sbujoht  fmfdusjdbm! dibsbdufsjtujdt  ?o ?+v  [ m?
[ ??r?)w dd * ] j


▲Up To Search▲   

 
Price & Availability of CAT1027ZD4I-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X