Part Number Hot Search : 
LT1F67 LNK306G FR100 4536B TRIAC UM3483E 00380 EN7303
Product Description
Full Text Search
 

To Download BZT52-C22S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fea tures ? planar die construction ? 200mw power dissipation ? zener voltage s from 2.4~51v ? ideally suited for automated assembly processes mechanical da t a ? case: sod-323 , molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx. weight: 0.0046 grams ? mounting position: any maximum ra tings and electrical characteristics note : a. mounted on 5.0mm 2 (.013mm thick) land areas. valid provided that leads at a distance of 10mm from case kept at ambient temperatur e. operating junction and storage temperature range parameter power dissipation 1rwh$ at tamb=25 unit mw value 200 -55 to +150 symbol p tot t j ,t s .071(1.80) .063(1.60) .091(2.30) .106(2.70) .010(0.25)min. .055(1.40) .045(1.15) .010(0.25) .016(0.40) .007(0.18)max. .039(1.00) .031(0.80) .004(0.10)max. .010(0.25) .016(0.40) 200mw surface mount silicon zener diodes 2.4v~51v sod-323 package dimensions in inches and (millimeters) sod-323 2011-09 willas electronic corp. or der informa tion ? packing information rohs product for packing code suffix "g" halogen free product for packing code suffix "h" ? packing information ? product type symbol -t1 3k per 7" plastic reel bzt52-c2v4s thru pb free product bzt52-c51s
bzt52-c2v4s thru pb free product bzt52-c51s 200mw surface mount silicon zener diodes 2.4v~51v sod-323 package 2011-09 willas electronic corp. nom. v min. v max. v ma ma a v bzt52-c2v0s 2.0 1.91 2.09 100 5.0 600 1.0 150 1.0 wy sod-323 bzt52-c2v4s 2.4 2.28 2.52 85 5.0 600 1.0 100 1.0 wx sod-323 bzt52-c2v7s 2.7 2.57 2.84 83 5.0 600 1.0 75 1.0 w1 sod-323 bzt52-c3s 3.0 2.85 3.15 95 5.0 600 1.0 50 1.0 w2 sod-323 bzt52-c3v3s 3.3 3.14 3.47 95 5.0 600 1.0 25 1.0 w3 sod-323 bzt52-c3v6s 3.6 3.42 3.78 95 5.0 600 1.0 15 1.0 w4 sod-323 bzt52-c3v9s 3.9 3.71 4.10 95 5.0 600 1.0 10 1.0 w5 sod-323 bzt52-c4v3s 4.3 4.09 4.52 95 5.0 600 1.0 5.0 1.0 w6 sod-323 bzt52-c4v7s 4.7 4.47 4.94 78 5.0 500 1.0 5.0 2.0 w7 sod-323 bzt52-c5v1s 5.1 4.85 5.36 60 5.0 480 1.0 0.1 0.8 w8 sod-323 bzt52-c5v6s 5.6 5.32 5.88 40 5.0 400 1.0 0.1 1.0 w9 sod-323 bzt52-c6v2s 6.2 5.89 6.51 10 5.0 150 1.0 0.1 2.0 wa sod-323 bzt52-c6v8s 6.8 6.46 7.14 8 5.0 80 1.0 0.1 3.0 wb sod-323 bzt52-c7v5s 7.5 7.13 7.88 7 5.0 80 1.0 0.1 5.0 wc sod-323 bzt52-c8v2s 8.2 7.79 8.61 7 5.0 80 1.0 0.1 6.0 wd sod-323 bzt52-c9v1s 9.1 8.65 9.56 10 5.0 100 1.0 0.1 7.0 we sod-323 bzt52-c10s 10.0 9.50 10.50 15 5.0 150 1.0 0.1 7.5 wf sod-323 bzt52-c11s 11.0 10.45 11.55 20 5.0 150 1.0 0.1 8.5 wg sod-323 bzt52-c12s 12.0 11.40 12.60 20 5.0 150 1.0 0.1 9.0 wh sod-323 bzt52-c13s 13.0 12.35 13.65 25 5.0 170 1.0 0.1 10.0 wi sod-323 bzt52-c15s 15.0 14.25 15.75 30 5.0 200 1.0 0.1 11.0 wj sod-323 bzt52-c16s 16.0 15.20 16.80 40 5.0 200 1.0 0.1 12.0 wk sod-323 bzt52-c18s 18.0 17.10 18.90 50 5.0 225 1.0 0.1 14.0 wl sod-323 bzt52-c20s 20.0 19.00 21.00 50 5.0 225 1.0 0.1 15.0 wm sod-323 BZT52-C22S 22.0 20.90 23.10 55 5.0 250 1.0 0.1 17.0 wn sod-323 bzt52-c24s 24.0 22.80 25.20 80 5.0 250 1.0 0.1 18.0 wo sod-323 bzt52-c27s 27.0 25.65 28.35 80 5.0 300 1.0 0.1 20.0 wp sod-323 bzt52-c30s 30.0 28.50 31.50 80 5.0 300 1.0 0.1 22.5 wq sod-323 bzt52-c33s 33.0 31.35 34.65 80 5.0 325 1.0 0.1 25.0 wr sod-323 bzt52-c36s 36.0 34.20 37.80 90 5.0 350 1.0 0.1 27.0 ws sod-323 bzt52-c39s 39.0 37.05 40.95 90 5.0 350 1.0 0.1 29.0 wt sod-323 bzt52-c43s 43.0 40.85 45.15 100 5.0 700 1.0 0.1 32.0 wu sod-323 bzt52-c47s 47.0 44.65 49.35 100 5.0 750 1.0 0.1 35.0 wv sod-323 bzt52-c51s 51.0 48.45 53.55 100 5.0 750 1.0 0.1 38.0 ww sod-323 part no. nominal zener voltage max. zener impedance max reverse leakage current marking code case v z @ i zt z zt @ i zt z zk @ i zk i r @ v r
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.1 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(m v / c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 8070605040302010 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current,ua normal zener voltage, volts bzt52-c2v4s thru pb free product bzt52-c51s 200mw surface mount silicon zener diodes 2.4v~51v sod-323 package 9 willas electronic corp. mounting pad layout sod-323


▲Up To Search▲   

 
Price & Availability of BZT52-C22S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X