Part Number Hot Search : 
K1V24W 2405A 22DE4 K1V24W SJ5201 SAMTEC MP86FS 10ELT
Product Description
Full Text Search
 

To Download B41695A8277Q009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  315 10/02 sikorel ? applications compact design for automotive applications features 150 c operating temperature up to 55 v high ripple current capability high vibration resistance long useful life miniaturized design optimized cu value shelf life up to 15 years construction charge-discharge proof, polar aluminum case with insulating sleeve negative pole connected to case terminals axial leads, welded to ensure perfect electrical contact also available with soldering stars taping and packing axial-lead capacitors will be delivered in pallet package. capacitors with d l 16 30 mm are also available taped on reel. solder-star capacitors are packed in cardboard.. for details on taping and packing, refer to page 342. kal0573-k compact up to 150 c b41695, b41795 axial-lead and soldering star capacitors b41695 b41795
316 10/02 b41695 / b41795 compact up to 150 c specifications and characteristics in brief rated voltage u r surge voltage u s 25 63 vdc 1,15 u r rated capacitance c r capacitance tolerance 220 2 200 f 10/+ 30 % q leakage current i l (5 min, 20 c) self-inductance esl 1) useful life 150 c; u op ; 0,5 i ~ r *) 140 c; u r ; i ~ r 125 c; u r ; i ~ r 85 c; u r ; i ~ max 40 c; u r ; 2,1 i ~ r *) u op , see useful life graph, page 322 > 1 000 h > 1 000 h > 3 000 h > 8 000 h > 200 000 h requirements: ? c / c 30 % of initial value esr 3 times initial specified limit i l initial specified limit failure percentage: 0,5 % failure rate: 10 fit ( 20 10 9 /h) (for definiton fit , refer to chapter quality , page 62) voltage endurance test 125 c; u r 2 000 h post test requirements: ? c/c 10 % of initial value esr 1,3 % of initial specified limit i l initial specified limit vibration resistance to iec 60068-2-6, test fc: displacement amplitude 1,5 mm, at 10 hz to 2 khz, acceleration max. 20 g , duration 3 2 h iec climatic category to iec 60068-1: 55/125/56 ( 55 c/+ 125 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-802 iec 60384-4 i l 0,006 a c r f ------- u r v ------- ?   ? 4 a + diameter d 12 mm 14 mm 16 mm 18 mm length l terminal approx. esl (nh) 25 mm axial / solder star / 22 / 6 26 / 7 / 30 mm axial / solder star 21 / 6 24 / 7 29 / 8 34 / 10 39 mm axial / solder star / / 33 / 9 38 / 11 1) if optimum circuit design is used, the values are lower by 30 %.
317 10/02 b41695 / b41795 compact up to 150 c dimensional drawings axial-lead capacitor dimensions, weights and packing units d l mm d max l max mm approx. weight g packing units (pieces) pallet reel 12 30 12,5 30,5 5,1 288 450 14 30 14,5 30,5 6,8 200 350 16 30 16,5 30,5 8,9 180 250 18 30 18,5 30,5 11,1 160 18 39 18,5 40 14,7 160 kal0524-s max max d 1,3+0,1 5 40 _ 40 5 _ max +1,5 max +4 +0,04 0,02 1 _
318 10/02 b41695 / b41795 compact up to 150 c soldering star capacitors the pc-board hole arrangement specified above is based on circular arcs. if, however, the mounting holes have to be matched to a standard drilling raster, a spacing of 1,27 mm ( 1 / 20 ) has proved to be sufficiently accurate if the following arrangements are used: dimensions, weights and packing units d l mm d max l max mm c 0,1 mm approx. weight g packing units pieces 12 30 13,5 32 12,5 5,4 480 14 30 15,5 32 14,5 7,2 480 16 30 17,5 32 16,5 9,4 300 18 30 19,5 32 18,5 11,8 300 18 39 19,5 41,5 18,5 15,4 200 kal0525-1-e d max 30,1 0,6 max 360 ? 3 c 1,3+0,1 mounting holes d 0,2 3,1 _ 0,5 4,7 _ 1,3+0,1 0,1 0,1 c = 12 mm ... 14 mm = 16 mm ... 18 mm mounting holes d +0,04 0,02 1 _ soldering star is connected to the negative pole 1,27 d = 12 mm kal0356-i d = 14 mm kal0357-r d = 16 mm kal0358-z 1,5+0,1 d = 18 mm kal0359-8
319 10/02 b41695 / b41795 compact up to 150 c overview of available types case dimensions and ordering codes u r (vdc) 25 40 63 c r ( f) case dimensions d l (mm) 220 12 30 470 12 30 16 30 680 12 30 1 000 14 25 16 30 18 39 2 200 18 30 18 39 u r vdc c r f case dim. d l mm ordering code axial pallet package axial reel soldering star 25 680 12 30 b41695a5687q007 b41695a5687q009 b41795a5687q000 1 000 14 25 b41695a5108q007 b41695a5108q009 b41795a5108q000 2 200 18 30 b41695a5228q007 b41795a5228q000 40 470 12 30 b41695a7477q007 b41695a7477q009 b41795a7477q000 1 000 16 30 b41695a7108q007 b41695a7108q009 b41795a7108q000 2 200 18 39 b41695a7228q007 b41795a7228q000 63 220 12 30 b41695a8227q007 B41695A8277Q009 b41795a8227q000 470 16 30 b41695a8477q007 b41695a8477q009 b41795a8477q000 1 000 18 39 b41695a8108q007 b41795a8108q000
320 10/02 b41695 / b41795 compact up to 150 c technical data c r 100 hz 20 c f esr typ 100 hz 20 c m ? esr max 100 hz 20 c m ? esr max 100 hz ? 40 c ? esr max 10 khz 20 c m ? z max 100 khz 20 c m ? i ~ max 10 khz 40 c a i ~ max 10 khz 85 c a i ~ r 10 khz 125 c a i ~ max 10 khz 150 c a (*) 25 vdc 680 230 380 2,80 295 270 3,30 2,85 1,25 0,62 1 000 160 260 1,90 210 200 3,70 3,20 1,40 0,70 2 200 80 130 0,95 105 100 6,25 5,40 2,35 1,17 (*) at 20 v 40 vdc 470 210 350 3,40 240 225 3,65 3,15 1,40 0,70 1 000 110 170 1,70 125 120 5,50 4,80 2,10 1,05 2 200 60 90 0,80 60 60 9,00 7,80 3,40 1,70 (*) at 35 v 63 vdc 220 280 460 3,80 255 240 3,45 3,00 1,30 0,65 470 140 220 2,10 130 120 5,30 4,60 2,00 1,00 1 000 70 110 1,00 70 60 8,90 7,70 3,35 1,67 (*) at 55 v
321 10/02 b41695 / b41795 compact up to 150 c useful life depending on ambient temperature t a under ripple current operating conditions at u r 1) useful life depending on case temperature t c under ripple current operating conditions at u r 1) 1,5 a t 10 000 h 100 000 h 500 000 h 30 000 h 1 000 h 2 000 h 3 000 h 0 50 40 80 70 60 120 100 110 90 150 ? c 130 0,5 1,0 2,0 2,5 3,0 b41695/795 kal0556-v ~ ~ r 1,5 150 50 40 0 0,5 1,0 500 000 h 60 100 000 h 70 80 120 100 30 000 h 90 10 000 h 110 t c 3 000 h 2 000 h 130 ? c 1 000 h 2,0 2,5 3,0 b41695/795 kal0557-4 ~ ~ r 1) refer to page 40 for an explanation on how to interpret the useful life graphs.
322 10/02 b41695 / b41795 compact up to 150 c useful life depending on ambient temperature t a under ripple current operating conditions at u op 1) u r = 25 v: u op 20 v u r = 40 v: u op 35 v u r = 63 v: u op 55 v useful life depending on case temperature t c under ripple current operating conditions at u op 1) u r = 25 v: u op 20 v u r = 40 v: u op 35 v u r = 63 v: u op 55 v 1,5 a t 10 000 h 30 000 h 500 000 h 100 000 h 0 40 50 90 60 80 70 100 120 110 0,5 1,0 5 000 h 1 000 h 3 000 h 160 140 130 ? c 2,0 2,5 3,0 kal0558-c b41695/795 ~ ~ r 1,5 160 100 000 h 50 40 0 0,5 1,0 70 500 000 h 60 80 30 000 h 90 100 10 000 h 110 120 t c 5 000 h 130 3 000 h 140 ? c 1 000 h b41695/795 2,0 2,5 3,0 kal0559-k ~ ~ r 1) refer to page 40 for an explanation on how to interpret the useful life graphs.
323 10/02 b41695 / b41795 compact up to 150 c frequency factor of permissible ripple current i ~ versus frequency f frequency characteristics of esr at different temperatures typical behavior equivalent series resistance esr versus frequency at different temperatures typical behavior for 2 200 f/40 v impedance z versus frequency f at different temperatures typical behavior for 2 200 f/40 v 10 f kal0630-8 0 b41695/795 2 510 3 hz 10 4 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1,2 ~ 10 khz f ~ [mm] 12 14 18 16 r u 40 vdc 63 vdc ccbb ddcc 25 vdc b b a a c d b a 5 10 1 f kal0629-5 0 510 2 510 3 10 hz 4 85 ? c 20 ? c 40 ? c _ 125 ? c b41695/795 0,5 1,0 1,5 2,0 2,5 3,0 4,0 esr 10 khz esr f 10 1 10 2 5 3 10 10 4 10 5 55hz f kal0628-w 10 1 _ 10 2 _ 10 0 10 1 ? 5 5 b41695/795 _ 40 ? c _ 25 ? c 20 ? c _ > 60 ? c esr 10 1 10 2 5 3 10 10 4 10 5 55hz f kal0627-n 10 1 _ z 10 2 _ 10 0 10 1 ? 5 5 b41695/795 40 ? c _ 25 ? c _ 20 ? c > 60 ? c _
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B41695A8277Q009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X