Part Number Hot Search : 
LS120 74ACT161 21140 JPU644 TDA1002 750SN1 SED1566 800BG
Product Description
Full Text Search
 

To Download AZ10E142FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10e142 az100e142 ecl/pecl 9-bit shift register 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 700 mhz minimum shift frequency ? 9-bit for byte-parity application ? asynchronous master reset ? dual clocks ? operating range of 4.2v to 5.46v ? 75k internal input pulldown resistors ? direct replacement for on semi mc10e142 & mc100e142 description the az10/100e142 is a 9-bit shift register, designed with byte-parity applications in mind. the e142 performs serial/parallel in and serial/parallel out, shifting in one di rection. the nine inputs d0 -d8 accept parallel input data, while s-in accepts serial input data. the qn outputs do not need to be terminated for the shift operation to function. to minimize noise and power, any q output not used should be left unterminated. the sel (select) input pin is used to switch between the two modes of operation ? shift and load. the shift direction is from bit 0 to bit 8. input data is accepted by the registers a se t-up time before the positive going edge of clk1 or clk2; shifting is also accomp lished on the positive clock edge. a high on the master reset pin (mr) asynchronously resets all the registers to zero. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. 26 27 28 1 2 3 4 sel d8 d7 d6 v cco d5 q8 q7 q6 v cc q5 v cco q4 q3 q2 q1 q0 v cco d4 d3 d2 mr clk1 clk2 v ee s-in d0 d1 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 pinout: 28-lead plcc (top view) package availability package part number marking notes plcc 28 AZ10E142FN azm10e142 1,2 plcc 28 az100e142fn azm100e142 1,2 1 add r2 at end of part number for 13 inch (2.5k parts) tape & reel. 2 date code format: ?yy? for year followed by ?ww? for week.
az10e142 az100e142 november 2006 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -4.94v to -5.46v, v cc = v cco = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 120 145 120 145 120 145 120 145 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. logic symbol 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 q d q d q d q d q d q d q d q d q d s-in d0 d1 d2 d3 d4 d5 d6 d7 d8 sel clk1 clk2 mr q0 q1 q2 q3 q4 q5 q6 q7 q8 pin description pin function d0 ? d8 parallel data inputs s ? in serial data input sel mode select input clk1, clk2 clock inputs mr master reset q0 ? q8 data outputs v cc , v cco positive supply v ee negative supply function table sel mode l h load shift
az10e142 az100e142 november 2006 * rev - 3 www.azmicrotek.com 3 10k pecl dc characteristics (v ee = gnd, v cc = v cco = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 120 145 120 145 120 145 120 145 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. 100k ecl dc characteristics (v ee = -4.2v to -5.46v, v cc = v cco = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 120 145 120 145 120 145 138 165 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = v cco = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 120 145 120 145 120 145 138 165 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. ac characteristics (v ee = 10e(-4.94v to -5.46v), 100e(-4.2v to -5.46v); v cc = v cco = gnd or v ee = gnd, v cc = v cco = 10e(+4.94v to +5.46v), 100e(+4.2v to +5.46v)) -40 c 0 c 25 c 85 c unit symbol characteristic min typ max min typ max min typ max min typ max f shift max. shift frequency 700 900 700 900 700 900 700 900 mhz t plh / t phl propagation delay to output clk1, clk2 mr 600 600 800 800 1000 1000 600 600 800 800 1000 1000 600 600 800 800 1000 1000 600 600 800 800 1000 1000 ps t s setup time d sel 50 300 -100 150 50 300 -100 150 50 300 -100 150 50 300 -100 150 ps t h hold time d sel 300 75 100 -150 300 75 100 -150 300 75 100 -150 300 75 100 -150 ps t rr reset recovery time 900 700 900 700 900 700 900 700 ps t pw minimum pulse width clk1,clk2, mr 400 400 400 400 ps t skew within-device skew 1 75 75 75 75 ps t r / t f rise/fall times 20% - 80% 300 800 300 800 300 800 300 800 ps 1. within-device skew is defined as identi cal transitions on similar paths through a device.
az10e142 az100e142 november 2006 * rev - 3 www.azmicrotek.com 4 package diagram plcc 28 millimeters inches dim min max min max a 12.32 12.57 0.485 0.495 b 12.32 12.57 0.485 0.495 c 4.20 4.57 0.165 0.180 e 2.29 2.79 0.090 0.110 f 0.33 0.48 0.013 0.019 g 1.27 bsc 0.050 bsc h 0.66 0.81 0.026 0.032 j 0.51 0.020 k 0.64 0.025 r 11.43 11.58 0.450 0.456 u 11.43 11.58 0.450 0.456 v 1.07 1.21 0.042 0.048 w 1.07 1.21 0.042 0.048 x 1.07 1.42 0.042 0.056 t 0.50 0.020 z 2 o 10 o 2 o 10 o g1 10.42 10.92 0.410 0.430 k1 1.02 0.040 notes: 1. datums ?l-, -m-, and ?n- determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum ?t-, seating plane. 3. dimensions r and u do not include mold flash. alowable mold flash is 0.010mm (0.250in.) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the packge bottom by up to 0.012mm (0.300in.). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, the bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be smaller than 0.025mm (0.635in.).
az10e142 az100e142 november 2006 * rev - 3 www.azmicrotek.com 5 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product co uld create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ10E142FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X