Part Number Hot Search : 
MA4P160 BAS16W AD6485 GD4066 C0201 MX365A 5KP180C MF4751A
Product Description
Full Text Search
 

To Download AMPP105M250VAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in millimeters (mm) r ated v oltage 250vac 400vac d i m cap( f) w h t p 1.5 d? w h t p 1.5 d? 0.01 12.5 11.0 7.0 10.0 0.6 15.5 11.5 6.0 11.0 0.6 0.012 13.0 10.5 6.0 8.5 0.6 15.5 12.0 6.5 11.0 0.6 0.015 12.5 11.0 6.5 8.5 0.6 15.5 12.5 7.0 11.0 0.6 0.018 12.5 11.0 7.0 8.5 0.6 15.5 13.0 7.5 11.0 0.6 0.022 12.5 12.0 8.0 8.5 0.6 15.5 13.5 8.0 11.0 0.6 0.027 15.5 12.0 6.5 11.0 0.6 20.0 13.0 7.5 15.0 0.6 0.033 15.5 12.5 6.5 11.0 0.6 20.0 13.5 7.5 15.0 0.6 0.039 15.5 13.0 7.5 11.0 0.6 20.0 14.0 8.0 15.0 0.6 0.047 15.5 13.5 8.0 11.0 0.6 20.0 15.5 9.5 15.0 0.6 0.056 15.5 14.5 8.5 11.0 0.6 20.0 17.0 9.5 15.0 0.8 0.068 20.0 14.0 7.0 15.0 0.8 26.0 16.0 8.0 21.0 0.8 0.082 20.0 15.5 8.0 15.0 0.6 26.0 17.0 9.5 21.0 0.8 0.10 20.0 16.0 8.5 15.0 0.6 26.0 17.5 10.0 21.0 0.8 0.12 20.0 17.0 9.5 15.0 0.6 26.0 18.5 11.0 21.0 0.8 0.15 20.0 17.5 10.0 15.0 0.6 26.0 19.0 12.0 21.0 0.8 0.18 26. 0 17.5 8.5 21.0 0.8 26.0 20.0 12.5 21.0 0.8 0.22 26.0 18.0 9.5 21.0 0.8 31.0 21.5 11.0 26.0 0.8 0.27 26.0 19.0 10.0 21.0 0.8 31.0 23.0 12.5 26.0 0.8 0.33 26.0 20.0 11.0 21.0 0.8 31.0 24.0 13.5 26.0 0.8 0.39 31.0 19.5 10.5 26.0 0.8 36.0 24.5 13.5 31.0 0.8 0.47 31.0 21.0 11.0 26.0 0.8 36.0 24.5 14.0 31.0 0.8 0.56 31.0 22.0 12.0 26.0 0.8 0.68 31.0 23.5 13.0 26.0 0.8 0.82 36.0 24.0 13.5 31.0 0.8 1.0 36.0 24.5 13.5 31.0 0.8 meritek metallized polypropylene film capacitors - ac use ampp series (radial dipped) f eatures ? very low loss, excellent frequency and temperature characteristics, high insulation resistance ? high reliability due to self -healing properties ? non-inductive construction ? flame retardant epoxy resin coating (in compliance with ul 94v-0) s pecifications 1. operating temperature: -40 o c to +105 o c 2. capacitance range: 0.01 f to 1.0 f 3. capacitance tolerance: 5%(j), 10%(k), 20%(m) 4. rated voltage: 250vac, 400vac 5. dissipation factor: 0.1% max. at 1khz, 25 o c 6. insulation resistance: c r 33 f, 50000m c r > 0.33 f, 16000 s p art n umbering s ystem ampp 223 k 400vac meritek series capacitance code 103 104 105 ( pf ) 10,000 100,000 ( nf ) 10 100 1000 ( f ) 0.01 0.1 1 tolerance code j k m tolerance (%) 5 10 20 rated voltage 250vac 400vac ampp are constructed with metallized polypropylene film dielectric, tinned copper leads, and flame retardant epoxy resin coating. they are suitable for use in ac circuits wherein low loss and small inherent temperature rise are important, e.g. across-the- line. *voltage derated at operating temperature >85 o c s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of AMPP105M250VAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X