Part Number Hot Search : 
JANSR 602M15 M36W0R LTC2861 10PBF V585ME05 SMCJ11CA LTM4601A
Product Description
Full Text Search
 

To Download AM3G-2409D-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3g-nz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.c 1 of 3 north america only features: models single output model input voltage (v) output voltage(v) output current max (ma) isolation (vdc) capacitor load ( f) efficiency (%) am3g-1205s-nz 9-18 5 600 1500 2200 78 am3g-1209s-nz 9-18 9 333 1500 1000 79 am3g-1212s-nz 9-18 12 250 1500 820 80 am3g-1215s-nz 9-18 15 200 1500 680 80 am3g-2405s-nz 18-36 5 600 1500 2200 78 am3g-2409s-nz 18-36 9 333 1500 1000 79 am3g-2412s-nz 18-36 12 250 1500 820 80 am3g-2415s-nz 18-36 15 200 1500 680 81 models dual output model input voltage (v) output voltage(v) output current max (ma) isolation (vdc) capacitor load ( f) efficiency (%) am3g-1205d-nz 9-18 5 300 1500 560 78 am3g-1209d-nz 9-18 9 167 1500 470 79 am3g-1212d-nz 9-18 12 125 1500 330 80 am3g-1215d-nz 9-18 15 100 1500 220 80 am3g-2405d-nz 18-36 5 300 1500 560 78 AM3G-2409D-NZ 18-36 9 167 1500 470 79 am3g-2412d-nz 18-36 12 125 1500 330 80 am3g-2415d-nz 18-36 15 100 1500 220 81 input specifications parameters nominal typical maximum units voltage range 12 24 9-18 18-36 vdc filter capacitor maximum rating 12 vin 24 vin 22 40 vdc peak input voltage time 100 ms on/off control on ? low or open; off - high isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1500 vdc resistance > 1000 mohm capacitance 100khz, 1v 80 pf output specifications parameters conditions typical maximum units voltage accuracy 3 % voltage balance dual output 25~100% load 5 % short circuit protection continuous short circuit restart auto recovery ? rohs compliant ? operating temperature -40 o c to + 85 o c ? very low no load consumption ? continuous short circuit protection ? remote on/off control ? wide 2:1 input range ? 8 pin sip package ? high efficiency up to 81%
series am3g-nz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.c 2 of 3 north america only output specifications (continued) parameters conditions typical maximum units line voltage regulation ll~hl 0.5 % load voltage regulation load 10~100% 1 % temperature coefficient 0.03 %/ o c ripple & noise at 20mhz bandwidth 100 mv p-p general specifications parameters conditions typical maximum units switching frequency 100% load >200 500 khz operating temperature with derating above 71 o c -40 to +85 o c storage temperature -50 to +125 o c no load power consumption 100 mw cooling free air convection humidity 95 % case material non-conductive black plastic (ul94v-0 rated) weight 6 g dimensions (l x h x w) 0.87 x 0.37 x 0.47 inch 22 x 9.5 x 12 mm mtbf >1 000 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications dimensions derating free air convection -40 -20 020406080 100 100 80 60 40 20 0 safe operating area 85 ambient temperature o c 71 c o pin single dual 1 - v input - v input 2 + v input + v input 3 on/off control on/off control 5 n.c. n.c. 6 + v output + v output 7 - v output common 8 cs - v output 2.50 (0.98) 12.00 (0.47) 22.00 (0.87) 0.50 (0.02) 0.50 (0.02) 4.10 (0.16) 2.54 (0.10) 2.10 (0.08) 123 5 6 7 9.50 (0.37) 0.300 (0.012) 0.50 (0.02) 9.50 (0.37) printed face 12.00 (0.47) 8
series am3g-nz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.c 3 of 3 north america only cs capacitor table control on/off pin connection example: the voltage could be applied through a limiting resistor and a sw itching diode. the converter is in a low power mode during high level phase. note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. vout 5v 9v 12v 15v 24v cs 47uf ? 100uf 10uf ? 47uf


▲Up To Search▲   

 
Price & Availability of AM3G-2409D-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X