Part Number Hot Search : 
314005P 101KT TIP8050 E003511 2SK17 SGF34 00115 305S5WFR
Product Description
Full Text Search
 

To Download AM3F-1218SH52Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3f-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 1 of 4 north america only features: models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am3f-0503sz 4.5-5.5 3.3 800 1000 470 53 am3f-0505sz 4.5-5.5 5 600 1000 470 67 am3f-0507sz 4.5-5.5 7.2 417 1000 470 64 am3f-0509sz 4.5-5.5 9 333 1000 470 67 am3f-0512sz 4.5-5.5 12 250 1000 470 72 am3f-0515sz 4.5-5.5 15 200 1000 470 72 am3f-0518sz 4.5-5.5 18 167 1000 470 65 am3f-0524sz 4.5-5.5 24 125 1000 470 70 am3f-1203sz 10.8-13.2 3.3 800 1000 470 55 am3f-1205sz 10.8-13.2 5 600 1000 470 67 am3f-1207sz 10.8-13.2 7.2 417 1000 470 64 am3f-1209sz 10.8-13.2 9 333 1000 470 67 am3f-1212sz 10.8-13.2 12 250 1000 470 72 am3f-1215sz 10.8-13.2 15 200 1000 470 72 am3f-1218sz 10.8-13.2 18 167 1000 470 66 am3f-1224sz 10.8-13.2 24 125 1000 470 70 am3f-2403sz 21.6-26.4 3.3 800 1000 470 55 am3f-2405sz 21.6-26.4 5 600 1000 470 65 am3f-2407sz 21.6-26.4 7.2 417 1000 470 61 am3f-2409sz 21.6-26.4 9 333 1000 470 65 am3f-2412sz 21.6-26.4 12 250 1000 470 70 am3f-2415sz 21.6-26.4 15 200 1000 470 70 am3f-2418sz 21.6-26.4 18 167 1000 470 66 am3f-2424sz 21.6-26.4 24 125 1000 470 72 am3f-0503sh30z 4.5-5.5 3.3 800 3000 470 53 am3f-0505sh30z 4.5-5.5 5 600 3000 470 67 am3f-0507sh30z 4.5-5.5 7.2 417 3000 470 64 am3f-0509sh30z 4.5-5.5 9 333 3000 470 67 am3f-0512sh30z 4.5-5.5 12 250 3000 470 72 am3f-0515sh30z 4.5-5.5 15 200 3000 470 72 am3f-0518sh30z 4.5-5.5 18 167 3000 470 65 am3f-0524sh30z 4.5-5.5 24 125 3000 470 70 am3f-1203sh30z 10.8-13.2 3.3 800 3000 470 55 am3f-1205sh30z 10.8-13.2 5 600 3000 470 67 am3f-1207sh30z 10.8-13.2 7.2 417 3000 470 64 am3f-1209sh30z 10.8-13.2 9 333 3000 470 67 am3f-1212sh30z 10.8-13.2 12 250 3000 470 72 am3f-1215sh30z 10.8-13.2 15 200 3000 470 72 am3f-1218sh30z 10.8-13.2 18 167 3000 470 66 am3f-1224sh30z 10.8-13.2 24 125 3000 470 70 am3f-2403sh30z 21.6-26.4 3.3 800 3000 470 55 am3f-2405sh30z 21.6-26.4 5 600 3000 470 65 am3f-2407sh30z 21.6-26.4 7.2 417 3000 470 61 am3f-2409sh30z 21.6-26.4 9 333 3000 470 65 am3f-2412sh30z 21.6-26.4 12 250 3000 470 70 am3f-2415sh30z 21.6-26.4 15 200 3000 470 70 am3f-2418sh30z 21.6-26.4 18 167 3000 470 66 ? rohs compliant ? ? 12 pin sip package ? ? low ripple and noise ? ? high efficiency up to 72% ?
series am3f-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 2 of 4 north america only models single output (continue) model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am3f-2424sh30z 21.6-26.4 24 125 3000 470 72 am3f-0503sh52z 4.5-5.5 3.3 800 5200 470 53 am3f-0505sh52z 4.5-5.5 5 600 5200 470 67 am3f-0507sh52z 4.5-5.5 7.2 417 5200 470 64 am3f-0509sh52z 4.5-5.5 9 333 5200 470 67 am3f-0512sh52z 4.5-5.5 12 250 5200 470 72 am3f-0515sh52z 4.5-5.5 15 200 5200 470 72 am3f-0518sh52z 4.5-5.5 18 167 5200 470 65 am3f-0524sh52z 4.5-5.5 24 125 5200 470 70 am3f-1203sh52z 10.8-13.2 3.3 800 5200 470 55 am3f-1205sh52z 10.8-13.2 5 600 5200 470 67 am3f-1207sh52z 10.8-13.2 7.2 417 5200 470 64 am3f-1209sh52z 10.8-13.2 9 333 5200 470 67 am3f-1212sh52z 10.8-13.2 12 250 5200 470 72 am3f-1215sh52z 10.8-13.2 15 200 5200 470 72 AM3F-1218SH52Z 10.8-13.2 18 167 5200 470 66 am3f-1224sh52z 10.8-13.2 24 125 5200 470 70 am3f-2403sh52z 21.6-26.4 3.3 800 5200 470 55 am3f-2405sh52z 21.6-26.4 5 600 5200 470 65 am3f-2407sh52z 21.6-26.4 7.2 417 5200 470 61 am3f-2409sh52z 21.6-26.4 9 333 5200 470 65 am3f-2412sh52z 21.6-26.4 12 250 5200 470 70 am3f-2415sh52z 21.6-26.4 15 200 5200 470 70 am3f-2418sh52z 21.6-26.4 18 167 5200 470 66 am3f-2424sh52z 21.6-26.4 24 125 5200 470 72 input specifications parameters nominal typical maximum units voltage range 5 12 24 4.5-5.5 10.8-13.2 21.6-26.4 vdc filter capacitor turn on transient process time ? isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1000, 3000 and 5200 vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy 2 % short circuit protection continuous short circuit restart auto-recovery line voltage regulation (single) 0.5 % load voltage regulation (single) 0 to 100% load 0.5 %
series am3f-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 3 of 4 north america only output specifications (continued) parameters conditions typical maximum units load voltage regulation (single) 3.3v output model 0 to 100% load 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 75 mv p-p rising time 150 ms general specifications parameters conditions typical maximum units switching frequency 100% load 50 khz operating temperature -40 to +85 o c storage temperature -40 to +125 o c max case temperature 90 o c cooling free air convection humidity 90 % case material non-conductive black plastic weight 10.7 g dimensions (l x w x h) 1.25 x 0.34 x 0.53 inches 31.80 x 8.60 x 13.47 mm mtbf >954 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified pin out specifications dimensions note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this pin 1000vdc 3000 & 5200vdc 1 +v input +v input 2 n.c. -v input 3 n.c. n.c. 9 n.c. n.c. 10 -v output -v output 11 +v output +v output 12 -v input n.c. 31.80 (1.25) 2.54 (0.10) 8.60 (0.34) printed face 0.50 (0.02) 0.50 (0.02) 0.25 (0.01) 3.81 (0.15) 8.60 (0.34) 13.97 (0.55) 13.47 (0.53) 3.05 (0.12) 0.50 (0.02) 27.94 (1.10)
series am3f-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6.c 4 of 4 north america only product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM3F-1218SH52Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X