Part Number Hot Search : 
NJM2120D TDA7318D 15KP17A ZREF50Z MAX9113 NJM2120D AD100 1428A
Product Description
Full Text Search
 

To Download AK04D300-XTAL-04CLCC-BY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description this new family of accutek dip adapter modules convert surface mount crystal oscillators to pin compatible dip packages for creat - ing drop-in replacements for end-of-life dip crystal oscillators. crystal oscillator adapters were developed for users with mother - board designs that require dip?s, now obsoleted by manufacturers. these adapter modules save costly motherboard redesigns. available with machined or flat contact pins. accutek crystal oscillator adapter m odules feature 4 to 14 pins and are fully as - sembled and tested. these crystal oscillator adapters can be manufactured turnkey or from customer supplied surface mount chips. some of the designs include a site for a bypass capacitor. custom configurations up to 200 pins, multi-chip and double sided modules are also available for special functions. a variety of pin lengths with varying diameters as well as custom sizes and spacing can be specified with different materials and finishes. all modules are designed in-house using pc b cad workstat ions. assembly and 100% testing are also performed in-house. features ? saves costly redesign of current motherboards ? fully tested with life time limited warranty ? ic assembly and testing available ? custom lead lengths available ? custom multi-chip and double-sided modules available ordering options ? adapter only ? customer supplies chips - accutek assembles on accutek adapters, tests and delivers finis hed product in antistatic tubes. ? complete turnkey - accutek purchases ic?s. then assembles, tests and delivers finished product in antistatic tubes. crystal oscillators in surface mount packages converted to dip adapters accutek microcircuit corporation crystal oscillator adapter modules eliminate the need to redesign motherboards or may be used for breadboard prototyping accutek microcircuit corporation 5 new pasture road newburyport, ma 01950-4040 phone: 978-465-6200 fax: 978-462-3396 email: sales@accutekmicro.com internet: www.accutekmicro.com
page 2 accutekmicro.com 6/2012(osc02) 0.300" 0.400" 0.400" ak08d300-clcc 0.080" 0.125" 0.100" 0.250" 8 pin clcc to dip (clcc=ceramic leadless chip carrier) 0.250" 0.050" 0.080" 0.125" 0.100" 0.300" ak04d300-xtal-04clcc 4 pin clcc crystal to dip (clcc=ceramic leadless chip carrier) AK04D300-XTAL-04CLCC-BY 4 pin clcc crystal to dip with site for bypass capacitor (clcc=ceramic leadless chip carrier) 0.080" 0.125" 0.100" 0.300" ak06d300-xtal-06clcc-by 6 pin clcc crystal to dip with site for bypass capacitor (clcc=ceramic leadless chip carrier) 0.300" 0.080" 0.125" 0.100" 0.080" 0.125" 0.300" 0.300" ak08d300-xtal-04soj 4 pin soj crystal to 4 pin (8 pin half size) dip we can assemble your chips on to our adapter boards. fully automated assembly and test at our newburyport, massachusetts facility. no job to large or small. 0.200" 0.400" bottom view 0.137" 0.044" 0.100" 0.200" 0.400" 0.137" 0.044" 0.100" bottom view bottom view bottom view 0.300" 0.100" 0.200" 0.080" 0.400" 0.400" 0.200" 0.358" 0.122" 0.400"
page 3 accutekmicro.com 6/2012(osc03) 0.400" 0.800" 0.500" ak12d400-vco 0.080" 0.125" 0.060" 0.100" 12 pin vco to dip 0.300" 0.080" 0.125" 0.600" 0.300" ak14d300-xtal-04clcc-by 4 pin clcc crystal to 4 pin (14 pin full size) dip with site for bypass capacitor 0.080" 0.125" 0.600" 0.300" 0.080" 0.125" 0.600" 0.300" ak14d300-xtal-04soj-by 4 pin soj crystal to 4 pin (14 pin full size) dip with site for bypass capacitor ak14d300-xtal-04soj 4 pin soj crystal to 4 pin (14 pin full size) dip bottom view 0.700" 0.100" 0.137" 0.043" 0.400" bottom view bottom view 0.700" 0.200" 0.358" 0.122" 0.400" 0.400" 0.700" 0.200" 0.358" 0.122"


▲Up To Search▲   

 
Price & Availability of AK04D300-XTAL-04CLCC-BY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X