Part Number Hot Search : 
TA203 R2A201 BSM151 SA2420DH C6052 C4002RU R2A201 A1718
Product Description
Full Text Search
 

To Download 742C043150XP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 5 may 2006 cts electronic components www.ctscorp.com chip resistor arrays technical data product benefits ? high density packaging up to 30% less space per resistor than 0603 chip resistors up to 75% less space per resistor than 0805 chip resistors ? placement efficiency networks require fewer placements than discrete components larger overall size eases handling compared to discrete components ? low profile; can be used in pcmcia cards features ? low cost ? thick film technology ? high density packaging ? leadless surface mount construction ? tape and reel packaging ? solder coated nickel barrier pads ? isolated and bussed circuits ? concave and convex terminations ? rohs compliant version available electrical and mechan ical specifications series pcb area (in2) per resistor circuit type resistance range, ohms 70c power per resistor* maximum operating voltage 741 0.0015 isolated 10 - 1m .063w 25v 742 0.0037 isolated 10 - 1m .063w 50v 743 0.0071 isolated 10 - 1m .100w 100v 744 0.0094 isolated 10 - 1m .125w 200v 745 0.0058 bussed 33 - 470k .063w 50v 746 0.0013 bussed 33 - 100k .031w 25v *total rated package power equals total number of resistors times rated power per resistor resistance tolerance standard: 5% or .5 ? (whichever is greater) operating temperature range -55c to +125c temperature coefficient standard: 200ppm/c
package outlines concave termination ? type c convex termination ? type x page 2 of 5 may 2006 cts electronic components www.ctscorp.com dimensions: mm/inch part code configuration # pads # res. circuit l w p t a b c d 741x043 0402 x 2 4 2 isolated 1.00 0.10 .039 .004 0.65 0.10 .026 .004 0.33 0.10 .013 .004 741x083 0402 x 4 8 4 isolated 0.30 0.15 .012 .006 741c083 0402 x 4 8 4 isolated 2.00 0.10 .079 .004 1.00 0.10 .039 .004 0.35 0.10 .014 .004 0.28 0.10 .011 .004 0.15 0.10 .006 .004 0.38 max. .015 max. 741x163 0402 x 8 16 8 isolated 3.80 0.10 .150 .004 1.60 0.10 .063 .004 0.50 0.10 .020 .004 0.45 0.10 .018 .004 0.30 0.10 .012 .004 0.30 0.10 .012 .004 0.30 0.10 .012 .004 n/a 742c043 0603 x 2 4 2 isolated 1.60 0.20 .063 .008 0.40 0.15 .016 .006 742x083 742c083 0603 x 4 8 4 isolated 3.20 0.20 .126 .008 0.30 0.15 .012 .006 742c163 0603 x 8 16 8 isolated 6.40 0.20 .252 .008 1.60 0.20 .063 .008 0.80 0.05 .032 .002 0.60 +0.10 -0.25 .024 +.004 -.010 0.50 0.15 .020 .006 0.30 0.20 .012 .008 0.40 0.15 .016 .006 n/a 743c043 0805 x 2 4 2 isolated 2.54 0.20 .100 .008 743c083 0805 x 4 8 4 isolated 5.08 0.30 .200 .012 2.00 0.20 .079 .008 1.27 0.05 .050 .002 0.60 0.10 .024 .004 0.80 0.10 .031 .006 0.40 0.20 .016 .008 0.40 0.15 .016 .006 n/a 744c043 1206 x 2 4 2 isolated 2.54 0.20 .100 .008 744c083 1206 x 4 8 4 isolated 5.08 0.30 .200 .012 3.20 0.20 .126 .008 1.27 0.05 .050 .002 0.60 0.10 .024 .004 0.80 0.10 .031 .006 0.50 0.20 .020 .008 0.50 0.15 .020 .006 n/a 745c101 745c102 10 8 bussed 6.40 0.20 .252 .008 3.20 0.20 .126 .008 1.27 0.05 .050 .002 0.60 0.10 .024 .004 0.60 0.15 .024 .006 0.35 0.15 .013 .006 0.55 0.15 .022 .006 n/a 745x101 745x102 10 8 bussed 6.40 0.20 .252 .008 3.20 0.20 .126 .008 1.27 0.05 .050 .002 0.60 0.10 .024 .004 0.90 0.15 .035 .006 0.50 0.20 .020 .008 0.50 0.15 .020 .006 1.10 0.15 .043 .006 746x101 10 8 bussed 3.30 0.10 .130 .004 1.65 0.15 .065 .006 0.64 0.05 .025 .002 0.60 0.10 .024 .004 0.35 0.05 .014 .002 0.40 0.10 .016 .004 0.45 0.10 .018 .004 0.50 0.05 .020 .002 termination area (all places) w l p a b t c d termination area (all places) w b a l p t c
types of circuits 741c083 4 resistors 8 terminations 741x043 2 resistors 4 terminations 741x083 4 resistors 8 terminations 741x163 8 resistors 16 terminations 745c101 8 resistors 10 terminations 745c102 8 resistors 10 terminations pad 1 mark pad 1 mark (dot) (triangle) 742c163 8 resistors 16 terminations 742c083 4 resistors 8 terminations 742c043 2 resistors 4 terminations 745x101 8 r esistors 10 t erminations 745x102 8 r esistors 10 t erm ina tio ns common pad designator 50 mil pitch (1.27m m) note: the marking concept for convex and concave series 745 is different. 742x083 4 resistors 8 terminations 743c083 4 resistors 8 terminations 743c043 2 resistors 4 terminations 744c043 2 resistors 4 terminations 746x101 8 resistors 10 terminations 744c083 4 resistors 8 terminations page may 2006 cts electronic components ctscorp.com 3 of 5 www.
recommended tter land pa ns e nm erformance spec d im n /in ensi o s mm series a b c d 1.00 0.65 0.33 0.50 741x043 0.039 0.026 0.013 0.020 1.00 0.50 0.30 0.50 741x083 0.039 0.020 0.012 0.020 1.00 0.50 0.28 0.50 a b c d 741c083 0.039 0.020 0.011 0.020 1.60 0.50 0.30 0.80 741x163 0.063 0.020 0.012 0.031 1.60 0.80 0.50 0.90 742 0.063 0.032 0.020 0.035 2.00 1.27 0.80 1.00 743 0.079 0.050 0.031 0.051 3.20 1.27 0.80 1.00 744 0.126 0.050 0.031 0.039 3.20 1.27 0.90 1.30 745 0.126 0.050 0.035 0.039 1.65 0.64 0.35 0.80 746 0.065 0.025 0.014 0.032 nviro ental p ifications max. d elta r test 741 742-746 test description thermal cycle 1.00% 1.00% 5 cycles -55c to +125c short time overload 2.50% 1.00% 2? x onds r c ated working voltage for 5 se moisture resistance 5.00% 2.00% 240 hours 1 , 90% r.h. 0% rated load, -10c to +65c hig 1.00% 1.00% h te posure mperature ex 1000 hours, no load, +125c load life 5.00% 2.00% 1000 hours @ 70c, rated load resistance to solder heat 2.50% 1.00% 10 seconds @ 260c solder resistance to solvents ol, freon tmc isopropyl alcoh solderability rma flux, 230c, 5 seconds dip, 95% coverage page 4 of 5 may 2006 cts electronic components www.ctscorp.com
s tan re r v s & cod dard sisto alue eia e page 5 of 5 may 2006 cts electronic components www.ctscorp.com ohms c ode ohms c ode ohms c ode ohms c ode ohms code ohms c ode 0 000x 68 680 470 471 3.9k 392 33k 333 270k 274 10 100 75 750 510 511 4.7k 472 39k 393 330k 334 12 120 82 820 560 561 5.1k 512 47k 473 390k 394 15 150 100 101 680 681 5.6k 562 51k 513 470k 474 18 180 110 111 820 821 6.8k 682 56k 563 5 10k 514 22 220 120 121 1k 102 8.2k 822 68k 683 560k 564 27 270 150 151 1.2k 122 10k 103 82k 823 680k 684 33 330 180 181 1.5k 152 12k 123 100k 104 820k 824 39 390 220 221 1.8k 182 15k 153 120k 124 1m 105 47 470 270 271 2.2k 183 150k 154 222 18k 51 510 0 331 2.7k 272 22k 223 180k 184 33 56 390 391 3.3k 560 332 27k 273 220k 224 how to order j & g tol. 742c083 101 j p f tol. part marking e- e e- e e- e 24 valu 24 valu 96 valu 741 3 digit 3 digit 4 digit 742 3 digit 3 digit 4 digit 743 3 digit 4 digit 4 digit 744 3 digit 4 digit 4 digit 745 3 digit 4 digit 4 digit 746 3 digit 4 digit 4 digit tape & reel information reel d iameter 7" 7 41x043 741c083 7 41x083 7 42c043 741 3 x16 7 42c083 742 3 x08 742c163 743c043 743c083 744c043 744c083 7 45c101 745 c102 7 45x101 745 x102 746x101 p arts/reel 10000 5000 5000 4000 4000 4000 4000 2000 4000 4000 5000 pitch 2mm 4mm 4mm 4mm 4mm 4mm 4mm 8mm 4mm 4mm 4mm carrier width 8mm 8mm 8mm 12mm 8mm 12 mm 8mm 12mm 12mm 12mm 8mm material paper paper paper plastic plastic pl astic plastic plastic plastic plastic paper resistor code olerance % (stand -digit code t j = 5 ard) 3 g = 2 % 3-digit code (741-745 only) de f = 1 % 4-digit co (741-74 5 only) r zer ump part code outlines (page 2) h) x fo o ohm j er rohs compliant (matte sn finis insert ?p? for rohs; otherwise blank see standard package 3 digit resistor code ? refer to the eia code noted above 4 digit resistor code (used only for 1% tolerance) ? the three digits are significant and fourth digit is multiplier; ?r first ? 49r9 = 49.9 ohms 1001 = 1,000 ohms 1002 = 10,000 ohms example: 742c083 10r0 indicates values . decimal on less than 100 ohms examples: 10r0 = 10 ohms 1000 = 100 ohms f


▲Up To Search▲   

 
Price & Availability of 742C043150XP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X