Part Number Hot Search : 
MC4558 KA3843 KSA1220 GPS40B12 KSA1220 EQW025 BE002 W83L950D
Product Description
Full Text Search
 

To Download 37300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transformer, adsl .010 .02 angle 3 place 2 place 37300 c 1 end page rev part number title specifications 1 3 4 2 8 6 5 7 agency approval: babt #nc/000126 ul e145198 tolerances unless otherwise noted inch (mm) designed to meet ul1950/en60950 with supplementary insulation for a working voltage of 250v. temp class: 105 c, flammability: ul 94v-o operating temperature range -40c to +85c 1. inductance: @ 0.1 v, 10 khz 8-6-7-5 = 450.3 to 497.7 h 2. leakage inductance: @ 0.1 vrms, 100 khz 8-5 tie 6&7 (short 1&3, 2&4) = 5 h max 3. iwc: @ 0.1 vrms, 100 khz 1 to 8, tie 1&4, 2&3, 6&7, 5&8 = 50 pf max 4. turns ratio: 8-6 : 7-5 : 1-3 : 2-4 = 1.41 : 1.41 : 1 : 1 1% 5. dc resistance: ohms max 8-6 = 1.05 7-5 = 1.05 1-3 = 0.204 2-4 = 0.270 6. hipot: 1500 vrms, 1 minute (1800 vrms or 2500 vdc for 1 second) 1&2 to 8&7 1,2,8 & 7 to core 7. longitudinal balance: v1 = 0 dbm @ 20 khz to 1 mhz, rs = 100 ohms, rl = 50 ohms, line = 8-6-7-5, chip = 1-3-2-4, v2 = 50 db min. 8. harmonic distortion: rs = 100 ohms, rl = 50 ohms, line = 8-6-7-5, chip = 1-3-2-4, v1 = 15 vp-p(5.32 vrms) @ 40 khz, v2 = -69 db max @ 200 khz = -80 db max 9. insertion loss: = 0.6 db max @ 150 khz to 1.5 mhz, rs = 100 ohms, rl = 50 ohms, line = 8-6-7-5, chip = 1-3-2-4 line chip ? 2000 schott corporation, 1000 parkers lake road, wayzata mn, 55391 (952) 475-1173 1000 parkers lake road wayzata. mn 55391 (952) 475-1173 1 4 5 8 schott 37300 yyww .500 max (12.70) .098 (2.50) .024 (0.61) .492 .006 (12.50) .605 max (15.37) ref: pwb pattern .080 (2.03) .035 (0.89) .098 (2.50) .615.010 (15.62) .435 max (11.05) .006- .012 note: coplanarity < .004 (0.10) core alignment < .010


▲Up To Search▲   

 
Price & Availability of 37300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X