Part Number Hot Search : 
092316 01301 LA4585 2N5481 T74FCT ADM211AR NB2579A B66285K
Product Description
Full Text Search
 

To Download 35711-0410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0357110410 status: active description: 2.79mm (.110") slip-on tab, quick disconnect, 0.50mm (.020") tab thickness, wire range 16-20 awg (1.31-0.52mm2), post-tin plated documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-35702-001 (pdf) general product family quick disconnects series 35711 crimp quality equipment yes product name slip-on type quick disconnect physical barrel type open gender male glow-wire compliant no insulation none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin orientation straight packaging type reel plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part no tab thickness 0.51mm (.020") tab width 2.79mm (.110") temperature range - operating -40c to +120c termination interface: style crimp or compression wire insulation diameter 1.80-2.30mm (.070-.091") max. wire size awg 16, 18, 20 wire size mm2 0.50 - 1.30 electrical voltage - maximum per wire specification material info reference - drawing numbers product specification ps-35702-001 sales drawing sd-35711-04*0 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35711 series this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 35711-0410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X