Part Number Hot Search : 
TA0363F M38C82M5 FDS4885 14002 A101M E45H11 SMBJ33 20040
Product Description
Full Text Search
 

To Download 310-025103-021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this se r ies of l o w noise amplifiers pr o vides a filtered, l o w-noise gain solution ideal f or applications where higher reliability is c r itical . these filtered l o w noise amplifiers are designed to reduce out-of-band inter f erence while achi e vin g high dynamic r ang e . a pair of dipl ex ed 3-pole ce r amic filters select only the desired gps signals while the l o w-noise gain stage maintains the receiving system ? s sensitivit y . the lna rejects undesired signals b y at least 40 db at 1050, 1410, and 1710 mhz . see the g r aphs on p age 2 f or retu r n los s , rejection s , and gain of a typical unit. the preamplifier is p o w ered b y dc v oltage applied to the center conductor of the output connecto r . optionall y , the unit can be p o w ered through an e xte r nal dc bias connecto r . features and benets ? noise figure 1.6 db typical ? dou b le-dipl ex ed preamp filters ? light w eight alumi n um housing ? dual band (l1 and l2) per f o r mance ? coa x ial and e xt e r nal bia s op t ion s ? e n v i r on m en t al s ealing a v aila b l e ? a ppli c a t ion s pe c i f i c pa c k age s a v aila b l e ? s ui t a b le f o r n e w l2 - c s ignal s ? l5 c on f igu r a t ion s a v aila b le upon r eque s t spectrum micro w a v e filtere d low noise amplie r ce r tified block diagram for gps applications 1227 m h z/ 1575 m h z t ypical performance specications f r equency . . . . . . . . . . . . . 1575.42 mhz (l1) 1227.60 mhz (l2) bandwidth . . . . . . . . . . . . 30 mhz min. noise gu r e . . . . . . . . . . . 2.0 db max. vswr . . . . . . . . . . . . . . . 1.5:1 max. gain . . . . . . . . . . . . . . . . 14 db min. gain flatness . . . . . . . . . . +/-0.5 db rejection . . . . . . . . . . . . . 40 db @ 1050, 1410, 1710 mhz bias . . . . . . . . . . . . . . . . . ext bia s , mr01 dc power . . . . . . . . . . . . 5-16 vdc t emperatu r e range . . . . . . -40?c to +71?c all specifications ab o v e measured at 25?c dimensions and connections ? antenna po r t j1 ? recei v er po r t j2 ? sma type f emale connectors ? 2.20"? x 0.080"h e xcluding connectors chassis is machined alumi n um with a ni ck el plate finish. p/n: 310-025103-021 p/n: 310-025103-021 spectrum micro w a v e ? 38166 old stage roa d ? delma r , del a w are 1994 0 ? phone : 302-846-2750 ? f ax : 302-846-388 8 spectrum microwave ? 2707 black lake place ? philadelphia, pennsylvania 19154 ? phone : 215-464-4000 ? f ax : 215-464-4001 ww w .spectrummicrowave.co m
amplier gain 0 -10 -30 105 1 125 1 145 1 165 1 1751 f requency (mhz) db(|s[1,1]|) loss in db -20 db(|s[2,2]|) filte r ed low noise amplie r 1227 m h z/ 1575 m h z return loss 15 2 -24 105 1 125 1 145 1 165 1 1751 f requency (mhz) db(|s[2,1]|) gain in db -11 .51 1.79 2.15 ?2.72 1.00 4x ? .17 th r u 2x sma f emale connector 2.20 1.36 .51 .80 j1 j2 dimensions (inches) spectrum micro w a v e ? 38166 old stage roa d ? delma r , del a w are 1994 0 ? phone : 302-846-2750 ? f ax : 302-846-388 8 spectrum microwave ? 2707 black lake place ? philadelphia, pennsylvania 19154 ? phone : 215-464-4000 ? f ax : 215-464-4001 ww w .spectrummicrowave.co m


▲Up To Search▲   

 
Price & Availability of 310-025103-021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X