Part Number Hot Search : 
ISL62 1015A 04500 HCT1G 158M000 E39CA STF3060C HVL147M
Product Description
Full Text Search
 

To Download 30EMC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  compact and cost effective dual stage rfi power line filters the emc series of rfi filters has been developed to reduce conducted noise to acceptable limits for equipment that must comply with the requirements of cispr in europe and the fcc specifications in the usa. the emc series is the most compact dual stage filter available from tyco electronics. this cost effective design has a maximum current rating of 30 amps; higher than any similar catalog product. the emc series was designed to address the need for more differential mode attenuation in the lower frequency range while still maintaining high common mode performance. this type of performance is typically needed for motor drives and switch mode power supplies with increased operating frequencies. the emc series is ideal for applications that require a high level of performance in a compact, cost effective package. specifications maximum leakage current,each line-to-ground 3,6,10 amp 15,20,30 amp @ 120 vac 60 hz: .21 ma .73 ma @ 250 vac 50 hz: .43 ma 1.52 ma hipot rating (one minute): line-to-ground 2250 vdc line-to-line 1450 vdc operating frequency: 50/60 hz rated voltage (max.): 250 vac minimum insertion loss in db: line-to-ground in 50 ohm circuit current frequency-mhz rating .05 .07 .11 .15 1 2 10 20 30 0 3a 6 6 3 16 65 66 62 60 59 0 6a 6 6 2 15 65 67 65 62 63 10a 5 2 13 24 72 72 56 50 48 15a 3 1 12 22 70 68 57 54 53 20a 2 2 11 21 58 57 63 55 52 30a 2 2 14 22 47 52 60 48 43 line-to-line in 50 ohm circuit current frequency-mhz rating .05 .07 .11 .15 1 2 10 20 30 0 3a 12 13 7 18 64 69 65 60 52 0 6a 12 12 8 27 61 61 59 56 54 10a 14 15 12 33 54 58 47 34 36 15a 16 16 13 34 61 52 36 36 23 20a 17 19 15 37 67 62 36 32 30 30a 17 18 14 40 62 53 30 28 26 54 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. emc series emc series corcom product guide electrical schematic resistor location for reference only. ul recognized csa certified vde approved e mc6 e mc1 line load
compact and cost effective dual stage rfi power line filters (continued) case styles case dimensions abcde p art no. (max) (max) (max) (max) (max) 3 emc1 3.35 1.81 1.16 2.375 2.78 8 5.1 46.0 29.5 60.3 70.6 6emc1 3 .85 2.07 1.16 2.938 3.35 97.8 52.6 29.5 74.6 85.1 3.85 2.07 1.53 2.938 3.35 10emc1 97.8 52.6 38.91 74.6 85.1 15emc1 4.97 2.25 1.78 4.063 4.46 20emc1 126.2 57.2 45.2 103.2 113.3 3emc3 2.07 1.81 1.16 2.375 2.78 52.6 46.0 29.5 60.3 70.6 6emc3 2.56 2.07 1.16 2.938 3.35 65.0 52.6 29.5 74.6 85.1 10emc3 2.56 2.07 1.53 2.938 3.35 65.0 52.6 38.9 74.6 85.1 15emc3 3.69 2.25 1.78 4.063 4.47 93.7 57.2 45.2 103.2 113.5 10emc6 3.94 2.07 1.53 2.938 3.35 99.9 52.6 38.9 74.6 85.1 15emc6 5.09 2.25 1.78 4.063 4.47 20emc6 129.3 57.2 45.2 103.2 113.5 30EMC6 6.05 3.12 2.18 3.50 3.96 153.7 79.2 55.4 88.9 100.6 55 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. r f i p o w e r l i n e f i l t e r s emc series corcom product guide emc1 emc3 30EMC6 emc6 part numbers 0 3emc1 10emc3 0 0 6emc1 15emc3 10emc1 10emc6 15emc1 15emc6 20emc1 20emc6 3emc3 30EMC6 6emc3 typical dimensions: t erminals: .250 [ 6 .35 ] mounting holes: .187?008 [ 4 .75?20 ] dia.(2) typical dimensions: terminals: 8-32 (5) mounting holes: .187?008 [ 4.75?20 ] dia.(2) typical dimensions: terminals: 10-32 (5) slots: .203 x .156 [ 5.16 x 3.96 ] dia.(4) typical dimensions: wire leads: 4.0 [ 101.6 ] min. 3,6,10a:18 awg / 15a: 16 awg mounting holes: .187 .008 [ 4.75 .20 ] dia.(2) b d e a d c e a b d a e b c d e a c b


▲Up To Search▲   

 
Price & Availability of 30EMC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X