Part Number Hot Search : 
LS431650 PSMN0 BCM847 ND101 ESM4011 ATP602 LS6025 GM71V
Product Description
Full Text Search
 

To Download 26MB140A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 93564 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-jun-08 1 single phase bridge (power modules), 25 a/35 a mb high voltage series vishay high power products features ? universal, 3 way terminals: push-on, wrap around or solder ? high thermal conductivity package, electrically insulated case ? center hole fixing ? excellent power/volume ratio ? nickel plated terminals solderable using lead (pb)-free solder; solder alloy sn/ag/cu (sac305); solder temperature 260 to 275 c ? ul e300359 approved ? rohs compliant ? designed and qualified for industrial and consumer level description a range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. they are intended for use in general purpose and instrumentation applications. electrical specifications product summary i o 25 a/35 a d-34 rohs compliant major ratings and characteristics symbol characteristics 26mb-a 36mb-a units i o 25 35 a t c 70 55 c i fsm 50 hz 400 475 a 60 hz 420 500 i 2 t 50 hz 790 1130 a 2 s 60 hz 725 1030 v rrm range 1400 to 1600 1400 to 1600 v t j - 55 to 150 - 55 to 150 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j maximum ma 26mb..a 36mb..a 140 1400 1500 2 160 1600 1700
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93564 2 revision: 17-jun-08 mb high voltage series vishay high power products single phase bridge (power modules), 25 a/35 a forward conduction parameter symbol test conditions 26mb-a 36mb-a units maximum dc output current at case temperature i o resistive or inductive load 25 35 a capacitive load 20 28 65 60 c maximum peak, one cycle non-repetitive forward current i fsm t = 10 ms no voltage reapplied initial t j = t j maximum 400 475 a t = 8.3 ms 420 500 t = 10 ms 100 % v rrm reapplied 335 400 t = 8.3 ms 350 420 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 790 1130 a 2 s t = 8.3 ms 725 1030 t = 10 ms 100 % v rrm reapplied 560 800 t = 8.3 ms 512 730 maximum i 2 t for fusing i 2 t i 2 t for time t x = i 2 t x t x ; 0.1 t x 10 ms, v rrm = 0 v 5.6 11.3 ka 2 s low level of threshold voltage v f(to)1 (16.7 % x x i f(av) < i < x i f(av) ), t j maximum 0.70 0.74 v high level of threshold voltage v f(to)2 (i > x i f(av) ), t j maximum 0.75 0.79 low level forward slope resistance r t1 (16.7 % x x i f(av) < i < x i f(av) ), t j maximum 7.0 5.5 m high level forward slope resistance r t2 (i > x i f(av) ), t j maximum 6.4 5.2 maximum forward voltage drop v fm t j = 25 c, i fm = 40 apk (26mb) t p = 400 s 1.25 1.3 v t j = 25 c, i fm = 55 apk (36mb) maximum dc reverse current per diode i rrm t j = 25 c, at v rrm 10 10 a rms isolation voltage base plate v isol f = 50 hz, t = 1 s 2700 2700 v thermal and mechanical specifications parameter symbol test conditions 26mb-a 36mb-a units junction and storage temperature range t j , t stg - 55 to 150 c maximum thermal resistance, junction to case per bridge r thjc 1.7 1.35 k/w maximum thermal resistance, case to heatsink r thcs mounting surface, smooth, flat and greased 0.2 mounting torque 10 % bridge to heatsink 2.0 nm approximate weight 20 g
document number: 93564 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-jun-08 3 mb high voltage series single phase bridge (power modules), 25 a/35 a vishay high power products fig. 1 - current ratings characteristics fig . 2 - forward voltage drop characteristics fig. 3 - total power loss characteristics fig. 4 - maximum non-repetitive surge current fi g. 5 - maximum non-repetitive surge current average forward current (a) maximum allowable case temperature (c) 50 70 90 110 130 150 0 5 10 15 20 25 3 0 1 8 0 (rect) 1 8 0 (sine) 26mb..a series instantaneous forward voltage (v) instantaneous forward current (a) 1 10 100 1000 0.5 1 1.5 2 2.5 3 3.5 26mb..a series tj = 25c tj = 150c average forward current (a) maximum average forward power loss (w) maximum allowable ambient temperature (c) 0 10 20 30 40 50 0 5 10 15 20 25 1 8 0 (sine) 26mb..a series tj = 150c 1 8 0 (rect) 0 25 50 75 100 125 150 2 k/ w 3 k/ w 4 k/ w 5 k/ w 7 k/ w 10 k/ w rth sa = 1 k/ w - de lta r number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) 100 150 200 250 300 350 400 110100 26mb..a series at any rated load condition and w ith initial tj = 150c @ 60 hz 0.00 8 3 s @ 50 hz 0.0100 s rated v rrm applied follo w ing s u rge 50 150 250 350 450 0.01 0.1 1 maximum non repetitive surge current versus pulse train duration. 26mb..a series initial tj = 150 c no voltage reapplied rated vrrm reapplied peak half sine wave forward current (a) pulse train duration (s)
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93564 4 revision: 17-jun-08 mb high voltage series vishay high power products single phase bridge (power modules), 25 a/35 a fig. 6 - current ratings characteristics fig . 7 - forward voltage drop characteristics fig. 8 - total power loss characteristics fig. 9 - maximum non-repetitive surge current fig. 10 - maximum non-repetitive surge current average forward current (a) maximum allowable case temperature (c) 50 70 90 110 130 150 0 5 10 15 20 25 30 35 40 1 8 0 (rect) 1 8 0 (sine) 36mb..a series instantaneous forward voltage (v) instantaneous forward current (a) 1 10 100 1000 0.5 1 1.5 2 2.5 3 3.5 tj = 25c tj = 150c 36mb..a series average forward current (a) maximum average forward power loss (w) maximum allowable ambient temperature (c) 0 25 50 75 100 125 15 0 1 k/ w 2 k/ w 3 k/ w 4 k/ w 5 k/ w 7 k/ w rthsa = 0.7 k / w - delt a r 0 20 40 60 8 0 0 5 10 15 20 25 30 1 8 0 (sine) 1 8 0 (rect) 36mb..a series tj = 150c 35 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) 100 150 200 250 300 350 400 450 1 10 100 at any rated load condition and w ith rated v rrm applied follo w ing s u rge. initial tj = 150c @ 60 hz 0.00 8 3 s @ 50 hz 0.0100 s 36mb..a series peak half sine wave forward current (a) pulse train duration (s) 100 150 200 250 300 350 400 450 500 0.01 0.1 1 maxim u m n on repetiti v e s u rge c u rrent v ers u s p u lse train d u ration. initial tj = 150c n o v oltage reapplied rated v rrm reapplied 36mb..a series
document number: 93564 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 17-jun-08 5 mb high voltage series single phase bridge (power modules), 25 a/35 a vishay high power products ordering information table circuit configuration 1 - current rating code 3 - voltage code x 10 = v rrm - diode bridge rectifier: a = 26 mb, 36mb series - circuit configuration: mb = single phase european coding 4 2 device code 13 24 36 mb 160 a 26 = 25 a (average) 36 = 35 a (average) + - ~ links to related documents dimensions http://www.vishay.com/doc?95326
document number: 95326 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 07-jul-08 1 d-34 outline dimensions vishay semiconductors dimensions in millimeters (inches) suggested plugging force: 200 n max; axially applied to fast-on terminals not to scale 0.8 0.05 (0.03 0.002) 6.35 0.1 (0.25 0.004) 28.5 0.15 (1.12 0.006) 5.25 0.15 (0.21 0.006) 10.5 0.15 (0.41 0.006) 12.7 0.1 (0.5 0.004) (0.85 ) + 0.039 - 0.020 21.5 + 1.0 - 0.5 9.5 0.5 (0.37 0.020) ~ ~ 20.3 0.15 (0.80 0.006) - + 12.7 0.1 (0.5 0.004) 28.5 0.15 (1.12 0.006)
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of 26MB140A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X