Part Number Hot Search : 
29002 HD74LS1 BCM5248 AQV210 KBJ406G FR3711 FR3711 IAS012YG
Product Description
Full Text Search
 

To Download VNQ60013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2004 1/19 p ? vnq600 quad channel high side solid state relay n dc short circuit current: 25a n cmos compatible inputs n proportional load current sense n undervoltage & overvoltage n shut-down n overvoltage clamp n thermal shut-down n current limitation n very low stand-by power dissipation n protection against: n loss of ground & loss of v cc n reverse battery protection (**) description the vnq600 is a quad hsd formed by assembling two vnd600 chips in the same so-28 package. the vnd600 is a monolithic device designed in | stmicroelectronics vipower m0-3 technology. the vnq600 is intended for driving any type of multiple loads with one side connected to ground. this device has four independent channels and four analog sense outputs which deliver currents proportional to the outputs currents. active current limitation combined with thermal shut-down and automatic restart protect the device against overload. device automatically turns off in case of ground pin disconnection. type r ds(on) (*) i lim v cc vnq600 35m w 25a 36 v (*) per each channel absolute maximum rating (**) see application schematic at page 9. symbol parameter value unit v cc supply voltage (continuous) 41 v -v cc reverse supply voltage (continuous) -0.3 v i out output current (continuous), for each channel 15 a i r reverse output current (continuous), for each channel -15 a i in input current +/- 10 ma v csense current sense maximum voltage -3 +15 v v i gnd ground current at t pins < 25 c (continuous) -200 ma v esd electrostatic discharge (human body model: r=1.5k w; c=100pf) - input - current sense - output - v cc 4000 2000 5000 5000 v v v v e max maximum switching energy (l=0.11mh; r l =0 w ; v bat =13.5v; t jstart =150oc; i l =40a) 126 mj p tot power dissipation (per island) at t lead =25c 6.25 w t j junction operating temperature internally limited c t stg storage temperature -55 to 150 c so-28 (double island) order codes package tube t&r so-28 vnq600 VNQ60013TR rev. 1
2/19 vnq600 block diagram logic undervoltage overvoltage overtemp. 1 overtemp. 2 i lim2 demag 2 k i out2 i lim1 demag 1 k i out1 input 1 input 2 gnd 1,2 v cc 1,2 output 1 current sense 1 output 2 current sense 2 driver 2 driver 1 logic undervoltage overvoltage overtemp. 3 overtemp. 4 i lim4 demag 4 k i out4 i lim3 demag 3 k i out3 input 3 input 4 gnd 3,4 v cc 3,4 output 3 current sense 3 output 4 current sense 4 driver 4 driver 3
3/19 vnq600 current and voltage conventions v cc 1,2 gnd 1,2 input2 input1 current v cc 1,2 v cc 3,4 gnd 3,4 input4 input3 v cc 3,4 sense 1 v cc 3,4 output 3 output 3 output 3 output 4 output 1 output 1 output 1 output 2 v cc 1,2 output 4 output 4 output 2 output 2 current sense 2 current sense 3 current sense 4 1 14 15 28 connection / pin current sense n.c. output input floating x x x to ground through 1k w resistor x through 10k w resistor configuration diagram (top view) & suggested connections for unused and n.c. i s1,2 i gnd1,2 output3 v cc1,2 gnd 1,2 input2 i out3 v cc1,2 v out4 output2 i out2 v out3 input1 i in1 cur. sense1 i sense1 output1 i out1 output4 i out4 v out2 v out1 i in2 i sense2 i sense3 i in4 i sense4 cur. sense2 cur. sense3 cur. sense4 input3 input4 v stat4 v in4 v sense3 v in3 v sense2 i in3 v in2 v sense1 v in1 i gnd3,4 gnd 3,4 i s3,4 v cc3,4 v cc3,4 v f1 (*) (*) v fn = v ccn - v outn during reverse battery condition pins
4/19 vnq600 thermal data (per island) (1) when mounted on a standard single-sided fr-4 board with 0.5cm 2 of cu (at least 35 m m thick) connected to all v cc pins. horizontal mounting and no artificial air flow. (2) when mounted on a standard single-sided fr-4 board with 6cm 2 of cu (at least 35 m m thick) connected to all v cc pins. horizontal mounting and no artificial air flow. electrical characteristics (8v 5/19 vnq600 electrical characteristics (continued) current sense (9v< v cc < 16v) (see figure 3) logic input note 1: v clamp and v ov are correlated. typical difference is 5v. note 2: current sense signal delay after positive input slope. symbol parameter test conditions min typ max unit k 1 i out /i sense i out1 or i out2 =0.5a; v sense =0.5v; other channels open; t j = -40c...150c 3300 4400 6000 dk 1 /k 1 current sense ratio drift i out1 or i out2 =0.35a; v sense =0.5v; other channels open; t j = -40c...150c -10 +10 % k 2 i out /i sense i out1 or i out2 =5a; v sense =4v; other channels open; t j =-40c t j =25c...150c 4200 4400 4900 4900 6000 5750 dk 2 /k 2 current sense ratio drift i out1 or i out2 =2a; v sense =2.5v; other channels open; t j =-40c...150c -6 +6 % k 3 i out /i sense i out1 or i out2 =15a; v sense =4v; other channels open; t j =-40c t j =25c...150c 4200 4400 4900 4900 5500 5250 dk 3 /k 3 current sense ratio drift i out1 or i out2 =15a; v sense =4v; other channels open; t j =-40c...150c -6 +6 % v sense1,2 max analog sense output voltage v cc =5.5v; i out1,2 =2.5a; r sense =10k w v cc >8v, i out1,2 =5a; r sense =10k w 2 4 v v v senseh analog sense output voltage in overtemperature condition v cc =13v; r sense =3.9k w 5.5 v r vsenseh analog sense output impedance in overtemperature condition v cc =13v; t j >t tsd ; all channels open 400 w t dsense current sense delay response to 90% i sense (see note 2) 500 m s symbol parameter test conditions min typ max unit v il low level input voltage 1.25 v v ih high level input voltage 3.25 v v i(hyst) input hysteresis voltage 0.5 v i il input current v in =1.5v 1 m a i in input current v in =3.5v 10 m a v icl input clamp voltage i in =1ma i in = -1ma 6 6.8 -0.7 8v v 2
6/19 vnq600 electrical characteristics (continued) protections (see note 1) note 1: to ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic sig nals must be used together with a proper software strategy. if the device is subjected to abnormal conditions, this software must limit the durat ion and number of activation cycles. truth table (per channel) symbol parameter test conditions min typ max unit i lim dc short circuit current v cc =13v 5.5vt tsd ) v senseh short circuit to v cc l h h h 0 < nominal negative output voltage clamp ll 0
7/19 vnq600 electrical transient requirements figure 1: switching characteristics (resistive load r l =2.6 w ) iso t/r 7637/1 test pulse test levels i test levels ii test levels iii test levels iv test levels delays and impedance 1 -25v -50v -75v -100v 2ms, 10 w 2 +25v +50v +75v +100v 0.2ms, 10 w 3a -25v -50v -100v -150v 0.1 m s, 50 w 3b +25v +50v +75v +100v 0.1 m s, 50 w 4 -4v -5v -6v -7v 100ms, 0.01 w 5 +26.5v +46.5v +66.5v +86.5v 400ms, 2 w iso t/r 7637/1 test pulse test levels result i test levels result ii test levels result iii test levels result iv 1 cc cc 2 cc cc 3a cc cc 3b cc cc 4 cc cc 5 ce ee class contents c all functions of the device are performed as designed after exposure to disturbance. e one or more functions of the device is not performed as designed after exposure and cannot be returned to proper operation without replacing the device. 1 v out dv out /dt (on) t r 80% 10% t f dv out /dt (off) i sense t t 90% t d(off) input t 90% t d(on) t dsense
8/19 vnq600 sense n input n normal operation undervoltage v cc v usd v usdhyst input n overvoltage v cc sense n input n sense n figure 2: waveforms (per each chip) load current n load current n load current n overtemperature input n sense n t tsd t r t j load current n v ov v cc > v ov v cc < v ov short to ground input n load current n sense n load voltage n input n load voltage n sense n load current n 9/19 vnq600 gnd protection network against reverse battery solution 1: resistor in the ground line (r gnd only). this can be used with any type of load. the following is an indication on how to dimension the r gnd resistor. 1) r gnd 600mv / 2(i s(on)max ). 2) r gnd 3 (- v cc ) / (-i gnd ) where -i gnd is the dc reverse ground pin current and can be found in the absolute maximum rating section of the devices datasheet. power dissipation in r gnd (when v cc <0: during reverse battery situations) is: p d = (-v cc ) 2 /r gnd this resistor can be shared amongst several different hsd. please note that the value of this resistor should be calculated with formula (1) where i s(on)max becomes the sum of the maximum on-state currents of the different devices. please note that if the microprocessor ground is not common with the device ground then the r gnd will produce a shift (i s(on)max * r gnd ) in the input thresholds and the status output values. this shift will vary depending on how many devices are on in the case of several high side drivers sharing the same r gnd . if the calculated power dissipation leads to a large resistor or several devices have to share the same resistor then the st suggests to utilize solution 2 (see below). solution 2: a diode (d gnd ) in the ground line. a resistor (r gnd =1k w) should be inserted in parallel to d gnd if the device will be driving an inductive load. this small signal diode can be safely shared amongst several different hsd. also in this case, the presence of the ground network will produce a shift ( j 600mv) in the input threshold and the status output values if the microprocessor ground is not common with the device ground. this shift will not vary if more than one hsd shares the same diode/resistor network. series resistor in input and status lines are also required to prevent that, during battery voltage transient, the current exceeds the absolute maximum rating. safest configuration for unused input and status pin is to leave them unconnected. application schematic v cc1,2 output2 c. sense 1 d ld +5v r prot output1 r sense1,2,3,4 input1 c. sense 2 input2 m c r prot r prot r prot input3 input4 c. sense 3 c. sense 4 d gnd r gnd v gnd gnd1,2 gnd3,4 output3 r prot r prot r prot r prot v cc3,4 output4 note: channels 3 & 4 have the same internal circuit as channel 1 & 2.
10/19 vnq600 load dump protection d ld is necessary (voltage transient suppressor) if the load dump peak voltage exceeds v cc max dc rating. the same applies if the device will be subject to transients on the v cc line that are greater than the ones shown in the iso t/r 7637/1 table. m c i/os protection: if a ground protection network is used and negative transients are present on the v cc line, the control pins will be pulled negative. st suggests to insert a resistor (r prot ) in line to prevent the m c i/os pins to latch-up. the value of these resistors is a compromise between the leakage current of m c and the current required by the hsd i/os (input levels compatibility) with the latch-up limit of m c i/os. -v ccpeak /i latchup r prot (v oh m c -v ih -v gnd ) / i ihmax calculation example: for v ccpeak = - 100v and i latchup 3 20ma; v oh m c 3 4.5v 5k w r prot 65k w . recommended r prot value is 10k w. 0246810121416 3000 3500 4000 4500 5000 5500 6000 6500 min.tj=-40c max.tj=-40c min.tj=25...150c max.tj=25...150c typical value figure 3: i out /i sense versus i out i out /i sense i out (a)
11/19 vnq600 high level input current input clamp voltage off state output current -50 -25 0 25 50 75 100 125 150 175 tc (c) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 iih (ua) vin=3.25v -50 -25 0 25 50 75 100 125 150 175 tc (c) 6 6.2 6.4 6.6 6.8 7 7.2 7.4 7.6 7.8 8 vicl (v) iin=1ma input high level -50 -25 0 25 50 75 100 125 150 175 tc (c) 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 vih (v) input hysteresis voltage input low level -50 -25 0 25 50 75 100 125 150 175 tc (c) 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 vil (v) -50 -25 0 25 50 75 100 125 150 175 tc (c) 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 vhyst (v) -50 -25 0 25 50 75 100 125 150 175 tc (c) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 il(off1) (ua) off state vcc=36v vin=vout=0v
12/19 vnq600 overvoltage shutdown turn-on voltage slope turn-off voltage slope i lim vs t case -50 -25 0 25 50 75 100 125 150 175 tc (c) 30 32 34 36 38 40 42 44 46 48 50 vov (v) -50 -25 0 25 50 75 100 125 150 175 tc (oc) 250 300 350 400 450 500 550 600 650 700 750 dvout/dt(on) (v/ms) vcc=13v rl=2.6ohm -50 -25 0 25 50 75 100 125 150 175 tc (oc) 0 50 100 150 200 250 300 350 400 450 500 dvout/dt(off) (v/ms) vcc=13v rl=2.6ohm on state resistance vs t case on state resistance vs v cc -50 -25 0 25 50 75 100 125 150 175 tc (c) 0 10 20 30 40 50 60 70 80 ilim (a) vcc=13v -75 -50 -25 0 25 50 75 100 125 150 175 tc (c) 0 10 20 30 40 50 60 70 80 90 100 ron (mohm) iout=5a vcc=8v & 36v 5 10152025303540 vcc (v) 0 10 20 30 40 50 60 70 80 ron (mohm) iout=5a tc= 150c tc= 25c tc= - 40c
13/19 vnq600 maximum turn off current versus load inductance a = single pulse at t jstart =150oc b= repetitive pulse at t jstart =100oc c= repetitive pulse at t jstart =125oc conditions: v cc =13.5v values are generated with r l =0 w in case of repetitive pulses, t jstart (at beginning of each demagnetization) of every pulse must not exceed the temperature specified above for curves b and c. v in , i l t demagnetization demagnetization demagnetization 1 10 100 0.001 0.01 0.1 1 10 100 l(mh) i lmax (a) a b c
14/19 vnq600 so-28 double island pc board thermal calculation according to the pcb heatsink area r tha = thermal resistance junction to ambient with one chip on r thb = thermal resistance junction to ambient with both chips on and p dchip1 =p dchip2 r thc = mutual thermal resistance r thj-amb vs. pcb copper area in open box free air condition chip 1 chip 2 t jchip1 t jchip2 note on off r tha x p dchip1 + t amb r thc x p dchip1 + t amb off on r thc x p dchip2 + t amb r tha x p dchip2 + t amb on on r thb x (p dchip1 + p dchip2 ) + t amb r thb x (p dchip1 + p dchip2 ) + t amb p dchip1 =p dchip2 on on (r tha x p dchip1 ) + r thc x p dchip2 + t amb (r tha x p dchip2 ) + r thc x p dchip1 + t amb p dchip1 1 p dchip2 so-28 double island thermal data layout condition of r th and z th measurements (pcb fr4 area= 58mm x 58mm, pcb thickness=2mm, cu thickness=35 m m, copper areas: 0.5cm 2 , 3cm 2 , 6cm 2 ). 10 20 30 40 50 60 70 01 234567 pcb cu he atsink area (cm ^2)/is land rthj_am b (c/w) r tha r thb r thc
15/19 vnq600 thermal fitting model of a four channels hsd in so-28 pulse calculation formula thermal parameter area/island (cm 2 ) 0.5 6 r1=r7=r13=r15 (c/w) 0.05 r2=r8=r14=r16 (c/w) 0.3 r3=r9 (c/w) 3.4 r4=r10 (c/w) 11 r5=r11 (c/w) 15 r6=r12 (c/w) 30 13 c1=c7=c13=c15 (w.s/c) 0.001 c2=c8=c14=c16 (w.s/c) 5.00e-03 c3=c9 (w.s/c) 1.00e-02 c4=c10 (w.s/c) 0.2 c5=c11 (w.s/c) 1.5 c6=c12 (w.s/c) 5 8 r17=r18 (c/w) 150 z th d r th d z thtp 1 d C () + = where d t p t = so-28 thermal impedance junction ambient single pulse 0.01 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 1000 time(s) zth(c/w) 6 cm ^2/is land 3 cm ^2/is land 0,5 cm ^2/is land one channel on two channels on on same chip pd1 c1 r4 c3 c4 r3 r1 r6 r5 r2 c5 c6 c2 pd2 r14 c13 c14 r13 tj_1 tj_2 t_amb pd3 c7 r10 c9 c10 r9 r7 r12 r11 r8 c11 c12 c8 pd4 r16 c15 c16 r15 tj_3 tj_4 r17 r18
16/19 vnq600 dim. mm. inch min. typ max. min. typ. max. a 2.65 0.104 a1 0.10 0.30 0.004 0.012 b 0.35 0.49 0.013 0.019 b1 0.23 0.32 0.009 0.012 c 0.50 0.020 c1 45 (typ.) d 17.7 18.1 0.697 0.713 e 10.00 10.65 0.393 0.419 e 1.27 0.050 e3 16.51 0.650 f 7.40 7.60 0.291 0.299 l 0.40 1.27 0.016 0.050 s 8 (max.) 2 so-28 mechanical data
17/19 vnq600 so-28 tube shipment (no suffix) all dimensions are in mm. base q.ty 28 bulk q.ty 700 tube length ( 0.5) 532 a 3.5 b 13.8 c ( 0.1) 0.6 tape and reel shipment (suffix 13tr) base q.ty 1000 bulk q.ty 1000 a (max) 330 b (min) 1.5 c ( 0.2) 13 f 20.2 g (+ 2 / -0) 16.4 n (min) 60 t (max) 22.4 tape dimensions according to electronic industries association (eia) standard 481 rev. a, feb. 1986 all dimensions are in mm. tape width w 16 tape hole spacing p0 ( 0.1) 4 component spacing p 12 hole diameter d ( 0.1/-0) 1.5 hole diameter d1 (min) 1.5 hole position f ( 0.05) 7.5 compartment depth k (max) 6.5 hole spacing p1 ( 0.1) 2 top cover tape end start no components no components components 500mm min 500mm min empty components pockets saled with cover tape. user direction of feed a c b reel dimensions
18/19 vnq600 1 revision history date revision description of changes jul. 2004 1 - current and voltage convention update (page 3). - configuration diagram (top view) & suggested connections for unused and n.c. pins insertion (page 3). - 6 cm 2 cu condition insertion in thermal data table (page 4). - v cc - output diode section update (page 4). - protections note insertion (page 6). - revision history table insertion (page 18). - disclaimers update (page 19). 1
19/19 vnq600 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this p ublication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicr oelectronics. the st logo is a trademark of stmicroelectronics. all other names are the property of their respective owners ? 2004 stmicroelectronics - printed in italy- all rights reserved. stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states http://www.st.com


▲Up To Search▲   

 
Price & Availability of VNQ60013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X