Part Number Hot Search : 
10013 LT211 74LVC1 A1212 1BS302 V1626 A105K S1N825T
Product Description
Full Text Search
 

To Download TS78M08CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts78m00 series 3-terminal 500ma positive voltage regulator 1/8 version: c12 to - 252 (dpak) general description the ts78m00 series positive voltage regulators are identical to the popular ts7800 series devices, exc ept that they are specified for only half the output current . like the ts7800 devices, the ts78m00 series 3-ter minal regulators are intended for local, on-card voltage regulation. internal current limiting, thermal shutdown circuit ry and safe-area compensation for the internal pass transistor combine to make these devices remarkably rugged und er most operating conditions. maximum output curren t with adequate heatsink is 500ma features output voltage range 5 to 24v output current up to 500ma no external components required internal thermal overload protection internal short-circuit current limiting output transistor safe-area compensation output voltage offered in 4% tolerance standard application circuit a common ground is required between the input and th e output voltages. the input voltage must remain typi cally 2.0v above the output voltage even during the low po int on the input ripple voltage. xx = these two digits of the type number indicate vo ltage. * = cin is required if regulator is located an appr eciable distance from power supply filter. ** = co is not needed for stability; however, it does improve transient response. ordering information part no. package packing ts78m xx cp ro to-252 2.5kpcs / 13 reel note: where xx denote voltage option, available are: 05 =5v, 08 =9v, 09 =9v, 12 =12v, 15 =15v, 18 =18v, 24 =24v absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit input voltage v in * 35 v input voltage v in ** 40 v power dissipation p d internal limited w operating junction temperature t j 0~+125 o c storage temperature range t stg -65~+150 o c thermal resistance - junction to case r ? jc 10 o c/w thermal resistance - junction to ambient r ? ja 100 o c/w note: * ts78m05 to ts78m18 ** ts78m24 *** follow the derating curve pin definition : 1. input 2. ground (tab) 3. output
ts78m00 series 3-terminal 500ma positive voltage regulator 2/8 version: c12 ts78m05 electrical characteristics (vin=10v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 4.80 5 5.20 v 7.5v vin 20v, 5ma iout 350ma 4.75 5 5.25 line regulation regline tj=25 o c 7.5v vin 25v -- 3 100 mv 8v vin 12v -- 1 50 load regulation regload tj=25 o c 5ma iout 500ma -- 15 100 5ma iout 200ma -- 5 50 quiescent current iq iout=0, tj=25 o c -- 3 6 ma quiescent current change ? iq 7.5v vin 25v -- -- 0.8 5ma iout 350ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 40 -- v ripple rejection ratio rr f=120hz, 8v vin 18v 62 78 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 17 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout= 5ma, 0 o c tj 125 o c -- -0.2 -- mv/ o c ts78m08 electrical characteristics vin=14v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 7.69 8 8.32 v 10.5v vin 23v, 5ma iout 350ma 7.61 8 8.40 line regulation regline tj=25 o c 10.5v vin 25v -- 6 160 mv 11v vin 17v -- 2 80 load regulation regload tj=25 o c 5ma iout 500ma -- 12 160 5ma iout 200ma -- 4 80 quiescent current iq iout=0, tj=25 o c -- 3 6 ma quiescent current change ? iq 10.5v vin 25v -- -- 0.8 5ma iout 350ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 52 -- v ripple rejection ratio rr f=120hz, 11v vin 21v 56 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 16 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout= 5ma, 0 o c tj 125 o c -- -0.2 -- mv/ o c  pulse testing techniques are used to maintain the junction temperature as close to the ambient temper ature as possible, and thermal effects must be taken into ac count separately.  this specification applies only for dc power dissi pation permitted by absolute maximum ratings.
ts78m00 series 3-terminal 500ma positive voltage regulator 3/8 version: c12 ts78m09 electrical characteristics (vin=15v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 8.65 9 9.36 v 11.5v vin 23v, 5ma iout 350ma 8.57 9 9.45 line regulation regline tj=25 o c 11.5v vin 26v -- 6 180 mv 12v vin 17v -- 2 90 load regulation regload tj=25 o c 5ma iout 500ma -- 12 180 5ma iout 200ma -- 4 90 quiescent current iq iout=0, tj=25 o c -- 3 6 ma quiescent current change ? iq 11.5v vin 26v -- -- 0.8 5ma iout 350ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 52 -- uv ripple rejection ratio rr f=120hz, 12v vin 22v 55 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 16 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout= 5ma, 0 o c tj 125 o c -- -0.2 -- mv/ o c ts78m12 electrical characteristics (vin=19v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 11.53 12 12.48 v 14.5v vin 27v, 5ma iout 350ma 11.42 12 12.60 line regulation regline tj=25 o c 14.5v vin 30v -- 10 240 mv 15v vin 19v -- 3 120 load regulation regload tj=25 o c 5ma iout 500ma -- 12 240 5ma iout 200ma -- 4 120 quiescent current iq tj=25 o c, iout=0 -- 3 6 ma quiescent current change ? iq 14.5v vin 30v -- -- 0.8 5ma iout 500ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 75 -- uv ripple rejection ratio rr f=120hz, 15v vin 25v 55 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 18 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout=5ma, 0 o c tj 125 o c -- -0.3 -- mv/ o c  pulse testing techniques are used to maintain the junction temperature as close to the ambient temper ature as possible, and thermal effects must be taken into ac count separately.  this specification applies only for dc power dissi pation permitted by absolute maximum ratings.
ts78m00 series 3-terminal 500ma positive voltage regulator 4/8 version: c12 ts78m15 electrical characteristics (vin=23v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 14.42 15 15.60 v 17.5v vin 30v, 5ma iout 350ma 14.28 15 15.75 line regulation regline tj=25 o c 17.5v vin 30v -- 12 300 mv 18v vin 22v -- 3 150 load regulation regload tj=25 o c 5ma iout 500ma -- 12 300 5ma iout 200ma -- 4 150 quiescent current iq tj=25 o c, iout=0 -- 3 6 ma quiescent current change ? iq 17.5v vin 30v -- -- 0.8 5ma iout 500ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 90 -- v ripple rejection ratio rr f=120hz, 18v vin 28v 54 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 19 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout=10ma, 0 o c tj 125 o c -- -0.3 -- mv/ o c ts78m18 electrical characteristics (vin=24v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 17.30 18 18.72 v 21v vin 33v, 5ma iout 350ma 17.14 18 18.90 line regulation regline tj=25 o c 21v vin 33v -- 15 360 mv 22v vin 26v -- 5 180 load regulation regload tj=25 o c 5ma iout 500ma -- 12 360 5ma iout 200ma -- 4 180 quiescent current iq tj=25 o c, iout=0 -- 3 6 ma quiescent current change ? iq 21v vin 33v -- -- 0.8 5ma iout 500ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 110 -- uv ripple rejection ratio rr f=120hz, 21v vin 31v 54 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 22 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout= 5ma, 0 o c tj 125 o c -- -0.5 -- mv/ o c  pulse testing techniques are used to maintain the junction temperature as close to the ambient temper ature as possible, and thermal effects must be taken into ac count separately.  this specification applies only for dc power dissi pation permitted by absolute maximum ratings.
ts78m00 series 3-terminal 500ma positive voltage regulator 5/8 version: c12 ts78m24 electrical characteristics vin=33v, iout=350ma, 0 o c tj 125 o c, cin=0.33uf, cout=0.1uf; unless otherwise specifi ed.) parameter symbol test condition min typ max unit output voltage vout tj=25 o c 23.07 24 24.96 v 27v vin 38v, 5ma iout 350ma 22.85 24 25.20 line regulation regline tj=25 o c 27v vin 38v -- 18 480 mv 28v vin 32v -- 6 240 load regulation regload tj=25 o c 5ma iout 500ma -- 12 480 5ma iout 200ma -- 4 240 quiescent current iq iout=0, tj=25 o c -- 3 6 ma quiescent current change ? iq 27v vin 38v -- -- 0.8 5ma iout 500ma -- -- 0.5 output noise voltage vn 10hz f 100khz, tj=25 o c -- 170 -- v ripple rejection ratio rr f=120hz, 27v vin 37v 54 80 -- db voltage drop vdrop iout=500ma, tj=25 o c -- 2 -- v output resistance rout f=1khz -- 28 -- m w output short circuit current ios tj=25 o c -- 50 -- ma peak output current io peak tj=25 o c -- 0.7 -- a temperature coefficient of output voltage ? vout/ ? tj iout= 5ma, 0 o c tj 125 o c -- -0.5 -- mv/ o c  pulse testing techniques are used to maintain the junction temperature as close to the ambient temper ature as possible, and thermal effects must be taken into ac count separately.  this specification applies only for dc power dissi pation permitted by absolute maximum ratings.
ts78m00 series 3-terminal 500ma positive voltage regulator 6/8 version: c12 electrical characteristics curve figure 1. bias current vs. input voltage figure 2. dropout voltage vs. junction temperature figure 3. bias current vs. output current figure 4. ripple rejection vs. frequency figure 6. peak output current vs. dropout voltage
ts78m00 series 3-terminal 500ma positive voltage regulator 7/8 version: c12 to-252 mechanical drawing marking diagram xx = output voltage ( 05 =5v, 08 =8v, 09 =9v, 12 =12v, 15 =15v, 18 =18v, 24 =24v) y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code cp = package code for to -252 to-252 dimension dim millimeters inches min max min max a 2.3bsc 0.09bsc a1 4.6bsc 0.18bsc b 6.80 7.20 0.268 0.283 c 5.40 5.60 0.213 0.220 d 6.40 6.65 0.252 0.262 e 2.20 2.40 0.087 0.094 f 0.00 0.20 0.000 0.008 g 5.20 5.40 0.205 0.213 g1 0.75 0.85 0.030 0.033 g2 0.55 0.65 0.022 0.026 h 0.35 0.65 0.014 0.026 i 0.90 1.50 0.035 0.059 j 2.20 2.80 0.087 0.110 k 0.50 1.10 0.020 0.043 l 0.90 1.50 0.035 0.059 m 1.30 1.70 0.051 0.67
ts78m00 series 3-terminal 500ma positive voltage regulator 8/8 version: c12 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TS78M08CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X