Part Number Hot Search : 
SN54L MAX15012 D2030 LM4040 166TQC W83977EF IRFP260P V603ME19
Product Description
Full Text Search
 

To Download TGS2313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 key features ? 4-18 ghz high isolation sp3t ? 1.0 db typical insertion loss ? 35 db nominal isolation ? 12 db typical return loss ? on-chip bias network ? dc blocked at rf ports ? chip dimensions: 2.16 x 2.16 x 0.10 mm (0.085 x 0.085 x 0.004 in) primary applications ? ew receivers ? radar ? communications systems measured fixtured data icontrol = 20ma product description the triquint TGS2313 is a 4-18 ghz single pole triple throw (sp3t) switch. this part is design ed using triquint?s proven standard vpin production process. the TGS2313 provides a nominal 1.0 db insertion loss, 12 db return loss, and 35 db isolation. the TGS2313 integrates dc blocking capacitors on all ports and includes decoupled dc bias pad s to reduce the number of off-chip components. the part is ideally suited for ew receivers, radar, and communication systems. evaluation boards are available upon request. lead-free and rohs compliant. -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 4 6 8 1012141618 frequency (ghz) insertion loss (db) -70 -60 -50 -40 -30 -20 -10 0 4 6 8 1012141618 frequency (ghz) isolation (db) datasheet subject to change without notice. 4 - 18 ghz vpin sp3t switch TGS2313
TGS2313 2 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 table i maximum ratings symbol parameter 1/ value notes v + positive supply voltage +3 v 2/, 3/ v - negative supply voltage -3 v i + positive supply current (quiescent) 22 ma 2/ 3 / p in input continuous wave power 24 dbm 3 / p d power dissipated 0.45 w 3 /4 / t m mounting temperature (30 seconds) 320 0 c t stg storage temperature -65 to 150 0 c 1 / these ratings represent the maximum operable values for this device. 2 / v + max and i + max are both per bias pad. 3 / combinations of supply voltage, supply current, input power, and output power shall not exceed p d . 4 / when operated at this bias condition with a base plate temperature of 70 0 c, the median life is reduced to tbd hours. table ii function table state rf-a rf-b rf-c icontrol- a icontrol- b icontrol- c 1 low- loss isolated isolated +20 ma -20ma -20ma 2 isolated low- loss isolated -20ma +20 ma -20ma 3 isolated isolated low- loss -20ma -20ma +20 ma
TGS2313 3 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 table iii rf characterization table (t a = 25 c, nominal) icontrol = 20ma parameter through path identification test condition nominal units insertion loss rf input to rf output a f = 4 ? 18 ghz 1.0 db isolation rf input to rf output b rf input to rf output c f = 4 ? 18 ghz 35 db input return loss rf input to rf output a rf input to rf output b rf input to rf output c f = 4 ? 18 ghz 12 db output return loss rf input to rf output a rf input to rf output b rf input to rf output c f = 4 ? 18 ghz 12 db
TGS2313 4 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 measured fixtured data bias conditions: icontrol = 20 ma -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 2 4 6 8 10 12 14 16 18 20 22 24 frequency (ghz) insertion loss (db) -70 -60 -50 -40 -30 -20 -10 0 2 4 6 8 10 12 14 16 18 20 22 24 frequency (ghz) isolation (db)
TGS2313 5 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 measured fixtured data bias conditions: icontrol = 20 ma -35 -30 -25 -20 -15 -10 -5 0 2 4 6 8 1012141618202224 frequency (ghz) return loss (db) input output -2 -1.8 -1.6 -1.4 -1.2 -1 -0.8 -0.6 -0.4 -0.2 0 10 12 14 16 18 20 22 24 input power (dbm) insertion loss (dbm) 4 ghz 8 ghz 12 ghz
TGS2313 6 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 equivalent schematic rf output c rf ou tpu t a icontrol a icontrol c rf input rf output b icontrol b
TGS2313 7 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 mechanical drawing tqs 2006
TGS2313 8 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 assembly drawing gaas mmic devices are susceptible to damage from electrostatic discharge. pr oper precautions should be observed during handling, assembly and test. note: 20ma control lines (icontrol_a, icontrol_b, icontrol_c) use on-chip resistors for diode current control. rf c icontrol_a icontrol_b icontrol_c rf b rf in rf a tqs 2006
TGS2313 9 triquint semiconductor texas: www.triquint.com phone (972)994-8465 fax (972)994-8504 info-mmw@tqs.com may 2008 assembly process notes gaas mmic devices are susceptible to damage from electrostatic discharge. proper precautions should be observed during handling, assembly and test. reflow process assembly notes: ? use ausn (80/20) solder with limited ex posure to temperatures at or above 300 c for 30 sec . ? an alloy station or conveyor furnace with reducing atmosphere should be used. ? no fluxes should be utilized. ? coefficient of thermal expansion matching is critical for long-term reliability. ? devices must be stored in a dry nitrogen atmosphere. component placement and adhesive attachment assembly notes: ? vacuum pencils and/or vacuum collets are the preferred method of pick up. ? air bridges must be avoided during placement. ? the force impact is critical during auto placement. ? organic attachment can be used in low-power applications. ? curing should be done in a convection oven; proper exhaust is a safety concern. ? microwave or radiant curing should not be used because of differential heating. ? coefficient of thermal expansion matching is critical. interconnect process assembly notes: ? thermosonic ball bonding is the preferred interconnect technique. ? force, time, and ultrasonics are critical parameters. ? aluminum wire should not be used. ? discrete fet devices with small pad sizes should be bonded with 0.0007-inch wire. ? maximum stage temperature is 200 c.


▲Up To Search▲   

 
Price & Availability of TGS2313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X