filename: tfs 243e.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 243e 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 350 ? || -3,8 pf output: 350 ? || -3,8 pf ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the tfs 243e is the mini mum of the pass band attenuation a min . the minimum of the pass band attenuation a min is defined as the insertion loss a e . the centre frequency f c is the arithmetic mean v a lue of the upper and low e r frequencies at the db filter attenuation lev e l relativ e to the insertion loss a e . the nominal frequency f n is fix ed at 243,0 mhz w i thout any tole rance. the giv en v a lues for both the relativ e attenuation a rel and the group delay ripple hav e to be achiev ed at the frequencies giv en below ev en if the centre frequency f c is shifted due to the temperature coefficient of frequency tc f in the operating temperature range and due to a production tolerance for the centre frequency f c . d a t a ty p. v a lue tolerance / limit insertion loss a e 1 , 3 5 d b m a x . 2 , 5 d b (reference level) nominal frequency f n - 2 4 3 , 0 m h z passband p b f n 25 khz pass band ripple 0 , 1 5 d b m a x . 0 , 5 d b bandw idth b w 0,5 db - min. 25 khz 3 db 440 khz - relativ e attenuation a rel f n 0 , 5 0 m h z ? f n 1 , 0 0 mhz 1 5 d b m i n . 7 d b f n 1 , 0 0 m h z ? f n 3 , 0 0 mhz 3 0 d b m i n . 2 5 d b f n 3 , 0 0 m h z ? f n 5 , 0 0 mhz 3 7 d b m i n . 2 5 d b f n 5 , 0 0 m h z ? f n 8 , 0 0 mhz 4 3 d b m i n . 2 5 d b f n 8 , 0 0 m h z ? f n 2 0 , 0 0 mhz 4 8 d b m i n . 4 0 d b input pow er lev e l - max. 15 dbm operating temperature range otr - - 40 c ... + 85c storage temperature range - - 45 c ... + 90c temperature coefficient of frequency t c f ** -0,032 ppm/k 2 *) the terminating impedances depend on paras itics and q-v a lues of matching element s and the board used, and are to be understo od as reference v a lues only . should there be additional ques tions do not hesitate to ask for an applic ation note or contac t our design team. **) ? f(h z ) = t c f (ppm/k 2 ) x (t-t 0 ) 2 x f cat (mhz). ge ne ra te d: ch ecked / a p p r o v ed : vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 243e.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 243e 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m f ilter ch aracteristic 23 0 23 5 240 24 5 250 25 5 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r eq uen c y in m h z m a gni t u d e i n db 242. 8 2 42. 85 2 42. 9 24 2. 9 5 243 243. 05 243. 1 243. 15 2 43. 2 24 3. 2 5 -5 -4. 5 -4 -3. 5 -3 -2. 5 -2 -1. 5 -1 -0. 5 0 f r equenc y i n m h z m agni t ude i n db cons truc tion a nd pin c onne c t ion (all dimensions in mm) 2 m a x . 1 5, 2 m a x . 7, 2 m a x . 1 0, 8 0 2 , 5 4 0 ,2 2 , 54 0 , 2 3 1 da t e c o d e date code: y ear + w eek u 2006 v 2007 w 2008 ... 1 input 2 ground 3 ground 4 ground 5 ground 6 ground 7 output 8 ground 9 ground 10 ground 11 ground 12 ground s 243e u08 50 ? t est circu i t l1 sa w l2 2, 3, 4, 5, 6, 8, 9, 10, 11, 12 7 1 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 243e.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 243e 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m stability characteristics, reliability after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packin g tape & reel: iec 286 ? 3, w i th exception of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff di r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 16,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 7,50 0,1 g(min) : 0,60 p2 : 2,00 0,1 p1 : 8,00 0,1 d1(min) : 1,50 a o : 5,50 0,1 bo : 7,50 0,1 ct : 13,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 16,4 +2/-0 w 2 (max ) : 22,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 243e.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 243e 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 243e.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 243e 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m history ve rs ion re a s on of cha nge s name date 1.0 - generation of development specification strehl 2 7 . 0 7 . 2 0 0 5 1.1 - add bandw idth@1db strehl 30.08.2005 1.2 - generation of filter specification and add of ty pical values sabah 27.10.2005 1.3 - change insertion loss, bandw idth and relative attenuation strehl 08.02.2006 - change stability characteristics 1.4 - correct relative attenuation strehl 16.02.2006 1.5 - correct filter characteristic strehl 21.02.2006 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
|